Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C1608X5R1C225M Datasheet(PDF) 11 Page - International Rectifier

Part # C1608X5R1C225M
Description  Dual output, 6A/Phase, Highly Integrated SupIRBuck
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

C1608X5R1C225M Datasheet(HTML) 11 Page - International Rectifier

Back Button C1608X5R1C225M Datasheet HTML 7Page - International Rectifier C1608X5R1C225M Datasheet HTML 8Page - International Rectifier C1608X5R1C225M Datasheet HTML 9Page - International Rectifier C1608X5R1C225M Datasheet HTML 10Page - International Rectifier C1608X5R1C225M Datasheet HTML 11Page - International Rectifier C1608X5R1C225M Datasheet HTML 12Page - International Rectifier C1608X5R1C225M Datasheet HTML 13Page - International Rectifier C1608X5R1C225M Datasheet HTML 14Page - International Rectifier C1608X5R1C225M Datasheet HTML 15Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 51 page
background image
IR3892
11
www.irf.com
© 2013 International Rectifier
August 02, 2013
TYPICAL EFFICIENCY AND POWER LOSS CURVES
PVin = 5V, Vcc = 5V, Io=0-6A, Fs = 600kHz, Room Temperature, No Air Flow. Note that the losses of the
inductor, input and output capacitors are also considered in the efficiency and power loss curves. The table
below shows the indicator used for each of the output voltages in the efficiency measurement while running a
single channel and disabling the other.
VOUT (V)
LOUT (uH)
P/N
DCR (mΩ)
1.0
0.68
PCMB065T-R65MS (Cyntec)
3.9
1.2
0.82
SPM6550T-R82M (TDK)
4.2
1.8
0.82
SPM6550T-R82M (TDK)
4.2
3.3
1.0
SPM6550T-1R0M100A (TDK)
4.7
74
76
78
80
82
84
86
88
90
92
94
96
98
0123
456
Iout(A)
1.0Vout
1.2Vout
1.8Vout
3.3 Vout
 
 
0.0
0.5
1.0
1.5
2.0
012
3456
Iout(A)
1.0Vout
1.2Vout
1.8Vout
3.3 Vout


Similar Part No. - C1608X5R1C225M

ManufacturerPart #DatasheetDescription
logo
International Rectifier
C1608X5R1C225M IRF-C1608X5R1C225M Datasheet
2Mb / 43P
   12A HIGHLY INTERGRATED SUPLRBUCK
C1608X5R1C225M IRF-C1608X5R1C225M Datasheet
2Mb / 45P
   12A Highly Integrated SupIRBuck Single?륤nput Voltage
C1608X5R1C225M IRF-C1608X5R1C225M Datasheet
2Mb / 43P
   16A HIGHLY INTERGRATED SUPLRBUCK
C1608X5R1C225M IRF-C1608X5R1C225M Datasheet
2Mb / 45P
   16A Highly Integrated SupIRBuck
C1608X5R1C225M IRF-C1608X5R1C225M Datasheet
2Mb / 45P
   4A HIGHLY INTEGRATED SUPLRBUCK
More results

Similar Description - C1608X5R1C225M

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR3898 IRF-IR3898_13 Datasheet
3Mb / 46P
   6A Highly Integrated SupIRBuck
IR3891 IRF-IR3891 Datasheet
1Mb / 47P
   Dual output, 4A/Phase, Highly Integrated SupIRBuck
IR3473 IRF-IR3473 Datasheet
909Kb / 22P
   6A Highly Integrated SupIRBuck Input Voltage Range: 3V to 27V
IR3895 IRF-IR3895_13 Datasheet
2Mb / 45P
   16A Highly Integrated SupIRBuck
IR3827 IRF-IR3827 Datasheet
2Mb / 44P
   6A Highly Integrated SupIRBuck Single-Input Voltage, Synchronous Buck Regulator
IR3899 IRF-IR3899_13 Datasheet
2Mb / 45P
   9A Highly Integrated SupIRBuck Single.Input Voltage
IR3476 IRF-IR3476 Datasheet
1Mb / 21P
   12A Highly Integrated SupIRBuck IR3476 TM
IR3894 IRF-IR3894_13 Datasheet
2Mb / 45P
   12A Highly Integrated SupIRBuck Single?륤nput Voltage
IR3897 IRF-IR3897_13 Datasheet
2Mb / 47P
   4A Highly Integrated SupIRBuck Single?륤nput Voltage
IR3475 IRF-IR3475 Datasheet
922Kb / 22P
   10A Highly Integrated SupIRBuck Constant On.Time Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com