Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMR324G-TR Datasheet(PDF) 5 Page - Rohm

Part # LMR324G-TR
Description  Ground sense Low Power General Purpose Operational amplifiers
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

LMR324G-TR Datasheet(HTML) 5 Page - Rohm

  LMR324G-TR Datasheet HTML 1Page - Rohm LMR324G-TR Datasheet HTML 2Page - Rohm LMR324G-TR Datasheet HTML 3Page - Rohm LMR324G-TR Datasheet HTML 4Page - Rohm LMR324G-TR Datasheet HTML 5Page - Rohm LMR324G-TR Datasheet HTML 6Page - Rohm LMR324G-TR Datasheet HTML 7Page - Rohm LMR324G-TR Datasheet HTML 8Page - Rohm LMR324G-TR Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 41 page
background image
Datasheet
www.rohm.com
TSZ02201-0RAR1G200560-1-2
© 2012 ROHM Co., Ltd. All rights reserved.
5/38
30.NOV.2012 Rev.001
TSZ22111・15・001
LMR321G, LMR358xxx, LMR324xxx
●Electrical Characteristics
○LMR321 (Unless otherwise specified VDD=+5V, VSS=0V)
Parameter
Symbol
Temperature
Range
Limits
Unit
Condition
Min.
Typ.
Max.
Input Offset Voltage
*11
Vio
25℃
-
0.1
4
mV
VDD=2.7V to 5V
Full range
-
-
5
Input Offset Voltage drift
△Vio/△T
25℃
-
3
-
µV/℃
-
Input Offset Current
*11
Iio
25℃
-
5
50
nA
-
Input Bias Current
*11
Ib
25℃
-
15
100
nA
-
Supply Current
*12
IDD
25℃
-
107
180
μA
VDD=2.7V, Av=0dB
VIN=0.95V
Full range
-
-
260
25℃
-
130
200
VDD=5V, Av=0dB
VIN=2.1V
Full range
-
-
280
Maximum Output
Voltage(High)
VOH
25℃
VDD-0.1 VDD-0.04
-
V
RL=2k
Ω to 2.5V
Maximum Output
Voltage(Low)
VOL
25℃
-
VSS+0.08 VSS+0.16
V
RL=2k
Ω to 2.5V
Large Signal Voltage Gain
Av
25℃
78
110
-
dB
RL=2k
Input Common-mode
Voltage Range
Vicm
25℃
0
-
4.2
V
VSS to VDD-0.8V
Common-mode
Rejection Ratio
CMRR
25℃
65
90
-
dB
-
Power Supply
Rejection Ratio
PSRR
25℃
65
90
-
dB
-
Output Source Current
*13
Isource
25℃
6
13
-
mA
OUT=VDD-0.4V
-
70
-
OUT=0V, short current
Output Sink Current
*13
Isink
25℃
30
60
-
mA
OUT=VSS+0.4V
-
180
-
OUT=5V, short current
Slew Rate
SR
25℃
-
1.0
-
V/
μs
CL=25pF
Unity Band width
fT
25℃
-
2
-
MHz
CL=25pF, Av=40dB
-
1
-
CL=200pF
Gain Band Width
GBW
25℃
-
3
-
MHz
f=100kHz
Phase Margin
θ
25℃
-
45
-
deg
CL=25pF, Av=40dB
Gain Margin
GM
25℃
-
10
-
dB
-
Input Referred Noise
Voltage
Vn
25℃
-
5.5
-
µVrms
Av=40dB
-
39
-
nV/(Hz)
1/2
Av=40dB, f=1kHz
Total Harmonic Distortion
+ Noise
THD+N
25℃
-
0.0015
-
%
OUT=0.4VP-P
f=1kHz
*11
Absolute value
*12
Full range: LMR321: Ta=-40℃ to +85℃
*13
Under the high temperature environment, consider the power dissipation of IC when selecting the output current.
When the terminal short circuits are continuously output, the output current is reduced to climb to the temperature inside IC.


Similar Part No. - LMR324G-TR

ManufacturerPart #DatasheetDescription
logo
Rohm
LMR324 ROHM-LMR324 Datasheet
708Kb / 41P
   Ground Sense Low Power General Purpose Operational Amplifiers
LMR324F ROHM-LMR324F Datasheet
708Kb / 41P
   Ground Sense Low Power General Purpose Operational Amplifiers
LMR324FJ ROHM-LMR324FJ Datasheet
708Kb / 41P
   Ground Sense Low Power General Purpose Operational Amplifiers
LMR324FV ROHM-LMR324FV Datasheet
708Kb / 41P
   Ground Sense Low Power General Purpose Operational Amplifiers
LMR324FVJ ROHM-LMR324FVJ Datasheet
708Kb / 41P
   Ground Sense Low Power General Purpose Operational Amplifiers
More results

Similar Description - LMR324G-TR

ManufacturerPart #DatasheetDescription
logo
Rohm
LMR321G ROHM-LMR321G Datasheet
708Kb / 41P
   Ground Sense Low Power General Purpose Operational Amplifiers
BD1321G ROHM-BD1321G Datasheet
522Kb / 22P
   Ground Sense Low Power General Purpose Operational Amplifiers
LMR821G ROHM-LMR821G Datasheet
449Kb / 21P
   Low Power Ground Sense Operational Amplifiers
BA10324AF-E2 ROHM-BA10324AF-E2 Datasheet
558Kb / 26P
   Ground Sense Operational Amplifiers
BA10358F-E2 ROHM-BA10358F-E2_13 Datasheet
644Kb / 48P
   Ground Sense Operational Amplifiers
BA10358F-E2 ROHM-BA10358F-E2_14 Datasheet
1Mb / 56P
   Ground Sense Operational Amplifiers
BA10358FV-E2 ROHM-BA10358FV-E2 Datasheet
558Kb / 26P
   Ground Sense Operational Amplifiers
BA2904F-E2 ROHM-BA2904F-E2 Datasheet
558Kb / 26P
   Ground Sense Operational Amplifiers
LM358F-E2 ROHM-LM358F-E2 Datasheet
1Mb / 48P
   Ground Sense Operational Amplifiers
01.Aug.2016 Rev.005
BA10358F-E2 ROHM-BA10358F-E2 Datasheet
554Kb / 26P
   Ground Sense Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com