Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EEV-FK1E331P Datasheet(PDF) 7 Page - International Rectifier

Part # EEV-FK1E331P
Description  Dual output, 6A/Phase, Highly Integrated SupIRBuck
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

EEV-FK1E331P Datasheet(HTML) 7 Page - International Rectifier

Back Button EEV-FK1E331P Datasheet HTML 3Page - International Rectifier EEV-FK1E331P Datasheet HTML 4Page - International Rectifier EEV-FK1E331P Datasheet HTML 5Page - International Rectifier EEV-FK1E331P Datasheet HTML 6Page - International Rectifier EEV-FK1E331P Datasheet HTML 7Page - International Rectifier EEV-FK1E331P Datasheet HTML 8Page - International Rectifier EEV-FK1E331P Datasheet HTML 9Page - International Rectifier EEV-FK1E331P Datasheet HTML 10Page - International Rectifier EEV-FK1E331P Datasheet HTML 11Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 51 page
background image
IR3892
7
www.irf.com
© 2013 International Rectifier
August 02, 2013
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNIT
Oscillator
Rt Voltage
Vrt
1.0
V
Frequency Range
Fs
Rt = 80.6K
270
300
330
kHz
Rt = 39.2K
540
600
660
Rt = 23.2K, Note 4
900
1000
1100
Ramp Amplitude
Vramp
Vin = 6.8V, Vin slew rate
max = 1V/μs, Note 4
1.02
Vp-p
Vin = 12V, Vin slew rate
max = 1V/μs, Note 4
1.80
Vin = 21V, Vin slew rate
max = 1V/μs, Note 4
3.15
Vcc=Vin = 5V, For
external Vcc operation,
Note 4
0.75
Min Pulse Width
Tmin(ctrl)
Note 4
60
ns
Max Duty Cycle
Dmax
Fs = 300kHz,
Vin=Pvin=12V
86
%
Fixed Off Time
Toff
Note 4
200
250
ns
Sync Frequency Range
Fsync
270
1100
kHz
Sync Pulse Duration
Tsync
100
200
ns
Sync Level Threshold
High
3
V
Low
0.6
Error Amplifier
Seq Input Offset
Voltage
Vos_VSeq
VSeq – Vfb;
VSeq=250mV
-3
+3
%
Input Bias Current
IFb(E/A)
-200
+200
nA
Seq Input impedance
Rin_Seq(E/A)
Internal Seq pull-up
resistor
300
kΩ
Sink Current
Isink(E/A)
0.4
0.85
1.2
mA
Source Current
Isource(E/A)
3
4
7
mA
Slew Rate
SR
Note 4
7
12
20
V/µs
Gain-Bandwidth
Product
GBWP
Note 4
20
30
40
MHz
DC Gain
Gain
Note 4
80
90
110
dB
Maximum Voltage
Vmax(E/A)
1.7
2
2.3
V
Minimum Voltage
Vmin(E/A)
120
220
mV
Vseq Common Mode
Voltage
0
0.77
V


Similar Part No. - EEV-FK1E331P

ManufacturerPart #DatasheetDescription
logo
International Rectifier
EEV-FK1E331P IRF-EEV-FK1E331P Datasheet
2Mb / 43P
   12A HIGHLY INTERGRATED SUPLRBUCK
EEV-FK1E331P IRF-EEV-FK1E331P Datasheet
1Mb / 36P
   HIGHLY INTEGRATED 14A SINGLE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
EEV-FK1E331P IRF-EEV-FK1E331P Datasheet
1,010Kb / 35P
   HIGHLY EFFICIENT INTEGRATED 6A, SYNCHRONOUS BUCK REGULATOR
EEV-FK1E331P IRF-EEV-FK1E331P Datasheet
2Mb / 43P
   16A HIGHLY INTERGRATED SUPLRBUCK
EEV-FK1E331P IRF-EEV-FK1E331P Datasheet
1Mb / 35P
   HIGHLY INTEGRATED 10A SINGLE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
More results

Similar Description - EEV-FK1E331P

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR3898 IRF-IR3898_13 Datasheet
3Mb / 46P
   6A Highly Integrated SupIRBuck
IR3891 IRF-IR3891 Datasheet
1Mb / 47P
   Dual output, 4A/Phase, Highly Integrated SupIRBuck
IR3473 IRF-IR3473 Datasheet
909Kb / 22P
   6A Highly Integrated SupIRBuck Input Voltage Range: 3V to 27V
IR3895 IRF-IR3895_13 Datasheet
2Mb / 45P
   16A Highly Integrated SupIRBuck
IR3827 IRF-IR3827 Datasheet
2Mb / 44P
   6A Highly Integrated SupIRBuck Single-Input Voltage, Synchronous Buck Regulator
IR3899 IRF-IR3899_13 Datasheet
2Mb / 45P
   9A Highly Integrated SupIRBuck Single.Input Voltage
IR3476 IRF-IR3476 Datasheet
1Mb / 21P
   12A Highly Integrated SupIRBuck IR3476 TM
IR3894 IRF-IR3894_13 Datasheet
2Mb / 45P
   12A Highly Integrated SupIRBuck Single?륤nput Voltage
IR3897 IRF-IR3897_13 Datasheet
2Mb / 47P
   4A Highly Integrated SupIRBuck Single?륤nput Voltage
IR3475 IRF-IR3475 Datasheet
922Kb / 22P
   10A Highly Integrated SupIRBuck Constant On.Time Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com