Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B72205S0171K101 Datasheet(PDF) 11 Page - EPCOS

Part # B72205S0171K101
Description  SIOV metal oxide varistors
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B72205S0171K101 Datasheet(HTML) 11 Page - EPCOS

Back Button B72205S0171K101 Datasheet HTML 7Page - EPCOS B72205S0171K101 Datasheet HTML 8Page - EPCOS B72205S0171K101 Datasheet HTML 9Page - EPCOS B72205S0171K101 Datasheet HTML 10Page - EPCOS B72205S0171K101 Datasheet HTML 11Page - EPCOS B72205S0171K101 Datasheet HTML 12Page - EPCOS B72205S0171K101 Datasheet HTML 13Page - EPCOS B72205S0171K101 Datasheet HTML 14Page - EPCOS B72205S0171K101 Datasheet HTML 15Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 36 page
background image
11
11/07
Please read Cautions and warnings and
Important notes at the end of this document.
B72210S0511K101
S10K510
510
670
2500
55.0
0.40
B72214S0511K101
S14K510
510
670
4500
110.0
0.60
B72220S0511K101
S20K510
510
670
6500
190.0
1.00
B72210S0551K101
S10K550
550
745
2500
60.0
0.40
B72214S0551K101
S14K550
550
745
4500
120.0
0.60
B72220S0551K101
S20K550
550
745
6500
210.0
1.00
B72210S0621K101
S10K625
625
825
2500
68.0
0.40
B72214S0621K101
S14K625
625
825
4500
130.0
0.60
B72220S0621K101
S20K625
625
825
6500
230.0
1.00
B72210S0681K101
S10K680
680
895
2500
72.0
0.40
B72214S0681K101
S14K680
680
895
4500
140.0
0.60
B72220S0681K101
S20K680
680
895
6500
250.0
1.00
B72214S0102K101
S14K10001)
1100
1465
4500
230.0
0.60
B72220S0102K101
S20K10001)
1100
1465
6500
410.0
1.00
Maximum ratings (TA = 85 °C)
Ordering code
Type
(untaped)
SIOV-
VRMS
V
VDC
V
imax
(8/20
µs)
A
Wmax
(2 ms)
J
Pmax
W
1) Operating voltage differs from type designation.
StandarD series
Leaded varistors


Similar Part No. - B72205S0171K101

ManufacturerPart #DatasheetDescription
logo
EPCOS
B72205S0171K101 EPCOS-B72205S0171K101 Datasheet
140Kb / 16P
   Leaded Varistors
B72205S0171K101 EPCOS-B72205S0171K101 Datasheet
970Kb / 46P
   SIOV metal oxide varistors
B72205S0171K101 EPCOS-B72205S0171K101 Datasheet
299Kb / 36P
   SIOV metal oxide varistors
B72205S0171K101 EPCOS-B72205S0171K101 Datasheet
970Kb / 46P
   SIOV metal oxide varistors
B72205S0171K101 EPCOS-B72205S0171K101 Datasheet
970Kb / 46P
   SIOV metal oxide varistors
More results

Similar Description - B72205S0171K101

ManufacturerPart #DatasheetDescription
logo
EPCOS
B72214S1140K152 EPCOS-B72214S1140K152 Datasheet
970Kb / 46P
   SIOV metal oxide varistors
B72214S600K101 EPCOS-B72214S600K101 Datasheet
970Kb / 46P
   SIOV metal oxide varistors
ETFV14K320E2 EPCOS-ETFV14K320E2 Datasheet
93Kb / 11P
   SIOV metal oxide varistors
S14K320E2K1 EPCOS-S14K320E2K1 Datasheet
461Kb / 22P
   SIOV metal oxide varistors
logo
TDK Electronics
S10K300E2K1 TDK-S10K300E2K1 Datasheet
440Kb / 22P
   SIOV metal oxide varistors
logo
EPCOS
B72210P2301K101 EPCOS-B72210P2301K101 Datasheet
454Kb / 23P
   SIOV metal oxide varistors
B72214S271K101 EPCOS-B72214S271K101 Datasheet
299Kb / 36P
   SIOV metal oxide varistors
B72240B421K1 EPCOS-B72240B421K1 Datasheet
185Kb / 20P
   SIOV metal oxide varistors
B72214S400K101 EPCOS-B72214S400K101 Datasheet
975Kb / 46P
   SIOV metal oxide varistors
B72214S350K101 EPCOS-B72214S350K101 Datasheet
970Kb / 46P
   SIOV metal oxide varistors
B72210S351K101 EPCOS-B72210S351K101 Datasheet
970Kb / 46P
   SIOV metal oxide varistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com