Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ERJ-3EKF78R7V Datasheet(PDF) 7 Page - International Rectifier

Part # ERJ-3EKF78R7V
Description  Single-Input Voltage, Synchronous Buck Regulator
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

ERJ-3EKF78R7V Datasheet(HTML) 7 Page - International Rectifier

Back Button ERJ-3EKF78R7V Datasheet HTML 3Page - International Rectifier ERJ-3EKF78R7V Datasheet HTML 4Page - International Rectifier ERJ-3EKF78R7V Datasheet HTML 5Page - International Rectifier ERJ-3EKF78R7V Datasheet HTML 6Page - International Rectifier ERJ-3EKF78R7V Datasheet HTML 7Page - International Rectifier ERJ-3EKF78R7V Datasheet HTML 8Page - International Rectifier ERJ-3EKF78R7V Datasheet HTML 9Page - International Rectifier ERJ-3EKF78R7V Datasheet HTML 10Page - International Rectifier ERJ-3EKF78R7V Datasheet HTML 11Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 53 page
background image
IR3846
7 www.irf.com
© 2013 International Rectifier
August 01, 2013
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNIT
Supply Current
Vin Supply Current
(Standby)
Iin(Standby)
Vin=21V, Enable low,
No Switching
300
425
µA
Vin Supply Current (Dyn)
Iin(Dyn)
Vin=21V, Enable high,
Fs = 600kHz
40
mA
VCC Supply Current
(Standby)
Icc(Standby)
Enable low, VCC=7V,
No Switching
300
425
µA
VCC Supply Current (Dyn)
Icc(Dyn)
Enable high, VCC=7V,
Fs = 600kHz
40
mA
Under Voltage Lockout
VCC–Start–Threshold
VCC_UVLO_Start
VCC Rising Trip Level
4.0
4.2
4.4
V
VCC–Stop–Threshold
VCC_UVLO_Stop
VCC Falling Trip Level
3.7
3.9
4.2
Enable–Start–Threshold
Enable_UVLO_Start
Supply ramping up
1.14
1.2
1.36
V
Enable–Stop–Threshold
Enable_UVLO_Stop
Supply ramping down
0.9
1.0
1.06
Enable leakage current
Ien
Enable=3.3V
1
µA
Oscillator
Rt Voltage
1
V
Frequency Range
FS
Rt=80.6k
270
300
330
kHz
Rt=39.2k
540
600
660
Rt=15k
1350
1500
1650
Ramp Amplitude
Vramp
PVin=6.8V, PVin(max)
slew rate=1V/us,
Note 4
1.02
Vp-p
PVin=12V, PVin(max)
slew rate=1V/us,
Note 4
1.8
PVin=16V, PVin(max)
slew rate=1V/us,
Note 4
2.4
Ramp Offset
Ramp (os)
Note 4
0.16
V
Min Pulse Width
Tmin (ctrl)
Note 4
50
ns
Fixed Off Time
Note 4
200
230
ns
Max Duty Cycle
Dmax
Fs=300kHz,
PVin=Vin=12V
86
%
Sync Frequency Range
Note 4
270
1650
kHz
Sync Pulse Duration
100
200
ns
Sync Level Threshold
High
3
V
Low
0.6


Similar Part No. - ERJ-3EKF78R7V

ManufacturerPart #DatasheetDescription
logo
International Rectifier
ERJ-3EKF7501V IRF-ERJ-3EKF7501V Datasheet
2Mb / 17P
   USER GUIDE FOR IR3897 EVALUATION BOARD
ERJ-3EKF7501V IRF-ERJ-3EKF7501V Datasheet
2Mb / 17P
   USER GUIDE FOR IR3898 EVALUATION BOARD
ERJ-3EKF7501V IRF-ERJ-3EKF7501V Datasheet
3Mb / 17P
   USER GUIDE FOR IR3899 EVALUATION BOARD
ERJ-3EKF7501V IRF-ERJ-3EKF7501V Datasheet
1Mb / 51P
   25A Highly Integrated SupIRBuck Single-Input Voltage, Synchronous Buck Regulator
ERJ-3EKF7501V IRF-ERJ-3EKF7501V Datasheet
2Mb / 49P
   16A Highly Integrated SupIRBuck Single-Input Voltage, Synchronous Buck Regulator
More results

Similar Description - ERJ-3EKF78R7V

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR3891M IRF-IR3891M_15 Datasheet
1Mb / 51P
   Single-Input Voltage, Synchronous Buck Regulator
IR3892M IRF-IR3892M_15 Datasheet
3Mb / 52P
   Single-Input Voltage, Synchronous Buck Regulator
IR3898M IRF-IR3898M_15 Datasheet
3Mb / 46P
   Single-Input Voltage, Synchronous Buck Regulator
IR3847M IRF-IR3847M_15 Datasheet
1Mb / 55P
   Single-Input Voltage, Synchronous Buck Regulator
IR3871MTRPBF IRF-IR3871MTRPBF Datasheet
1Mb / 21P
   WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3865MTRPBF IRF-IR3865MTRPBF Datasheet
1Mb / 22P
   WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3839MPBF IRF-IR3839MPBF_15 Datasheet
1Mb / 35P
   HIGHLY INTEGRATED 6A SINGLE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3838MTR1PBF IRF-IR3838MTR1PBF Datasheet
1Mb / 35P
   HIGHLY INTEGRATED 10A SINGLE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3837MPBF IRF-IR3837MPBF Datasheet
1Mb / 36P
   HIGHLY INTEGRATED 14A SINGLE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3839MPBF IRF-IR3839MPBF Datasheet
1Mb / 35P
   HIGHLY INTEGRATED 6A SINGLE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com