Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HI-3586PCMF Datasheet(PDF) 2 Page - Holt Integrated Circuits

Part # HI-3586PCMF
Description  ARINC 429 Terminal IC with SPI Interface
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTIC [Holt Integrated Circuits]
Direct Link  http://www.holtic.com
Logo HOLTIC - Holt Integrated Circuits

HI-3586PCMF Datasheet(HTML) 2 Page - Holt Integrated Circuits

  HI-3586PCMF Datasheet HTML 1Page - Holt Integrated Circuits HI-3586PCMF Datasheet HTML 2Page - Holt Integrated Circuits HI-3586PCMF Datasheet HTML 3Page - Holt Integrated Circuits HI-3586PCMF Datasheet HTML 4Page - Holt Integrated Circuits HI-3586PCMF Datasheet HTML 5Page - Holt Integrated Circuits HI-3586PCMF Datasheet HTML 6Page - Holt Integrated Circuits HI-3586PCMF Datasheet HTML 7Page - Holt Integrated Circuits HI-3586PCMF Datasheet HTML 8Page - Holt Integrated Circuits HI-3586PCMF Datasheet HTML 9Page - Holt Integrated Circuits Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
429D0 (HI-3586 only)
429D1(HI-3586 only)
SIGNAL FUNCTION
DESCRIPTION
NOTE
RINB
INPUT
ARINC receiver negative input. Direct connection to ARINC 429 bus
RINB-40
INPUT
Alternate ARINC receiver negative input. Requires external 40K ohm resistor
MR
INPUT
Master Reset. A positive pulse clears Receive and Transmit data FIFOs and flags
10K ohm pull-down*
SI
INPUT
SPI interface serial data input
10K ohm pull-down*
INPUT
Chip select. Data is shifted into SI and out of SO when
is low.
10K ohm pull-up*
SCK
INPUT
SPI Clock. Data is shifted into or out of the SPI interface using SCK
10K ohm pull-down*
GND
POWER
Chip 0V supply
ACLK
INPUT
Master timing source for the ARINC 429 receiver and transmitter
10K ohm pull-down*
SO
OUTPUT
SPI interface serial data output
RFLAG
OUTPUT
Goes high when ARINC 429 Receive FIFO is empty (CR15=0), or full (CR15=1)
TFLAG
OUTPUT
Goes high when ARINC 429 Transmit FIFO is empty (CR14=0), or full (CR14=1)
V-
POWER
Minus 5V power supply to ARINC 429 Line Driver
(HI-3585 only)
BOUT37
OUTPUT
ARINC line driver negative output. Direct connection to ARINC 429 bus
(HI-3585 only)
BOUT27
OUTPUT
Alternate ARINC line driver negative output. Requires external 10 ohm resistor
(HI-3585 only)
AOUT27
OUTPUT
Alternate ARINC line driver positive output. Requires external 10 ohm resistor
(HI-3585 only)
AOUT37
OUTPUT
ARINC line driver positive output. Direct connection to ARINC 429 bus
(HI-3585 only)
V+
POWER
Positive 5V power supply to ARINC 429 Line Driver
(HI-3585 only)
VDD
POWER
3.3V or 5.0V logic power
RINA-40
INPUT
Alternate ARINC receiver positive input. Requires external 40K ohm resistor
RINA
INPUT
ARINC receiver positive input. Direct connection to ARINC 429 bus
429D1
OUTPUT
Digital positive output to external line driver
(HI-3586 only)
429D0
OUTPUT
Digital negative output to external line driver
(HI-3586 only)
* Internal Pull-up or Pull-down
CS
CS
PIN DESCRIPTIONS
VDD
AOUT27
BOUT27
SPI
Interface
AOUT37
BOUT37
Control Register
Status Register
ARINC 429
Transmit
Data FIFO
ARINC 429
Transmit
Formatter
ARINC 429
Line Driver
(HI-3585 only)
ARINC 429
Received
Data FIFO
Label
Filter
ARINC 429
Valid word
Checker
ARINC 429
Line Receiver
Label
Filter
Bit Map
Memory
RINA-40
RINA
RINB
RINB-40
SCK
CS
SI
SO
V-
RFLAG
ACLK
GND
TFLAG
V+
40 Kohm
40 Kohm
27 Ohm
10 Ohm
10 Ohm
27 Ohm
ARINC
Clock
Divider
BLOCK DIAGRAM
HI-3585, HI-3586
HOLT INTEGRATED CIRCUITS
2


Similar Part No. - HI-3586PCMF

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-3582 HOLTIC-HI-3582 Datasheet
163Kb / 16P
   3.3V ARINC 429 TERMINAL IC
HI-3582 HOLTIC-HI-3582 Datasheet
126Kb / 18P
   ARINC 429 3.3V Terminal IC
HI-3582A HOLTIC-HI-3582A Datasheet
126Kb / 17P
   ARINC 429 3.3V Terminal IC with High-Speed Interface
HI-3582ACJIF HOLTIC-HI-3582ACJIF Datasheet
126Kb / 17P
   ARINC 429 3.3V Terminal IC with High-Speed Interface
HI-3582ACJIF-15 HOLTIC-HI-3582ACJIF-15 Datasheet
126Kb / 17P
   ARINC 429 3.3V Terminal IC with High-Speed Interface
More results

Similar Description - HI-3586PCMF

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-3585 HOLTIC-HI-3585 Datasheet
117Kb / 14P
   ARINC 429 May 2009 Terminal IC with SPI Interface
HI-3588 HOLTIC-HI-3588_12 Datasheet
98Kb / 13P
   ARINC 429 Receiver with SPI Interface
HI-3587 HOLTIC-HI-3587 Datasheet
96Kb / 11P
   ARINC 429 Transmitter with SPI Interface
HI-3588 HOLTIC-HI-3588 Datasheet
101Kb / 11P
   ARINC 429 Receiver with SPI Interface
HI-3582A HOLTIC-HI-3582A Datasheet
126Kb / 17P
   ARINC 429 3.3V Terminal IC with High-Speed Interface
HI-3582 HOLTIC-HI-3582_13 Datasheet
126Kb / 18P
   ARINC 429 3.3V Terminal IC
HI-3582 HOLTIC-HI-3582 Datasheet
163Kb / 16P
   3.3V ARINC 429 TERMINAL IC
HI-3593 HOLTIC-HI-3593_13 Datasheet
140Kb / 23P
   3.3V ARINC 429 Dual Receiver,Single Transmitter with SPI Interface
HI-3596 HOLTIC-HI-3596 Datasheet
208Kb / 18P
   Octal ARINC 429 Receivers with Label Recognition and SPI Interface
logo
Actel Corporation
CORE429-XX ACTEL-CORE429-XX Datasheet
258Kb / 22P
   ARINC 429 Bus Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com