Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HI-3585PQM Datasheet(PDF) 3 Page - Holt Integrated Circuits

Part # HI-3585PQM
Description  ARINC 429 Terminal IC with SPI Interface
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTIC [Holt Integrated Circuits]
Direct Link  http://www.holtic.com
Logo HOLTIC - Holt Integrated Circuits

HI-3585PQM Datasheet(HTML) 3 Page - Holt Integrated Circuits

  HI-3585PQM Datasheet HTML 1Page - Holt Integrated Circuits HI-3585PQM Datasheet HTML 2Page - Holt Integrated Circuits HI-3585PQM Datasheet HTML 3Page - Holt Integrated Circuits HI-3585PQM Datasheet HTML 4Page - Holt Integrated Circuits HI-3585PQM Datasheet HTML 5Page - Holt Integrated Circuits HI-3585PQM Datasheet HTML 6Page - Holt Integrated Circuits HI-3585PQM Datasheet HTML 7Page - Holt Integrated Circuits HI-3585PQM Datasheet HTML 8Page - Holt Integrated Circuits HI-3585PQM Datasheet HTML 9Page - Holt Integrated Circuits Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
Example:
one SPI Instruction
op code 07hex
data field 02hex
MSB
LSB MSB
LSB
CS
SCK
SI
INSTRUCTIONS
Instruction op codes are used to read, write and configure the HI-
3585. When
goes low, the next 8 clocks at the SCK pin shift an
instruction op code into the decoder, starting with the first positive
edge. The op code is fed into the SI pin most significant bit first.
For write instructions, the most significant bit of the data word must
immediately follow the instruction op code and is clocked into its
register on the next rising SCK edge. Data word length varies
depending on word type written: 16-bit writes to Control Register,
32-bit ARINC word writes to transmit FIFO or 256-bit writes to the
label-matching enable/disable table.
CS
For read instructions, the most significant bit of the requested data
word appears at the SO pin after the last op code bit is clocked into
the decoder, at the next falling SCK edge.
As with write
instructions, data field bit-length varies with read instruction type.
Table 1 lists all instructions. Instructions that perform a reset or set,
or enable transmission are executed after the last SI bit is received
while
is still low.
CS
OP CODE
Hex
00
01
02
03
04
05
06
07
08
09
0A
0B
0C
0D
0E
0F
10
11
12
DATA FIELD
None
None
None
None
8 bits
8 bits
256 bits
8 bits
32 bits
None
8 bits
16 bits
8 bits
256 bits
N x 32 Bits
None
16 bits
None
None
DESCRIPTION
No instruction implemented
After the 8th op code bit is received, perform Master Reset (MR)
, reset all label selections
, set all the label selections
Reset the label at the address specified in the data field
Set
Starting with label FF hex, consecutively set or reset each label in descending order
For example, a Data Field pattern starting with 1011 will set labels FF, FD, and FC
hex and reset label FE hex
Programs a division of the ACLK input. If the divided ACLK frequency is 1 MHz and Control
Register bit CR1 is set, the ARINC receiver and transmitter operate from the divided ACLK clock.
Allowable values for division rate are X1, X2, X4, X8, or XA hex. Any other programmed value
results in no clock. Note: ACLK input frequency and division ratio must yield 1 MHz clock.
Read the next word in the Receive FIFO. If the FIFO is empty, it will read zeros
No Instruction Implemented
Read the Status Register
Read the Control Register
Read the ACLK divide value programmed previously using op code 07 hex
Read the Label look-up memory table consecutively starting with address FF hex.
Write up to 32 words into the next empty positions of the Transmit FIFO
No instruction implemented
Write the Control Register
Reset the Transmit FIFO.
, the transmit FIFO will be empty
Transmission enabled by this instruction only if Control Register bit 13 is zero
After the 8th op code bit is received
After the 8th op code bit is received
the label at the address specified in the data field
After the 8th op code bit is received
TABLE 1. DEFINED INSTRUCTION OP CODES
HI-3585, HI-3586
HOLT INTEGRATED CIRCUITS
3


Similar Part No. - HI-3585PQM

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-3585PQI HOLTIC-HI-3585PQI Datasheet
117Kb / 14P
   ARINC 429 May 2009 Terminal IC with SPI Interface
HI-3585PQIF HOLTIC-HI-3585PQIF Datasheet
117Kb / 14P
   ARINC 429 May 2009 Terminal IC with SPI Interface
HI-3585PQT HOLTIC-HI-3585PQT Datasheet
117Kb / 14P
   ARINC 429 May 2009 Terminal IC with SPI Interface
HI-3585PQTF HOLTIC-HI-3585PQTF Datasheet
117Kb / 14P
   ARINC 429 May 2009 Terminal IC with SPI Interface
More results

Similar Description - HI-3585PQM

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-3585 HOLTIC-HI-3585 Datasheet
117Kb / 14P
   ARINC 429 May 2009 Terminal IC with SPI Interface
HI-3588 HOLTIC-HI-3588_12 Datasheet
98Kb / 13P
   ARINC 429 Receiver with SPI Interface
HI-3587 HOLTIC-HI-3587 Datasheet
96Kb / 11P
   ARINC 429 Transmitter with SPI Interface
HI-3588 HOLTIC-HI-3588 Datasheet
101Kb / 11P
   ARINC 429 Receiver with SPI Interface
HI-3582A HOLTIC-HI-3582A Datasheet
126Kb / 17P
   ARINC 429 3.3V Terminal IC with High-Speed Interface
HI-3582 HOLTIC-HI-3582_13 Datasheet
126Kb / 18P
   ARINC 429 3.3V Terminal IC
HI-3582 HOLTIC-HI-3582 Datasheet
163Kb / 16P
   3.3V ARINC 429 TERMINAL IC
HI-3593 HOLTIC-HI-3593_13 Datasheet
140Kb / 23P
   3.3V ARINC 429 Dual Receiver,Single Transmitter with SPI Interface
HI-3596 HOLTIC-HI-3596 Datasheet
208Kb / 18P
   Octal ARINC 429 Receivers with Label Recognition and SPI Interface
logo
Actel Corporation
CORE429-XX ACTEL-CORE429-XX Datasheet
258Kb / 22P
   ARINC 429 Bus Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com