Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HI-8591PCTF-40 Datasheet(PDF) 4 Page - Holt Integrated Circuits

Part # HI-8591PCTF-40
Description  ARINC 429 Line Receiver
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTIC [Holt Integrated Circuits]
Direct Link  http://www.holtic.com
Logo HOLTIC - Holt Integrated Circuits

HI-8591PCTF-40 Datasheet(HTML) 4 Page - Holt Integrated Circuits

  HI-8591PCTF-40 Datasheet HTML 1Page - Holt Integrated Circuits HI-8591PCTF-40 Datasheet HTML 2Page - Holt Integrated Circuits HI-8591PCTF-40 Datasheet HTML 3Page - Holt Integrated Circuits HI-8591PCTF-40 Datasheet HTML 4Page - Holt Integrated Circuits HI-8591PCTF-40 Datasheet HTML 5Page - Holt Integrated Circuits HI-8591PCTF-40 Datasheet HTML 6Page - Holt Integrated Circuits HI-8591PCTF-40 Datasheet HTML 7Page - Holt Integrated Circuits HI-8591PCTF-40 Datasheet HTML 8Page - Holt Integrated Circuits  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
VCC
UNLESS OTHERWISE STATED
= 3.3V ± 10% or 5.0V ± 10%
OPERATING TEMPERATURE RANGE,
AC ELECTRICAL CHARACTERISTICS
TESTA or B
pin 2 or pin 8
0V
VCC
VCC
0V
t ptl
t
pth
t
pin 6 or pin 7
FIGURE 4 - TEST PIN TIMING
V
pin 4 - pin 3
DIFF
0V
10V
-10V
VCC
0V
t rr
t rr
t fr
t
10%
90%
t phlr
t
t plhr
t
VCC
0V
t plhr
t
t phlr
t
pin 6
pin 7
FIGURE 3 - RECEIVER TIMING
PARAMETERS
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Receiver propagation delay
Output high to low
t phlr
-
Receiver output transition times
Output high to low
Output low to high
Output low to high
plhr
t
t fr
rr
t
-
-
-
50
50
600
600
15
15
ns
ns
ns
ns
Input capacitance (1)
ARINC differential
CAD
CAS
pF
-5
10
10
ARINC single ended to Ground
Logic
C IN
-
-
--
10
pF
pF
defined in Figure 3, C = 50pF
1000
1000
L
1. Guaranteed but not tested
Notes:
VCC = 3.3V
10%
±
-
600
ns
900
VCC = 5.0V
10%
±
VCC = 3.3V
10%
±
-
600
ns
900
VCC = 5.0V
10%
±
TEST pin propagation delay
Output high to low
t pth
-
Output low to high
ptl
t
-
-
-
ns
ns
defined in Figure 4, C = 50pF
100
100
L
VCC = 3.3V
10%
±
--
ns
60
VCC = 5.0V
10%
±
VCC = 3.3V
10%
±
--
ns
60
VCC = 5.0V
10%
±
VCC = 3.3V or 5.0V
10%
±
HI-8591
HOLT INTEGRATED CIRCUITS
4


Similar Part No. - HI-8591PCTF-40

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-8591PCTF-40 HOLTIC-HI-8591PCTF-40 Datasheet
137Kb / 7P
   ARINC 429 LINE RECEIVER
More results

Similar Description - HI-8591PCTF-40

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-8591 HOLTIC-HI-8591 Datasheet
137Kb / 7P
   ARINC 429 LINE RECEIVER
HI-8588-10 HOLTIC-HI-8588-10 Datasheet
125Kb / 6P
   ARINC 429 LINE RECEIVER
logo
Device Engineering Inco...
DEI1041 DEIAZ-DEI1041 Datasheet
136Kb / 8P
   ARINC 429 LINE RECEIVER
logo
Holt Integrated Circuit...
HI-8588 HOLTIC-HI-8588_06 Datasheet
116Kb / 6P
   ARINC 429 LINE RECEIVER
HI-8588 HOLTIC-HI-8588 Datasheet
167Kb / 6P
   ARINC 429 LINE RECEIVER
HI-8588-10 HOLTIC-HI-8588-10_14 Datasheet
63Kb / 7P
   ARINC 429 Line Receiver
HI-8588-10 HOLTIC-HI-8588-10_06 Datasheet
66Kb / 6P
   ARINC 429 LINE RECEIVER
HI-8482 HOLTIC-HI-8482 Datasheet
676Kb / 10P
   ARINC 429 DUAL LINE RECEIVER
HI-8482 HOLTIC-HI-8482_06 Datasheet
415Kb / 10P
   ARINC 429 DUAL LINE RECEIVER
HI-8483 HOLTIC-HI-8483 Datasheet
103Kb / 11P
   ARINC 429 Dual Line Receiver
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com