Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1N990B Datasheet(PDF) 7 Page - Yea Shin Technology Co., Ltd

Part # 1N990B
Description  500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YEASHIN [Yea Shin Technology Co., Ltd]
Direct Link  http://www.yeashin.com
Logo YEASHIN - Yea Shin Technology Co., Ltd

1N990B Datasheet(HTML) 7 Page - Yea Shin Technology Co., Ltd

  1N990B Datasheet HTML 1Page - Yea Shin Technology Co., Ltd 1N990B Datasheet HTML 2Page - Yea Shin Technology Co., Ltd 1N990B Datasheet HTML 3Page - Yea Shin Technology Co., Ltd 1N990B Datasheet HTML 4Page - Yea Shin Technology Co., Ltd 1N990B Datasheet HTML 5Page - Yea Shin Technology Co., Ltd 1N990B Datasheet HTML 6Page - Yea Shin Technology Co., Ltd 1N990B Datasheet HTML 7Page - Yea Shin Technology Co., Ltd 1N990B Datasheet HTML 8Page - Yea Shin Technology Co., Ltd 1N990B Datasheet HTML 9Page - Yea Shin Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
http://www.yeashin.com
7
REV.02 20120403
1N957B~1N992B
DEVICE CHARACTERISTICS
Figure 1 1. Zener Voltage versus Zener Current - VZ = 1 thru 16 Volts
VZ , ZENER VOLTAGE (VOLTS)
20
10
1
0.1
0.01
12
5
78
9
10
11
12
13
14
15
16
TA = 25°C
Figure 12. Zener Voltage versus Zener Current - VZ = 15 thru 30 Volts
VZ , ZENER VOLTAGE (VOLTS)
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
10
1
0.1
0.01
TA = 25°C
6
34


Similar Part No. - 1N990B

ManufacturerPart #DatasheetDescription
logo
Jinan Gude Electronic D...
1N990B JGD-1N990B Datasheet
185Kb / 2P
   0.5W SILICON ZENER DIODES
logo
Microsemi Corporation
1N990B MICROSEMI-1N990B Datasheet
92Kb / 2P
   SILICON 500 mW ZENER DIODES
1N990B MICROSEMI-1N990B Datasheet
87Kb / 2P
   SILICON 400 mW ZENER DIODES
logo
Leshan Radio Company
1N990B LRC-1N990B Datasheet
33Kb / 1P
   1N9 SERIES ZENER DIODES
logo
Microsemi Corporation
1N990B MICROSEMI-1N990B Datasheet
221Kb / 3P
   Silicon 500 mW Zener Diodes
More results

Similar Description - 1N990B

ManufacturerPart #DatasheetDescription
logo
Tak Cheong Electronics ...
BZX79C110 TAK_CHEONG-BZX79C110_10 Datasheet
178Kb / 3P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
logo
Yea Shin Technology Co....
ZX2V0 YEASHIN-ZX2V0 Datasheet
815Kb / 5P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
ZL2V4B YEASHIN-ZL2V4B Datasheet
604Kb / 3P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
1N5221B YEASHIN-1N5221B Datasheet
1Mb / 10P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
logo
Tak Cheong Electronics ...
TCBZX55C2V0 TAK_CHEONG-TCBZX55C2V0 Datasheet
181Kb / 6P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
TCZL2V4B TAK_CHEONG-TCZL2V4B Datasheet
174Kb / 5P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
1N750A TAK_CHEONG-1N750A Datasheet
316Kb / 4P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
1N4370A TAK_CHEONG-1N4370A Datasheet
166Kb / 3P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
TC1N5221B TAK_CHEONG-TC1N5221B Datasheet
92Kb / 3P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
TCRD2V2 TAK_CHEONG-TCRD2V2 Datasheet
173Kb / 6P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
1N5221B TAK_CHEONG-1N5221B Datasheet
133Kb / 4P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com