Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HI-3585PQT Datasheet(PDF) 6 Page - Holt Integrated Circuits

Part # HI-3585PQT
Description  ARINC 429 Terminal IC with SPI Interface
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTIC [Holt Integrated Circuits]
Direct Link  http://www.holtic.com
Logo HOLTIC - Holt Integrated Circuits

HI-3585PQT Datasheet(HTML) 6 Page - Holt Integrated Circuits

Back Button HI-3585PQT Datasheet HTML 2Page - Holt Integrated Circuits HI-3585PQT Datasheet HTML 3Page - Holt Integrated Circuits HI-3585PQT Datasheet HTML 4Page - Holt Integrated Circuits HI-3585PQT Datasheet HTML 5Page - Holt Integrated Circuits HI-3585PQT Datasheet HTML 6Page - Holt Integrated Circuits HI-3585PQT Datasheet HTML 7Page - Holt Integrated Circuits HI-3585PQT Datasheet HTML 8Page - Holt Integrated Circuits HI-3585PQT Datasheet HTML 9Page - Holt Integrated Circuits HI-3585PQT Datasheet HTML 10Page - Holt Integrated Circuits Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
FIFO
LOAD
CONTROL
CONTROL BITS
CR2, CR6-8
/
SPI INTERFACE
32 BIT SHIFT REGISTER
CONTROLBITS
CR0, CR1
CLOCK
OPTION
CLOCK
ACLK
BIT
COUNTER
AND
END OF
SEQUENCE
PARITY
CHECK
32ND
BIT
DATA
BIT CLOCK
WORD GAP
WORD GAP
TIMER
BIT CLOCK
END
START
SEQUENCE
CONTROL
ERROR
CLOCK
ERROR
DETECTION
SHIFT REGISTER
SHIFT REGISTER
NULL
ZEROS
SHIFT REGISTER
ONES
EOS
FIGURE 2.
RECEIVER BLOCK DIAGRAM
LABEL /
DECODE
COMPARE
256-BIT
LABEL
LOOK-UP
TABLE
32X32
FIFO
RFLAG
SCK
CS
SI
SO
FUNCTIONAL DESCRIPTION (cont.)
HI-3585, HI-3586
HOLT INTEGRATED CIRCUITS
6


Similar Part No. - HI-3585PQT

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-3585PQT HOLTIC-HI-3585PQT Datasheet
117Kb / 14P
   ARINC 429 May 2009 Terminal IC with SPI Interface
HI-3585PQTF HOLTIC-HI-3585PQTF Datasheet
117Kb / 14P
   ARINC 429 May 2009 Terminal IC with SPI Interface
More results

Similar Description - HI-3585PQT

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-3585 HOLTIC-HI-3585 Datasheet
117Kb / 14P
   ARINC 429 May 2009 Terminal IC with SPI Interface
HI-3588 HOLTIC-HI-3588_12 Datasheet
98Kb / 13P
   ARINC 429 Receiver with SPI Interface
HI-3587 HOLTIC-HI-3587 Datasheet
96Kb / 11P
   ARINC 429 Transmitter with SPI Interface
HI-3588 HOLTIC-HI-3588 Datasheet
101Kb / 11P
   ARINC 429 Receiver with SPI Interface
HI-3582A HOLTIC-HI-3582A Datasheet
126Kb / 17P
   ARINC 429 3.3V Terminal IC with High-Speed Interface
HI-3582 HOLTIC-HI-3582_13 Datasheet
126Kb / 18P
   ARINC 429 3.3V Terminal IC
HI-3582 HOLTIC-HI-3582 Datasheet
163Kb / 16P
   3.3V ARINC 429 TERMINAL IC
HI-3593 HOLTIC-HI-3593_13 Datasheet
140Kb / 23P
   3.3V ARINC 429 Dual Receiver,Single Transmitter with SPI Interface
HI-3596 HOLTIC-HI-3596 Datasheet
208Kb / 18P
   Octal ARINC 429 Receivers with Label Recognition and SPI Interface
logo
Actel Corporation
CORE429-XX ACTEL-CORE429-XX Datasheet
258Kb / 22P
   ARINC 429 Bus Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com