Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5AGXMA3D427C4N Datasheet(PDF) 9 Page - Altera Corporation

Part # 5AGXMA3D427C4N
Description  Arria V Device Overview
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

5AGXMA3D427C4N Datasheet(HTML) 9 Page - Altera Corporation

Back Button 5AGXMA3D427C4N Datasheet HTML 5Page - Altera Corporation 5AGXMA3D427C4N Datasheet HTML 6Page - Altera Corporation 5AGXMA3D427C4N Datasheet HTML 7Page - Altera Corporation 5AGXMA3D427C4N Datasheet HTML 8Page - Altera Corporation 5AGXMA3D427C4N Datasheet HTML 9Page - Altera Corporation 5AGXMA3D427C4N Datasheet HTML 10Page - Altera Corporation 5AGXMA3D427C4N Datasheet HTML 11Page - Altera Corporation 5AGXMA3D427C4N Datasheet HTML 12Page - Altera Corporation 5AGXMA3D427C4N Datasheet HTML 13Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 37 page
background image
Package Plan
Table 7: Package Plan for Arria V GT Devices—Preliminary
F1517
(40 mm)
F1152
(35 mm)
F896
(31 mm)
F672
(27 mm)
Mem-
ber
Code
XCVR
GPIO
XCVR
GPIO
XCVR
GPIO
XCVR
GPIO
10-
Gbps
6-Gbps
10-
Gbps
6-Gbps
10-
Gbps
6-Gbps
10-
Gbps
6-Gbps
4
3 (9)
416
4
3 (9)
336
C3
12
6 (24)
544
8
6 (18)
384
C7
12
6 (24)
704
12
6 (24)
544
8
6 (18)
384
D3
20
6 (36)
704
12
6 (24)
544
D7
The 6-Gbps transceiver counts are for dedicated 6-Gbps channels. You can also configure any pair of 10-Gbps
channels as three 6-Gbps channels—the total number of 6-Gbps channels are shown in brackets. For example,
you can also configure the Arria V GT D7 device in the F1517 package with nine 6-Gbps and eighteen
10-Gbps, twelve 6-Gbps and sixteen 10-Gbps, fifteen 6-Gbps and fourteen 10-Gbps, or up to thirty-six
6-Gbps with no 10-Gbps channels.
Arria V GZ
This section provides the available options, maximum resource counts, and package plan for the Arria V GZ
devices.
Available Options
Figure 3: Sample Ordering Code and Available Options for Arria V GZ Devices—Preliminary
Family Signature
Embedded Hard IPs
Transceiver Count
Maximum channels
Transceiver
Speed Grade
Package Type
Package Code
Operating Temperature
FPGA Fabric
Speed Grade
Optional Suffix
Indicates specific device
options or shipment method
GZ : 12.5-Gbps transceivers
M : 1 hard PCIe controller
5A : Arria V
E1 : 220K logic elements
E3 : 360K logic elements
E5 : 400K logic elements
E7 : 450K logic elements
E : 12
H : 24
K : 36
2 : 12.5 Gbps
3 : 10.3125 Gbps
F : FineLine BGA (FBGA)
H : Hybrid FBGA
29 : 780 pins
35 : 1,152 pins
40 : 1,517 pins
3 (fastest)
4
N : Lead-free packaging
L : Low-power device
5A
GZ
M
E7
K
2
F
40
C
3
N
Member Code
Family Variant
C : Commercial (TJ = 0° C to 85° C)
I
: Industrial (TJ = -40° C to 100° C)
Note: Low-power device option is available only for –3 speed grade at industrial temperature
Altera Corporation
Arria V Device Overview
Feedback
9
Package Plan
AV-51001
2013.05.06


Similar Part No. - 5AGXMA3D427C4N

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
5AGXMA1D427C4N ALTERA-5AGXMA1D427C4N Datasheet
1Mb / 82P
   Arria V Device Handbook
5AGXMA1D427I4N ALTERA-5AGXMA1D427I4N Datasheet
1Mb / 82P
   Arria V Device Handbook
5AGXMA1D431C4N ALTERA-5AGXMA1D431C4N Datasheet
1Mb / 82P
   Arria V Device Handbook
5AGXMA1D431I4N ALTERA-5AGXMA1D431I4N Datasheet
1Mb / 82P
   Arria V Device Handbook
5AGXMA1D627C4N ALTERA-5AGXMA1D627C4N Datasheet
1Mb / 82P
   Arria V Device Handbook
More results

Similar Description - 5AGXMA3D427C4N

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
AV-51001 ALTERA-AV-51001 Datasheet
853Kb / 40P
   Arria V Device Overview
5AGXFB3H4F40C5N ALTERA-5AGXFB3H4F40C5N Datasheet
1Mb / 82P
   Arria V Device Handbook
5SGXMA3H2F35C2N ALTERA-5SGXMA3H2F35C2N Datasheet
420Kb / 21P
   Stratix V Device Overview
logo
Intel Corporation
5CSEBA6U23I7 INTEL-5CSEBA6U23I7 Datasheet
402Kb / 37P
   Cyclone V Device Overview
February 2012 1.2
CV-51001 INTEL-CV-51001 Datasheet
323Kb / 37P
   Cyclone V Device Overview
5CEFA9F23I7N INTEL-5CEFA9F23I7N Datasheet
412Kb / 37P
   Cyclone V Device Overview
2018.05.07
logo
Altera Corporation
EP2AGX95EF29I5N ALTERA-EP2AGX95EF29I5N Datasheet
1Mb / 90P
   Arria II Device Handbook
EP2AGX45DF25I5 ALTERA-EP2AGX45DF25I5 Datasheet
1Mb / 90P
   Arria II Device Handbook
EPXA1 ALTERA-EPXA1 Datasheet
299Kb / 16P
   Excalibur Device Overview
EP2AGX260EF29C5N ALTERA-EP2AGX260EF29C5N Datasheet
801Kb / 78P
   Device Datasheet for Arria II Devices
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com