Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1N6009B Datasheet(PDF) 9 Page - Yea Shin Technology Co., Ltd

Part # 1N6009B
Description  500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YEASHIN [Yea Shin Technology Co., Ltd]
Direct Link  http://www.yeashin.com
Logo YEASHIN - Yea Shin Technology Co., Ltd

1N6009B Datasheet(HTML) 9 Page - Yea Shin Technology Co., Ltd

  1N6009B Datasheet HTML 1Page - Yea Shin Technology Co., Ltd 1N6009B Datasheet HTML 2Page - Yea Shin Technology Co., Ltd 1N6009B Datasheet HTML 3Page - Yea Shin Technology Co., Ltd 1N6009B Datasheet HTML 4Page - Yea Shin Technology Co., Ltd 1N6009B Datasheet HTML 5Page - Yea Shin Technology Co., Ltd 1N6009B Datasheet HTML 6Page - Yea Shin Technology Co., Ltd 1N6009B Datasheet HTML 7Page - Yea Shin Technology Co., Ltd 1N6009B Datasheet HTML 8Page - Yea Shin Technology Co., Ltd 1N6009B Datasheet HTML 9Page - Yea Shin Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
http://www.yeashin.com
9
REV.02 20120403
1N5985B~1N6025B
PACKAGE OUTLINE & DIMENSIONS
Package Outline
Package
Case Outline
DO-35
DO-35
Millimeters
Inches
DIM
Min
Max
Min
Max
A
0.46
0.55
0.018
0.022
B
3.05
5.08
0.120
0.200
C
25.40
38.10
1.000
1.500
D
1.53
2.28
0.060
0.090
Notes:
1.
All dimensions are within JEDEC standard.
2.
DO35 polarity denoted by cathode band.


Similar Part No. - 1N6009B

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
1N6009B FAIRCHILD-1N6009B Datasheet
145Kb / 5P
   Zeners
logo
Micro Commercial Compon...
1N6009B MCC-1N6009B Datasheet
173Kb / 3P
   500 mW Zener Diode 2.4 ??47Volts
logo
Microsemi Corporation
1N6009BUR MICROSEMI-1N6009BUR Datasheet
397Kb / 5P
   Surface Mount 500 mW Zener Diodes
Rev. 1
1N6009BUR-1 MICROSEMI-1N6009BUR-1 Datasheet
397Kb / 5P
   Surface Mount 500 mW Zener Diodes
Rev. 1
More results

Similar Description - 1N6009B

ManufacturerPart #DatasheetDescription
logo
Tak Cheong Electronics ...
BZX79C110 TAK_CHEONG-BZX79C110_10 Datasheet
178Kb / 3P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
logo
Yea Shin Technology Co....
ZX2V0 YEASHIN-ZX2V0 Datasheet
815Kb / 5P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
ZL2V4B YEASHIN-ZL2V4B Datasheet
604Kb / 3P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
1N5221B YEASHIN-1N5221B Datasheet
1Mb / 10P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
logo
Tak Cheong Electronics ...
TCBZX55C2V0 TAK_CHEONG-TCBZX55C2V0 Datasheet
181Kb / 6P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
TCZL2V4B TAK_CHEONG-TCZL2V4B Datasheet
174Kb / 5P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
1N750A TAK_CHEONG-1N750A Datasheet
316Kb / 4P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
1N4370A TAK_CHEONG-1N4370A Datasheet
166Kb / 3P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
TC1N5221B TAK_CHEONG-TC1N5221B Datasheet
92Kb / 3P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
TCRD2V2 TAK_CHEONG-TCRD2V2 Datasheet
173Kb / 6P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
1N5221B TAK_CHEONG-1N5221B Datasheet
133Kb / 4P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com