Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HI-3583APQTF-15 Datasheet(PDF) 9 Page - Holt Integrated Circuits

Part # HI-3583APQTF-15
Description  ARINC 429 3.3V Terminal IC with High-Speed Interface
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTIC [Holt Integrated Circuits]
Direct Link  http://www.holtic.com
Logo HOLTIC - Holt Integrated Circuits

HI-3583APQTF-15 Datasheet(HTML) 9 Page - Holt Integrated Circuits

Back Button HI-3583APQTF-15 Datasheet HTML 5Page - Holt Integrated Circuits HI-3583APQTF-15 Datasheet HTML 6Page - Holt Integrated Circuits HI-3583APQTF-15 Datasheet HTML 7Page - Holt Integrated Circuits HI-3583APQTF-15 Datasheet HTML 8Page - Holt Integrated Circuits HI-3583APQTF-15 Datasheet HTML 9Page - Holt Integrated Circuits HI-3583APQTF-15 Datasheet HTML 10Page - Holt Integrated Circuits HI-3583APQTF-15 Datasheet HTML 11Page - Holt Integrated Circuits HI-3583APQTF-15 Datasheet HTML 12Page - Holt Integrated Circuits HI-3583APQTF-15 Datasheet HTML 13Page - Holt Integrated Circuits Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
HI-3582A, HI-3583A
LABEL MEMORY READ SEQUENCE
CWSTR
or
EN1
EN2
DATA BUS
Set CR1=1
Label #1
Label #16
Set CR1=0
CWSTR
t
CWSET
t
CWHLD
t
ENDATA
t
Label #2
DATAEN
t
READEN
t
LABEL MEMORY LOAD SEQUENCE
CWSTR
or
PL1
PL2
DATA BUS
Set CR1=1
Label #1
Label #2
Label #16
Set CR1=0
CWSTR
t
CWSET
t
CWHLD
t
DWSET
t
DWHLD
t
PL
t
LABEL
t
CONTROL REGISTER READ CYCLE
BYTE SELECT
SEL
RSR
DATA BUS
SELEN
t
DATAEN
t
ENSEL
t
ENDATA
t
DON'T CARE
DON'T CARE
DATA VALID
STATUS REGISTER READ CYCLE
BYTE SELECT
SEL
RSR
DATA BUS
SELEN
t
DATAEN
t
ENSEL
t
ENDATA
t
DON'T CARE
DON'T CARE
DATA VALID
TIMING DIAGRAMS (cont.)
HOLT INTEGRATED CIRCUITS
9


Similar Part No. - HI-3583APQTF-15

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-3583 HOLTIC-HI-3583 Datasheet
163Kb / 16P
   3.3V ARINC 429 TERMINAL IC
HI-3583 HOLTIC-HI-3583 Datasheet
126Kb / 18P
   ARINC 429 3.3V Terminal IC
HI-3583CJI HOLTIC-HI-3583CJI Datasheet
163Kb / 16P
   3.3V ARINC 429 TERMINAL IC
HI-3583CJI-10 HOLTIC-HI-3583CJI-10 Datasheet
163Kb / 16P
   3.3V ARINC 429 TERMINAL IC
HI-3583CJIF HOLTIC-HI-3583CJIF Datasheet
163Kb / 16P
   3.3V ARINC 429 TERMINAL IC
More results

Similar Description - HI-3583APQTF-15

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-3582 HOLTIC-HI-3582_13 Datasheet
126Kb / 18P
   ARINC 429 3.3V Terminal IC
HI-3582 HOLTIC-HI-3582 Datasheet
163Kb / 16P
   3.3V ARINC 429 TERMINAL IC
HI-3585 HOLTIC-HI-3585_13 Datasheet
127Kb / 19P
   ARINC 429 Terminal IC with SPI Interface
HI-3585 HOLTIC-HI-3585 Datasheet
117Kb / 14P
   ARINC 429 May 2009 Terminal IC with SPI Interface
logo
Actel Corporation
CORE429-XX ACTEL-CORE429-XX Datasheet
258Kb / 22P
   ARINC 429 Bus Interface
logo
Holt Integrated Circuit...
HI-3588 HOLTIC-HI-3588_12 Datasheet
98Kb / 13P
   ARINC 429 Receiver with SPI Interface
HI-3593 HOLTIC-HI-3593_13 Datasheet
140Kb / 23P
   3.3V ARINC 429 Dual Receiver,Single Transmitter with SPI Interface
HI-3587 HOLTIC-HI-3587 Datasheet
96Kb / 11P
   ARINC 429 Transmitter with SPI Interface
HI-3588 HOLTIC-HI-3588 Datasheet
101Kb / 11P
   ARINC 429 Receiver with SPI Interface
HI-3593 HOLTIC-HI-3593 Datasheet
143Kb / 23P
   3.3V ARINC 429 Dual Receiver, Single Transmitter with SPI Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com