Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HI-3586 Datasheet(PDF) 1 Page - Holt Integrated Circuits

Part # HI-3586
Description  ARINC 429 Terminal IC with SPI Interface
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTIC [Holt Integrated Circuits]
Direct Link  http://www.holtic.com
Logo HOLTIC - Holt Integrated Circuits

HI-3586 Datasheet(HTML) 1 Page - Holt Integrated Circuits

  HI-3586 Datasheet HTML 1Page - Holt Integrated Circuits HI-3586 Datasheet HTML 2Page - Holt Integrated Circuits HI-3586 Datasheet HTML 3Page - Holt Integrated Circuits HI-3586 Datasheet HTML 4Page - Holt Integrated Circuits HI-3586 Datasheet HTML 5Page - Holt Integrated Circuits HI-3586 Datasheet HTML 6Page - Holt Integrated Circuits HI-3586 Datasheet HTML 7Page - Holt Integrated Circuits HI-3586 Datasheet HTML 8Page - Holt Integrated Circuits HI-3586 Datasheet HTML 9Page - Holt Integrated Circuits Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
44 - Pin Plastic 7mm x 7mm
Chip-Scale Package (QFN)
FEATURES
·
·
·
·
·
·
·
·
·
·
·
·
ARINC specification 429 compliant
3.3V or 5.0V logic supply operation
directly to ARINC 429 bus
Programmable label recognition for 256 labels
32 x 32 Receive FIFO and 32 x 32 Transmit FIFO
High-speed, four-wire Serial Peripheral Interface
Label bit-order control
32nd transmit bit can be data or parity
Self test mode
Low power
Industrial & extended temperature ranges
On-chip analog line driver and receiver connect
Independent data rates for Transmit and Receive
GENERAL DESCRIPTION
The HI-3585 from Holt Integrated Circuits is a silicon gate
CMOS device for interfacing a Serial Peripheral Interface
(SPI) enabled microcontroller to the ARINC 429 serial bus.
The device provides one receiver with user-programmable
label recognition for any combination of 256 possible
labels, 32 x 32 Receive FIFO and analog line receiver.
The independent transmitter has a 32 x 32 Transmit FIFO
and built-in line driver.
The status of the transmit and
receive FIFOs can be monitored using the programmable
external interrupt pin, or by polling the HI-3585 Status
Register. Other features include a programmable option
of data or parity in the 32nd bit, and the ability to switch the
bit-signifiance of ARINC 429 labels.
Pins are available
with different input resistance and output resistance
values which provides flexibility when using external
lightning protection circuitry.
The Serial Peripheral Interface minimizes the number of
host interface signals resulting in a small footprint device
that can be interfaced to a wide range of industry-standard
microcontrollers supporting SPI.
Alternatively, the SPI
signals may be controlled using just four general purpose
I/O port pins from a microcontroller or custom FPGA. The
SPI and all control signals are CMOS and TTL compatible
and support 3.3V or 5V operation.
The HI-3585 applies the ARINC 429 protocol to the
receiver and transmitter.
ARINC 429 databus timing
comes from a 1 MHz clock input, or an internal counter can
derive it from higher clock frequencies having certain fixed
values, possibly the external host processor clock.
The HI-3586 is functionally identical to the HI-3585 except
it includes digital transmitter output pins 429D1 and 429D0
instead of a built-in line driver. This allows the designer to
take advantage of Holt’s single supply rail line drivers,
such as the 5V HI-8592 or 3.3V HI-8596.
PIN CONFIGURATIONS (Top View)
ARINC 429
Terminal IC with SPI Interface
July 2013
HI-3585, HI-3586
(DS3585 Rev. J)
07/13
N/C - 1
RINB-40 - 2
RINB - 3
N/C - 4
N/C - 5
N/C - 6
MR - 7
SI - 8
-9
N/C - 10
N/C - 11
CS
33 - BOUT27
32 - BOUT37
31 - N/C
30 - V-
29 - N/C
28 - TFLAG
27 - N/C
26 - N/C
25 - RFLAG
24 - N/C
23 - N/C
HI-3585PCI
HI-3585PCT
HOLT INTEGRATED CIRCUITS
www.holtic.com


Similar Part No. - HI-3586

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-3582 HOLTIC-HI-3582 Datasheet
163Kb / 16P
   3.3V ARINC 429 TERMINAL IC
HI-3582 HOLTIC-HI-3582 Datasheet
126Kb / 18P
   ARINC 429 3.3V Terminal IC
HI-3582A HOLTIC-HI-3582A Datasheet
126Kb / 17P
   ARINC 429 3.3V Terminal IC with High-Speed Interface
HI-3582ACJIF HOLTIC-HI-3582ACJIF Datasheet
126Kb / 17P
   ARINC 429 3.3V Terminal IC with High-Speed Interface
HI-3582ACJIF-15 HOLTIC-HI-3582ACJIF-15 Datasheet
126Kb / 17P
   ARINC 429 3.3V Terminal IC with High-Speed Interface
More results

Similar Description - HI-3586

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-3585 HOLTIC-HI-3585 Datasheet
117Kb / 14P
   ARINC 429 May 2009 Terminal IC with SPI Interface
HI-3588 HOLTIC-HI-3588_12 Datasheet
98Kb / 13P
   ARINC 429 Receiver with SPI Interface
HI-3587 HOLTIC-HI-3587 Datasheet
96Kb / 11P
   ARINC 429 Transmitter with SPI Interface
HI-3588 HOLTIC-HI-3588 Datasheet
101Kb / 11P
   ARINC 429 Receiver with SPI Interface
HI-3582A HOLTIC-HI-3582A Datasheet
126Kb / 17P
   ARINC 429 3.3V Terminal IC with High-Speed Interface
HI-3582 HOLTIC-HI-3582_13 Datasheet
126Kb / 18P
   ARINC 429 3.3V Terminal IC
HI-3582 HOLTIC-HI-3582 Datasheet
163Kb / 16P
   3.3V ARINC 429 TERMINAL IC
HI-3593 HOLTIC-HI-3593_13 Datasheet
140Kb / 23P
   3.3V ARINC 429 Dual Receiver,Single Transmitter with SPI Interface
HI-3596 HOLTIC-HI-3596 Datasheet
208Kb / 18P
   Octal ARINC 429 Receivers with Label Recognition and SPI Interface
logo
Actel Corporation
CORE429-XX ACTEL-CORE429-XX Datasheet
258Kb / 22P
   ARINC 429 Bus Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com