Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5AGXMA3D631I4N Datasheet(PDF) 5 Page - Altera Corporation

Part # 5AGXMA3D631I4N
Description  Arria V Device Overview
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

5AGXMA3D631I4N Datasheet(HTML) 5 Page - Altera Corporation

  5AGXMA3D631I4N Datasheet HTML 1Page - Altera Corporation 5AGXMA3D631I4N Datasheet HTML 2Page - Altera Corporation 5AGXMA3D631I4N Datasheet HTML 3Page - Altera Corporation 5AGXMA3D631I4N Datasheet HTML 4Page - Altera Corporation 5AGXMA3D631I4N Datasheet HTML 5Page - Altera Corporation 5AGXMA3D631I4N Datasheet HTML 6Page - Altera Corporation 5AGXMA3D631I4N Datasheet HTML 7Page - Altera Corporation 5AGXMA3D631I4N Datasheet HTML 8Page - Altera Corporation 5AGXMA3D631I4N Datasheet HTML 9Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 37 page
background image
Arria V Device Variants and Packages
Table 3: Device Variants for the Arria V Device Family
Description
Variant
FPGA with integrated 6.5536 Gbps transceivers that provides bandwidth, cost, and power
levels that are optimized for high-volume data and signal-processing applications
Arria V GX
FPGA with integrated 10.3125 Gbps transceivers that provides enhanced high-speed
serial I/O bandwidth for cost-sensitive data and signal processing applications
Arria V GT
FPGA with integrated 12.5 Gbps transceivers that provides enhanced high-speed serial
I/O bandwidth for high-performance and cost-sensitive data and signal processing
applications
Arria V GZ
SoC FPGA with integrated ARM-based HPS and 6.5536 Gbps transceivers
Arria V SX
SoC FPGA with integrated ARM-based HPS and 10.3125 Gbps transceivers
Arria V ST
Arria V GX
This section provides the available options, maximum resource counts, and package plan for the Arria V GX
devices.
Available Options
Figure 1: Sample Ordering Code and Available Options for Arria V GX Devices—Preliminary
Family Signature
Embedded Hard IPs
Transceiver Count
Transceiver
Speed Grade
Package Type
Package Code
Operating Temperature
FPGA Fabric
Speed Grade
Optional Suffix
Indicates specific device
options or shipment method
GX : 6-Gbps transceivers
B : No hard PCIe or hard
memory controller
M : 1 hard PCIe and 2 hard
memory controllers
F : Maximum 2 hard PCIe and
4 hard memory controllers
5A : Arria V
A1: 75K logic elements
A3: 156K logic elements
A5: 190K logic elements
A7: 242K logic elements
B1: 300K logic elements
B3: 362K logic elements
B5: 420K logic elements
B7: 504K logic elements
D : 9
G : 18
H : 24
K : 36
4 : 6.5536 Gbps
6 : 3.1250 Gbps
F : FineLine BGA (FBGA)
27 : 672 pins
31 : 896 pins
35 : 1,152 pins
40 : 1,517 pins
C : Commercial (TJ = 0° C to 85° C)
I
: Industrial (TJ = -40° C to 100° C)
3 (fastest)
4
5
6
N : Lead-free packaging
ES : Engineering sample
5A
GX
F
B5
H
4
F
35
I
3
N
Member Code
Family Variant
Altera Corporation
Arria V Device Overview
Feedback
5
Arria V Device Variants and Packages
AV-51001
2013.05.06


Similar Part No. - 5AGXMA3D631I4N

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
5AGXMA1D427C4N ALTERA-5AGXMA1D427C4N Datasheet
1Mb / 82P
   Arria V Device Handbook
5AGXMA1D427I4N ALTERA-5AGXMA1D427I4N Datasheet
1Mb / 82P
   Arria V Device Handbook
5AGXMA1D431C4N ALTERA-5AGXMA1D431C4N Datasheet
1Mb / 82P
   Arria V Device Handbook
5AGXMA1D431I4N ALTERA-5AGXMA1D431I4N Datasheet
1Mb / 82P
   Arria V Device Handbook
5AGXMA1D627C4N ALTERA-5AGXMA1D627C4N Datasheet
1Mb / 82P
   Arria V Device Handbook
More results

Similar Description - 5AGXMA3D631I4N

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
AV-51001 ALTERA-AV-51001 Datasheet
853Kb / 40P
   Arria V Device Overview
5AGXFB3H4F40C5N ALTERA-5AGXFB3H4F40C5N Datasheet
1Mb / 82P
   Arria V Device Handbook
5SGXMA3H2F35C2N ALTERA-5SGXMA3H2F35C2N Datasheet
420Kb / 21P
   Stratix V Device Overview
logo
Intel Corporation
5CSEBA6U23I7 INTEL-5CSEBA6U23I7 Datasheet
402Kb / 37P
   Cyclone V Device Overview
February 2012 1.2
CV-51001 INTEL-CV-51001 Datasheet
323Kb / 37P
   Cyclone V Device Overview
5CEFA9F23I7N INTEL-5CEFA9F23I7N Datasheet
412Kb / 37P
   Cyclone V Device Overview
2018.05.07
logo
Altera Corporation
EP2AGX95EF29I5N ALTERA-EP2AGX95EF29I5N Datasheet
1Mb / 90P
   Arria II Device Handbook
EP2AGX45DF25I5 ALTERA-EP2AGX45DF25I5 Datasheet
1Mb / 90P
   Arria II Device Handbook
EPXA1 ALTERA-EPXA1 Datasheet
299Kb / 16P
   Excalibur Device Overview
EP2AGX260EF29C5N ALTERA-EP2AGX260EF29C5N Datasheet
801Kb / 78P
   Device Datasheet for Arria II Devices
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com