Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1N974B Datasheet(PDF) 1 Page - Yea Shin Technology Co., Ltd

Part # 1N974B
Description  500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YEASHIN [Yea Shin Technology Co., Ltd]
Direct Link  http://www.yeashin.com
Logo YEASHIN - Yea Shin Technology Co., Ltd

1N974B Datasheet(HTML) 1 Page - Yea Shin Technology Co., Ltd

  1N974B Datasheet HTML 1Page - Yea Shin Technology Co., Ltd 1N974B Datasheet HTML 2Page - Yea Shin Technology Co., Ltd 1N974B Datasheet HTML 3Page - Yea Shin Technology Co., Ltd 1N974B Datasheet HTML 4Page - Yea Shin Technology Co., Ltd 1N974B Datasheet HTML 5Page - Yea Shin Technology Co., Ltd 1N974B Datasheet HTML 6Page - Yea Shin Technology Co., Ltd 1N974B Datasheet HTML 7Page - Yea Shin Technology Co., Ltd 1N974B Datasheet HTML 8Page - Yea Shin Technology Co., Ltd 1N974B Datasheet HTML 9Page - Yea Shin Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
DATA SHEET
SEMICONDUCTOR
http://www.yeashin.com
1
REV.02 20120403
1N957B~1N992B
500 mW DO-35 Hermetically
Sealed Glass Zener Voltage
Regulators
Maximum Ratings (Note 1)
Rating
Symbol
Value
Unit
Maximum Steady State Power Dissipation
@ TL
≤75°C, Lead Length = 3/8”
Derate Above 75°C
PD
500
4.0
mW
mW/°C
Operating and Storage
Temperature Range
TJ, Tstg
-65 to +200
°C
1. Some part number series have lower JEDEC registered ratings.
Specification Features
• Zener Voltage Range = 6.8 V to 200 V
• ESD Rating of Class 3 (>16 KV) per Human Body Model
• DO-35 Package (DO-204AH)
• Double Slug Type Construction
• Metallurgical Bonding
Mechanical Characteristics
Case
: Double slug type, hermetically sealed glass
Finish
: All external surfaces are corrosion resistant and leads are readily solderable.
Polarity : Cathode indicated by polarity band
Mounting: Any
Maximum Lead Temperature for Soldering Purposes
230°C, 1/16” from the case for 10 seconds
AXIAL LEAD
DO35
Cathode
Anode
1N
9x
xB
YMM
1N9xxB
= Device Code
Y
= Year
MM
= Month
MARKING DIAGRAM
9x
xT
DEVICE MARKING DIAGRAM
Device Code : 1N9xxT
Tolerance (T) : A = 10%
:
B = 5%
: C = 2%
: D = 1%


Similar Part No. - 1N974B

ManufacturerPart #DatasheetDescription
logo
Jinan Gude Electronic D...
1N974B JGD-1N974B Datasheet
185Kb / 2P
   0.5W SILICON ZENER DIODES
logo
TRANSYS Electronics Lim...
1N974B TEL-1N974B Datasheet
231Kb / 2P
   Hermetically Sealed Glass Package Zener Diodes
logo
Compensated Deuices Inc...
1N974B CDI-DIODE-1N974B Datasheet
110Kb / 2P
   METALLURGICALLY BONDED
logo
Tak Cheong Electronics ...
1N974B TAK_CHEONG-1N974B Datasheet
167Kb / 3P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
logo
General Semiconductor
1N974B GE-1N974B Datasheet
37Kb / 2P
   ZENER DIODES
More results

Similar Description - 1N974B

ManufacturerPart #DatasheetDescription
logo
Tak Cheong Electronics ...
BZX79C110 TAK_CHEONG-BZX79C110_10 Datasheet
178Kb / 3P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
logo
Yea Shin Technology Co....
ZX2V0 YEASHIN-ZX2V0 Datasheet
815Kb / 5P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
ZL2V4B YEASHIN-ZL2V4B Datasheet
604Kb / 3P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
1N5221B YEASHIN-1N5221B Datasheet
1Mb / 10P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
logo
Tak Cheong Electronics ...
TCBZX55C2V0 TAK_CHEONG-TCBZX55C2V0 Datasheet
181Kb / 6P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
TCZL2V4B TAK_CHEONG-TCZL2V4B Datasheet
174Kb / 5P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
1N750A TAK_CHEONG-1N750A Datasheet
316Kb / 4P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
1N4370A TAK_CHEONG-1N4370A Datasheet
166Kb / 3P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
TC1N5221B TAK_CHEONG-TC1N5221B Datasheet
92Kb / 3P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
TCRD2V2 TAK_CHEONG-TCRD2V2 Datasheet
173Kb / 6P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
1N5221B TAK_CHEONG-1N5221B Datasheet
133Kb / 4P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com