Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HI-8684PJIF Datasheet(PDF) 8 Page - Holt Integrated Circuits

Part # HI-8684PJIF
Description  ARINC INTERFACE DEVICE ARINC 429& 561 SERIAL DATA TO 8-BIT PARALLEL DATA
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTIC [Holt Integrated Circuits]
Direct Link  http://www.holtic.com
Logo HOLTIC - Holt Integrated Circuits

HI-8684PJIF Datasheet(HTML) 8 Page - Holt Integrated Circuits

Back Button HI-8684PJIF Datasheet HTML 3Page - Holt Integrated Circuits HI-8684PJIF Datasheet HTML 4Page - Holt Integrated Circuits HI-8684PJIF Datasheet HTML 5Page - Holt Integrated Circuits HI-8684PJIF Datasheet HTML 6Page - Holt Integrated Circuits HI-8684PJIF Datasheet HTML 7Page - Holt Integrated Circuits HI-8684PJIF Datasheet HTML 8Page - Holt Integrated Circuits HI-8684PJIF Datasheet HTML 9Page - Holt Integrated Circuits HI-8684PJIF Datasheet HTML 10Page - Holt Integrated Circuits HI-8684PJIF Datasheet HTML 11Page - Holt Integrated Circuits  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
HI-8684PJI
HI-8684PJT
&
HI-8684PJI-10
HI-8684PJT-10
18 - TESTB
17 -
16 - RINB (-10)
15 - RINA (-10)
14 - ERROR
RESET
D6-4
D5-5
D4-6
D3-7
D2-8
VCC
GAPCLK
INB
INA
ERROR
PARITY
ENB
D0
RESET
READ
DATA
RDY
D6
D7
D5
D4
D3
D2
D1
GND
1
2
3
4
5
6
7
8
9
18
17
16
15
14
13
12
11
10
HI-8683PDI
HI-8683PDT
HI-8683PJI
HI-8683PJT
18 - N/A
17 -
16 - INB
15 - INA
14 - ERROR
RESET
D6-4
D5-5
D4-6
D3-7
D2-8
HI-8683, HI-8684
HI-8683 & HI-8684 PIN CONFIGURATIONS
(See page 1 for additional pin configurations)
HI-8683
20-Pin Plastic PLCC
HI-8684
20-Pin Plastic PLCC
HI-8683
18-Pin Plastic DIP
ORDERING INFORMATION
Legend:
WB
- Wide Body
(1): Only available with ‘HI-8684’
HI - 868xxx x
- xx
x
PACKAGE
DESCRIPTION
BUILT-IN LINE
RECV’R
20 PIN PLASTIC PLCC (20J)
20 PIN PLASTIC PLCC (20J)
NO
YES
18 PIN PLASTIC DIP (18P)
NO
PART
NUMBER
8683PJ
8684PJ
8683PD
18 PIN PLASTIC WIDE SOIC (18HW)
20 PIN PLASTIC WIDE SOIC (20HW)
NO
YES
8683PS
8684PS
TEMPERATURE
RANGE
FLOW
BURN
IN
-40°C TO +85°C
NO
I
-55°C TO +125°C
NO
T
PART
NUMBER
T
I
LEAD
FINISH
PART
NUMBER
100% Matte Tin (Pb-free, RoHS compliant)
F
Tin / Lead (Sn / Pb) Solder
Blank
INPUT SERIES RESISTANCE
BUILT-IN
REQUIRED EXTERNALLY
PART
NUMBER (1)
25 Kohm
10 Kohm
-10
35 Kohm
0
No dash number
HOLT INTEGRATED CIRCUITS
8


Similar Part No. - HI-8684PJIF

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-8684PJIF HOLTIC-HI-8684PJIF Datasheet
194Kb / 10P
   ARINC INTERFACE DEVICE ARINC 429 & 561 Serial Data to 8-Bit Parallel Data
HI-8684PJIF-10 HOLTIC-HI-8684PJIF-10 Datasheet
194Kb / 10P
   ARINC INTERFACE DEVICE ARINC 429 & 561 Serial Data to 8-Bit Parallel Data
More results

Similar Description - HI-8684PJIF

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-8683 HOLTIC-HI-8683_06 Datasheet
194Kb / 10P
   ARINC INTERFACE DEVICE ARINC 429 & 561 Serial Data to 8-Bit Parallel Data
HI-8683 HOLTIC-HI-8683 Datasheet
172Kb / 10P
   ARINC INTERFACE DEVICE ARINC 429& 561 SERIAL DATA TO 8-BIT PARALLEL DATA
HI-8685 HOLTIC-HI-8685 Datasheet
239Kb / 10P
   ARINC INTERFACE DEVICE ARINC 429& 561 SERIAL DATA TO 16-BIT PARALLEL DATA
HI-8685 HOLTIC-HI-8685_06 Datasheet
184Kb / 11P
   ARINC INTERFACE DEVICE ARINC 429 & 561 Serial Data to 16-Bit Parallel Data
HI-8783 HOLTIC-HI-8783 Datasheet
194Kb / 9P
   ARINC INTERFACE DEVICE 8-BIT PARALLEL DATA CONVERTED 429&561 SERIAL DATA OUT
HI-8783 HOLTIC-HI-8783_06 Datasheet
186Kb / 9P
   ARINC INTERFACE DEVICE 8 bit parallel data converted to 429 & 561 serial data out
HI-8787 HOLTIC-HI-8787 Datasheet
135Kb / 7P
   ARINC INTERFACE DEVICE 16-BIT PARALLEL DATA CONVERTED 429&561 SERIAL DATA OUT
HI-8787 HOLTIC-HI-8787_09 Datasheet
74Kb / 8P
   ARINC 429 & 561 INTERFACE DEVICE
HI-8783 HOLTIC-HI-8783_09 Datasheet
86Kb / 10P
   ARINC 429 & 561 INTERFACE DEVICE
HI-8787 HOLTIC-HI-8787_06 Datasheet
123Kb / 7P
   ARINC INTERFACE DEVICES 16 bit parallel data converted to 429 & 561 serial data out
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com