Electronic Components Datasheet Search |
|
B43827A2106M Datasheet(PDF) 3 Page - EPCOS |
|
B43827A2106M Datasheet(HTML) 3 Page - EPCOS |
3 / 39 page Specifications and characteristics in brief Series B41827 B43827 Rated voltage VR 6.3 ... 100 V DC 160 ... 450 V DC Surge voltage VS VR ≤ 250 V DC: 1.15 V R (at room temperature) VR > 250 V DC: 1.1 VR (at room temperature) Rated capacitance CR 0.47 ... 22000 µF 0.47 ... 330 µF Capacitance tolerance ±20% M ±20% M Dissipation factor (max.) (20 °C, 120 Hz) For capacitance higher than 1000 µF add 0.02 for every increase of 1000 µF. VR (V DC) 6.3 10 16 25 35 50 63 100 160 ... 250 350 ... 400 450 tan δ 0.22 0.20 0.16 0.14 0.12 0.10 0.09 0.08 0.18 0.20 0.23 Leakage current Ileak (20 °C, after 5 minutes) or 3 µA, whichever is greater Useful life 85 °C; V R; IAC,R > 2000 h Requirements ∆C/C ≤ ±20% of initial value tan δ ≤ 2 times initial specified value Ileak ≤ initial specified limit Shelf life After storage for 1000 h at 85 °C, the capacitors shall meet the requirement of load life test after reforming process. After test: VR to be applied for 30 minutes, 24 to 48 hours before measurement. Vibration resistance test To IEC 60068-2-6, test Fc: Frequency range 10 ... 55 Hz, displacement amplitude 0.75 mm, acceleration max. 10 g, duration 3 × 2 h. If can size D <16 mm, capacitor is mounted by the leads If can size D ≥16 mm, capacitor rigidly clamped by the aluminum case IEC climatic category To IEC 60068-1: VR ≤ 100 V DC: 40/085/56 ( 40 °C/+85 °C/56 days damp heat test) VR > 100 V DC: 25/085/56 ( 25 °C/+85 °C/56 days damp heat test) B41827, B43827 Standard series 85 °C Page 3 of 39 Please read Cautions and warnings and Important notes at the end of this document. |
Similar Part No. - B43827A2106M |
|
Similar Description - B43827A2106M |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |