Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HI-3583PCMF Datasheet(PDF) 1 Page - Holt Integrated Circuits

Part # HI-3583PCMF
Description  ARINC 429 3.3V Terminal IC
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTIC [Holt Integrated Circuits]
Direct Link  http://www.holtic.com
Logo HOLTIC - Holt Integrated Circuits

HI-3583PCMF Datasheet(HTML) 1 Page - Holt Integrated Circuits

  HI-3583PCMF Datasheet HTML 1Page - Holt Integrated Circuits HI-3583PCMF Datasheet HTML 2Page - Holt Integrated Circuits HI-3583PCMF Datasheet HTML 3Page - Holt Integrated Circuits HI-3583PCMF Datasheet HTML 4Page - Holt Integrated Circuits HI-3583PCMF Datasheet HTML 5Page - Holt Integrated Circuits HI-3583PCMF Datasheet HTML 6Page - Holt Integrated Circuits HI-3583PCMF Datasheet HTML 7Page - Holt Integrated Circuits HI-3583PCMF Datasheet HTML 8Page - Holt Integrated Circuits HI-3583PCMF Datasheet HTML 9Page - Holt Integrated Circuits Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
HI-3582, HI-3583
ARINC 429
3.3V Terminal IC
52 - Pin Plastic Quad Flat Pack (PQFP)
August 2013
(DS3582 Rev. K)
08/13
(Note: All 3 VDD pins
be connected to the same 3.3V supply)
must
64 - Pin Plastic 9mm x 9mm
Chip-Scale Package (QFN)
GENERAL DESCRIPTION
The HI-3582/HI-3583 from Holt Integrated Circuits are
silicon gate CMOS devices for interfacing a 16-bit parallel
data bus directly to the ARINC 429 serial bus. The
HI-3582/HI-3583 design offers many enhancements to the
industry standard HI-8282 architecture. The device
provides two receivers each with label recognition, 32 by
32 FIFO, and analog line receiver. Up to 16 labels may be
programmed for each receiver. The independent transmit-
ter has a 32 X 32 FIFO and a built-in line driver. The status
of all three FIFOs can be monitored using the external
status pins, or by polling the HI-3582/HI-3583 status
register. Other new features include a programmable
option of data or parity in the 32nd bit, and the ability to
unscramble the 32 bit word. Also, versions are available
with different values of input resistance and output
resistance to allow users to more easily add external
lightning protection circuitry.
The 16-bit parallel data bus exchanges the 32-bit ARINC
data word in two steps when either loading the transmitter
or interrogating the receivers. The databus and all control
signals are CMOS and TTL compatible.
The HI-3582/HI-3583 apply the ARINC protocol to the
receivers and transmitter. Timing is based on a 1 Mega-
hertz clock.
Although the line driver shares a common substrate with
the receivers, the design of the physical isolation does not
allow parasitic crosstalk, and thereby achieves the same
isolation as common hybrid layouts.
HI-3582PQI
HI-3582PQT
HI-3582PQM
&
HI-3583PQI
HI-3583PQT
HI-3583PQM
39 - N/C
38 -
37 - ENTX
36-V+
35 - TXBOUT
34 - TXAOUT
33-V-
32 -
31 -
30 - TX/R
29 -
28 -
27 - BD00
CWSTR
FFT
HFT
PL2
PL1
FF1
HF1
D/R2
FF2
HF2
EN1
EN2
-1
-2
-3
-4
-5
SEL - 6
-7
-8
BD15 - 9
BD14 - 10
BD13 - 11
BD12 - 12
BD11 - 13
FEATURES
ARINC specification 429 compatible
• 3.3V logic supply operation
• Dual receiver and transmitter interface
directly to ARINC bus
• Programmable label recognition
• 32 x 32 FIFOs each receiver and transmitter
• Status register
• Data scramble control
• 32nd transmit bit can be data or parity
• Self test mode
• Low power
• Industrial & extended temperature ranges
• Analog line driver and receivers connect
• On-chip 16 label memory for each receiver
• Independent data rate selection for
Transmitter and each receiver
APPLICATIONS
• Avionics data communication
• Serial to parallel conversion
• Parallel to serial conversion
PIN CONFIGURATIONS (Top View)
(See page 14 for additional pin configuration)
48
47
46 - N/C
45 - V+
44 - TXBOUT
43 - TXAOUT
42 - V-
41
40 -
39 -
38 - TX/R
37 -
36 -
35 -
34 - BD01
-
- ENTX
- N/C
BD00
33 - N/C
CWSTR
FFT
HFT
PL2
PL1
N/C - 1
-2
-3
-4
-5
-6
-7
SEL - 8
-9
-10
N/C - 11
BD15 - 12
D/R1
FF1
D/R2
FF2
HF2
EN1
EN2
HF1
BD14 - 13
BD13 - 14
BD12 - 15
BD11 - 16
See Note below
HI-3582PCI
HI-3582PCT
HI-3582PCM
&
HI-3583PCI
HI-3583PCT
HI-3583PCM
HOLT INTEGRATED CIRCUITS
www.holtic.com
(


Similar Part No. - HI-3583PCMF

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-3583PCI HOLTIC-HI-3583PCI Datasheet
163Kb / 16P
   3.3V ARINC 429 TERMINAL IC
HI-3583PCI-10 HOLTIC-HI-3583PCI-10 Datasheet
163Kb / 16P
   3.3V ARINC 429 TERMINAL IC
HI-3583PCIF HOLTIC-HI-3583PCIF Datasheet
163Kb / 16P
   3.3V ARINC 429 TERMINAL IC
HI-3583PCIF-10 HOLTIC-HI-3583PCIF-10 Datasheet
163Kb / 16P
   3.3V ARINC 429 TERMINAL IC
HI-3583PCT HOLTIC-HI-3583PCT Datasheet
163Kb / 16P
   3.3V ARINC 429 TERMINAL IC
More results

Similar Description - HI-3583PCMF

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-3582 HOLTIC-HI-3582 Datasheet
163Kb / 16P
   3.3V ARINC 429 TERMINAL IC
HI-3582A HOLTIC-HI-3582A Datasheet
126Kb / 17P
   ARINC 429 3.3V Terminal IC with High-Speed Interface
HI-3585 HOLTIC-HI-3585_13 Datasheet
127Kb / 19P
   ARINC 429 Terminal IC with SPI Interface
HI-3584A HOLTIC-HI-3584A Datasheet
121Kb / 16P
   ARINC 429 3.3V Serial Transmitter
HI-3585 HOLTIC-HI-3585 Datasheet
117Kb / 14P
   ARINC 429 May 2009 Terminal IC with SPI Interface
AN-161 HOLTIC-AN-161 Datasheet
1Mb / 18P
   HI??593 ARINC 429 3.3V Dual Receiver
AN-160 HOLTIC-AN-160 Datasheet
2Mb / 25P
   HI??593 ARINC 429 3.3V Dual Receiver
QSG-3593 HOLTIC-QSG-3593 Datasheet
1Mb / 9P
   HI??593 ARINC 429 3.3V Dual Receiver
HI-8591 HOLTIC-HI-8591 Datasheet
137Kb / 7P
   ARINC 429 LINE RECEIVER
HI-8591 HOLTIC-HI-8591_13 Datasheet
78Kb / 8P
   ARINC 429 Line Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com