Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1N5987B Datasheet(PDF) 3 Page - Yea Shin Technology Co., Ltd

Part # 1N5987B
Description  500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YEASHIN [Yea Shin Technology Co., Ltd]
Direct Link  http://www.yeashin.com
Logo YEASHIN - Yea Shin Technology Co., Ltd

1N5987B Datasheet(HTML) 3 Page - Yea Shin Technology Co., Ltd

  1N5987B Datasheet HTML 1Page - Yea Shin Technology Co., Ltd 1N5987B Datasheet HTML 2Page - Yea Shin Technology Co., Ltd 1N5987B Datasheet HTML 3Page - Yea Shin Technology Co., Ltd 1N5987B Datasheet HTML 4Page - Yea Shin Technology Co., Ltd 1N5987B Datasheet HTML 5Page - Yea Shin Technology Co., Ltd 1N5987B Datasheet HTML 6Page - Yea Shin Technology Co., Ltd 1N5987B Datasheet HTML 7Page - Yea Shin Technology Co., Ltd 1N5987B Datasheet HTML 8Page - Yea Shin Technology Co., Ltd 1N5987B Datasheet HTML 9Page - Yea Shin Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
http://www.yeashin.com
3
REV.02 20120403
1N5985B~1N6025B
ELECTRICAL CHARACTERISTICS (TA = 25ºC unless otherwise noted, VF = 1.5 V Max @ IF = 100mA for all types)
Zener Voltage (Note 7.)
Zener Impedance (Note 8.)
Leakage Current
VZ (Volts)
@ IZT
ZZT @ IZT
ZZK @ IZK
IR @ VR
IZM
(Note 9.)
Device
(Note 6.)
Device
Marking
Min
Nom
Max
(mA)
(
Ω)(Ω
Ω)
(mA)
(
µµµµA)
(Volts)
(mA)
1N6005B
1N6005B
15.2
16
16.8
5
36
600
0.25
0.1
12
31
1N6006B
1N6006B
17.1
18
18.9
5
42
600
0.25
0.1
14
28
1N6007B
1N6007B
19
20
21
5
48
600
0.25
0.1
15
25
1N6008B
1N6008B
20.9
22
23.1
5
55
600
0.25
0.1
17
23
1N6009B
1N6009B
22.8
24
25.2
5
62
600
0.25
0.1
18
21
1N6010B
1N6010B
25.65
27
28.35
5
70
600
0.25
0.1
21
19
1N6011B
1N6011B
28.5
30
31.5
5
78
600
0.25
0.1
23
17
1N6012B
1N6012B
31.35
33
34.65
5
88
700
0.25
0.1
25
15
1N6013B
1N6013B
34.2
36
37.8
5
95
700
0.25
0.1
27
14
1N6014B
1N6014B
37.05
39
40.95
2
130
800
0.25
0.1
30
13
1N6015B
1N6015B
40.85
43
45.15
2
150
900
0.25
0.1
33
12
1N6016B
1N6016B
44.65
47
49.35
2
170
1000
0.25
0.1
36
11
1N6017B
1N6017B
48.45
51
53.55
2
180
1300
0.25
0.1
39
9.8
1N6018B
1N6018B
53.2
56
58.8
2
200
1400
0.25
0.1
43
8.9
1N6019B
1N6019B
58.9
62
65.1
2
225
1400
0.25
0.1
47
8
1N6020B
1N6020B
64.6
68
71.4
2
240
1600
0.25
0.1
52
7.4
1N6021B
1N6021B
71.25
75
78.75
2
265
1700
0.25
0.1
56
6.7
1N6022B
1N6022B
77.9
82
86.1
2
280
2000
0.25
0.1
62
6.1
1N6023B
1N6023B
86.45
91
95.55
2
300
2300
0.25
0.1
69
5.5
1N6024B
1N6024B
95
100
105
1
500
2600
0.25
0.1
76
5
1N6025B
1N6025B
104.5
110
115.5
1
650
3000
0.25
0.1
84
4.5
6. TOLERANCE AND TYPE NUMBER DESIGNATION (VZ)
The type numbers listed have a standard tolerance on the nominal zener voltage of
±5%.
7. ZENER VOLTAGE (VZ) MEASUREMENT
Nominal zener voltage is measured with the device junction in the thermal equilibrium at the lead temperature (TL) at 30
°C
±1°C and 3/8” lead length.
8. ZENER IMPEDANCE (ZZ) DERIVATION
ZZT and ZZK are measured by dividing the AC voltage drop across the device by the AC current applied. The specified limits
are for IZ(AC) = 0.1 IZ(DC) with AC frequency = 60Hz.
9. MAXIMUM ZENER CURRENT RATINGS (IZM)
This data was calculated using nominal voltages. The maximum current handling capability on a worst case basis is limited
by the actual zener voltage at the operation point and the power derating curve.


Similar Part No. - 1N5987B

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
1N5987B FAIRCHILD-1N5987B Datasheet
145Kb / 5P
   Zeners
logo
Micro Commercial Compon...
1N5987B MCC-1N5987B Datasheet
173Kb / 3P
   500 mW Zener Diode 2.4 ??47Volts
logo
Microsemi Corporation
1N5987BUR MICROSEMI-1N5987BUR Datasheet
397Kb / 5P
   Surface Mount 500 mW Zener Diodes
Rev. 1
1N5987BUR-1 MICROSEMI-1N5987BUR-1 Datasheet
397Kb / 5P
   Surface Mount 500 mW Zener Diodes
Rev. 1
More results

Similar Description - 1N5987B

ManufacturerPart #DatasheetDescription
logo
Tak Cheong Electronics ...
BZX79C110 TAK_CHEONG-BZX79C110_10 Datasheet
178Kb / 3P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
logo
Yea Shin Technology Co....
ZX2V0 YEASHIN-ZX2V0 Datasheet
815Kb / 5P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
ZL2V4B YEASHIN-ZL2V4B Datasheet
604Kb / 3P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
1N5221B YEASHIN-1N5221B Datasheet
1Mb / 10P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
logo
Tak Cheong Electronics ...
TCBZX55C2V0 TAK_CHEONG-TCBZX55C2V0 Datasheet
181Kb / 6P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
TCZL2V4B TAK_CHEONG-TCZL2V4B Datasheet
174Kb / 5P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
1N750A TAK_CHEONG-1N750A Datasheet
316Kb / 4P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
1N4370A TAK_CHEONG-1N4370A Datasheet
166Kb / 3P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
TC1N5221B TAK_CHEONG-TC1N5221B Datasheet
92Kb / 3P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
TCRD2V2 TAK_CHEONG-TCRD2V2 Datasheet
173Kb / 6P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
1N5221B TAK_CHEONG-1N5221B Datasheet
133Kb / 4P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com