Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1N962B Datasheet(PDF) 3 Page - Yea Shin Technology Co., Ltd

Part # 1N962B
Description  500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YEASHIN [Yea Shin Technology Co., Ltd]
Direct Link  http://www.yeashin.com
Logo YEASHIN - Yea Shin Technology Co., Ltd

1N962B Datasheet(HTML) 3 Page - Yea Shin Technology Co., Ltd

  1N962B Datasheet HTML 1Page - Yea Shin Technology Co., Ltd 1N962B Datasheet HTML 2Page - Yea Shin Technology Co., Ltd 1N962B Datasheet HTML 3Page - Yea Shin Technology Co., Ltd 1N962B Datasheet HTML 4Page - Yea Shin Technology Co., Ltd 1N962B Datasheet HTML 5Page - Yea Shin Technology Co., Ltd 1N962B Datasheet HTML 6Page - Yea Shin Technology Co., Ltd 1N962B Datasheet HTML 7Page - Yea Shin Technology Co., Ltd 1N962B Datasheet HTML 8Page - Yea Shin Technology Co., Ltd 1N962B Datasheet HTML 9Page - Yea Shin Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
http://www.yeashin.com
3
REV.02 20120403
1N957B~1N992B
ELECTRICAL CHARACTERISTICS (TA = 25ºC unless otherwise noted, VF = 1.5 V Max @ IF = 200mA for all types)
Zener Voltage (Note 7.)
Zener Impedance (Note 8.)
Leakage Current
VZ (Volts)
@ IZT
ZZT @ IZT
ZZK @ IZK
IR @ VR
IZM
(Note 9.)
Device
(Note 6.)
Device
Marking
Min
Nom
Max
(mA)
(
Ω)(Ω
Ω)
(mA)
(
µµµµA)
(Volts)
(mA)
1N977B
1N977B
44.65
47
49.35
2.7
105
1500
0.25
5
35.8
6.4
1N978B
1N978B
48.45
51
53.55
2.5
125
1500
0.25
5
38.8
5.9
1N979B
1N979B
53.2
56
58.8
2.2
150
2000
0.25
5
42.6
5.4
1N980B
1N980B
58.9
62
65.1
2
185
2000
0.25
5
47.1
4.9
1N981B
1N981B
64.6
68
71.4
1.8
230
2000
0.25
5
51.7
4.5
1N982B
1N982B
71.25
75
78.75
1.7
270
2000
0.25
5
56
4.1
1N983B
1N983B
77.9
82
86.1
1.5
330
3000
0.25
5
62.2
3.7
1N984B
1N984B
86.45
91
95.55
1.4
400
3000
0.25
5
69.2
3.3
1N985B
1N985B
95
100
105
1.3
500
3000
0.25
5
76
3
1N986B
1N986B
104.5
110
115.5
1.1
750
4000
0.25
5
83.6
2.7
1N987B
1N987B
114
120
126
1
900
4500
0.25
5
91.2
2.5
1N988B
1N988B
123.5
130
136.5
0.95
1100
5000
0.25
5
98.8
2.3
1N989B
1N989B
142.5
150
157.5
0.85
1500
6000
0.25
5
114
2
1N990B
1N990B
152
160
168
0.8
1700
6500
0.25
5
121.6
1.9
1N991B
1N991B
171
180
189
0.68
2200
7100
0.25
5
136.8
1.7
1N992B
1N992B
190
200
210
0.65
2500
8000
0.25
5
152
1.5
6. TOLERANCE AND TYPE NUMBER DESIGNATION (VZ)
The type numbers listed have a standard tolerance on the nominal zener voltage of
±5%.
7. ZENER VOLTAGE (VZ) MEASUREMENT
Nominal zener voltage is measured with the device junction in the thermal equilibrium at the lead temperature (TL) at 30
°C
±1°C and 3/8” lead length.
8. ZENER IMPEDANCE (ZZ) DERIVATION
ZZT and ZZK are measured by dividing the AC voltage drop across the device by the AC current applied. The specified limits
are for IZ(AC) = 0.1 IZ(DC) with AC frequency = 60Hz.
9. MAXIMUM ZENER CURRENT RATINGS (IZM)
Values shown are based on the JEDEC rating of 400mW where the actual zener voltage (VZ) is known at the operating
point, the zener current may be increased and is limited by the derating curve.


Similar Part No. - 1N962B

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
1N962B VISHAY-1N962B Datasheet
33Kb / 3P
   Silicon Z-Diodes
Rev. A3, 13-Nov-98
logo
Microsemi Corporation
1N962B MICROSEMI-1N962B Datasheet
123Kb / 2P
   METALLURGICALLY BONDED
logo
Jinan Gude Electronic D...
1N962B JGD-1N962B Datasheet
185Kb / 2P
   0.5W SILICON ZENER DIODES
logo
Tak Cheong Electronics ...
1N962B TAK_CHEONG-1N962B Datasheet
295Kb / 4P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
logo
Compensated Deuices Inc...
1N962B CDI-DIODE-1N962B Datasheet
110Kb / 2P
   METALLURGICALLY BONDED
More results

Similar Description - 1N962B

ManufacturerPart #DatasheetDescription
logo
Tak Cheong Electronics ...
BZX79C110 TAK_CHEONG-BZX79C110_10 Datasheet
178Kb / 3P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
logo
Yea Shin Technology Co....
ZX2V0 YEASHIN-ZX2V0 Datasheet
815Kb / 5P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
ZL2V4B YEASHIN-ZL2V4B Datasheet
604Kb / 3P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
1N5221B YEASHIN-1N5221B Datasheet
1Mb / 10P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
logo
Tak Cheong Electronics ...
TCBZX55C2V0 TAK_CHEONG-TCBZX55C2V0 Datasheet
181Kb / 6P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
TCZL2V4B TAK_CHEONG-TCZL2V4B Datasheet
174Kb / 5P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
1N750A TAK_CHEONG-1N750A Datasheet
316Kb / 4P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
1N4370A TAK_CHEONG-1N4370A Datasheet
166Kb / 3P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
TC1N5221B TAK_CHEONG-TC1N5221B Datasheet
92Kb / 3P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
TCRD2V2 TAK_CHEONG-TCRD2V2 Datasheet
173Kb / 6P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
1N5221B TAK_CHEONG-1N5221B Datasheet
133Kb / 4P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com