Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HI-3583PCIF Datasheet(PDF) 3 Page - Holt Integrated Circuits

Part # HI-3583PCIF
Description  ARINC 429 3.3V Terminal IC
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTIC [Holt Integrated Circuits]
Direct Link  http://www.holtic.com
Logo HOLTIC - Holt Integrated Circuits

HI-3583PCIF Datasheet(HTML) 3 Page - Holt Integrated Circuits

  HI-3583PCIF Datasheet HTML 1Page - Holt Integrated Circuits HI-3583PCIF Datasheet HTML 2Page - Holt Integrated Circuits HI-3583PCIF Datasheet HTML 3Page - Holt Integrated Circuits HI-3583PCIF Datasheet HTML 4Page - Holt Integrated Circuits HI-3583PCIF Datasheet HTML 5Page - Holt Integrated Circuits HI-3583PCIF Datasheet HTML 6Page - Holt Integrated Circuits HI-3583PCIF Datasheet HTML 7Page - Holt Integrated Circuits HI-3583PCIF Datasheet HTML 8Page - Holt Integrated Circuits HI-3583PCIF Datasheet HTML 9Page - Holt Integrated Circuits Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
FUNCTIONAL DESCRIPTION
CONTROL WORD REGISTER
The HI-3582/HI-3583 contain a 16-bit control register which is
used to configure the device. The control register bits CR0 - CR15
are loaded from BD00 - BD15 when
is pulsed low. The
control register contents are output on the databus when SEL = 1
and
is pulsed low. Each bit of the control register has the
following function:
CWSTR
RSR
STATUS REGISTER
The HI-3582/HI-3583 contain a 9-bit status register which can be
interrogated to determine the status of the ARINC receivers, data
FIFOs and transmitter.
The contents of the status register are
output on BD00 - BD08 when the
pin is taken low and
SEL = 0. Unused bits are output as Zeros. The following table
defines the status register bits.
RSR
SR
Bit
FUNCTION
STATE
DESCRIPTION
SR0
Data ready
0
Receiver 1 FIFO empty
1
Receiver 1 FIFO contains valid data
Resets to zero when all data has
been read.
pin is the inverse of
this bit
(Receiver 1)
SR1
FIFO half full
0
Receiver 1 FIFO holds less than 16
(Receiver 1)
words
1
Receiver 1 FIFO holds at least 16
words.
pin is the inverse of
this bit.
SR2
FIFO full
0
Receiver 1 FIFO not full
(Receiver 1)
1
Receiver 1 FIFO full. To avoid data
loss, the FIFO must be read within
one ARINC word period.
pin is
the inverse of this bit
SR3
Data ready
0
Receiver 2 FIFO empty
(Receiver 2)
1
Receiver 2 FIFO contains valid data
Resets to zero when all data has
been read.
pin is the inverse of
this bit
SR4
FIFO half full
0
Receiver 2 FIFO holds less than 16
(Receiver 2)
words
1
Receiver 2 FIFO holds at least 16
words.
pin is the inverse of
this bit.
SR5
FIFO full
0
Receiver 2 FIFO not full
(Receiver 2)
1
Receiver 2 FIFO full. To avoid data
loss, the FIFO must be read within
one ARINC word period.
pin is
the inverse of this bit
SR6
Transmitter FIFO
0
Transmitter FIFO not empty
empty
1
Transmitter FIFO empty.
SR7
Transmitter FIFO
0
Transmitter FIFO not full
full
1
Transmitter FIFO full.
pin is the
inverse of this bit.
SR8
Transmitter FIFO
0
Transmitter FIFO contains less than
half full
16 words
1
Transmitter FIFO contains at least
16 words.
pin is the
inverse of this bit.
D/R1
HF1
FF1
D/R2
HF2
FF2
FFT
HFT
CR
Bit
FUNCTION
STATE
DESCRIPTION
CR0
Receiver 1
0
Data rate = CLK/10
Select
1
Data rate = CLK/80
Data clock
CR1
Label Memory
0
Normal operation
Read / Write
1
Load 16 labels using
/
Read 16 labels using
/
CR2
Enable Label
0
Disable label recognition
Recognition
(Receiver 1)
1
Enable label recognition
CR3
Enable Label
0
Disable Label Recognition
Recognition
(Receiver 2)
1
Enable Label recognition
CR4
Enable
0
Transmitter 32nd bit is data
32nd bit
as parity
1
Transmitter 32nd bit is parity
CR5
Self Test
0
The transmitter’s digital
outputs are internally connected
to the receiver logic inputs
1
Normal operation
CR6
Receiver 1
0
Receiver 1 decoder disabled
decoder
1
ARINC bits 9 and 10 must match
CR7 and CR8
CR7
-
-
If receiver 1 decoder is enabled,
the ARINC bit 9 must match this bit
CR8
-
-
If receiver 1 decoder is enabled,
the ARINC bit 10 must match this bit
CR9
Receiver 2
0
Receiver 2 decoder disabled
Decoder
1
ARINC bits 9 and 10 must match
CR10 and CR11
CR10
-
-
If receiver 2 decoder is enabled,
the ARINC bit 9 must match this bit
CR11
-
-
If receiver 2 decoder is enabled,
the ARINC bit 10 must match this bit
CR12
Invert
0
Transmitter 32nd bit is Odd parity
Transmitter
parity
1
Transmitter 32nd bit is Even parity
CR13
Transmitter
0
Data rate=CLK/10, O/P slope=1.5us
data clock
select
1
Data rate=CLK/80, O/P slope=10us
CR14
Receiver 2
0
Data rate=CLK/10
data clock
select
1
Data rate=CLK/80
CR15
Data
0
Scramble ARINC data
format
1
Unscramble ARINC data
PL1 PL2
EN1 EN2
HI-3582, HI-3583
HOLT INTEGRATED CIRCUITS
3


Similar Part No. - HI-3583PCIF

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-3583PCIF HOLTIC-HI-3583PCIF Datasheet
163Kb / 16P
   3.3V ARINC 429 TERMINAL IC
HI-3583PCIF-10 HOLTIC-HI-3583PCIF-10 Datasheet
163Kb / 16P
   3.3V ARINC 429 TERMINAL IC
More results

Similar Description - HI-3583PCIF

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-3582 HOLTIC-HI-3582 Datasheet
163Kb / 16P
   3.3V ARINC 429 TERMINAL IC
HI-3582A HOLTIC-HI-3582A Datasheet
126Kb / 17P
   ARINC 429 3.3V Terminal IC with High-Speed Interface
HI-3585 HOLTIC-HI-3585_13 Datasheet
127Kb / 19P
   ARINC 429 Terminal IC with SPI Interface
HI-3584A HOLTIC-HI-3584A Datasheet
121Kb / 16P
   ARINC 429 3.3V Serial Transmitter
HI-3585 HOLTIC-HI-3585 Datasheet
117Kb / 14P
   ARINC 429 May 2009 Terminal IC with SPI Interface
AN-161 HOLTIC-AN-161 Datasheet
1Mb / 18P
   HI??593 ARINC 429 3.3V Dual Receiver
AN-160 HOLTIC-AN-160 Datasheet
2Mb / 25P
   HI??593 ARINC 429 3.3V Dual Receiver
QSG-3593 HOLTIC-QSG-3593 Datasheet
1Mb / 9P
   HI??593 ARINC 429 3.3V Dual Receiver
HI-8591 HOLTIC-HI-8591 Datasheet
137Kb / 7P
   ARINC 429 LINE RECEIVER
HI-8591 HOLTIC-HI-8591_13 Datasheet
78Kb / 8P
   ARINC 429 Line Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com