Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRFI740B Datasheet(PDF) 8 Page - Fairchild Semiconductor

Part # IRFI740B
Description  400V N-Channel MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

IRFI740B Datasheet(HTML) 8 Page - Fairchild Semiconductor

  IRFI740B Datasheet HTML 1Page - Fairchild Semiconductor IRFI740B Datasheet HTML 2Page - Fairchild Semiconductor IRFI740B Datasheet HTML 3Page - Fairchild Semiconductor IRFI740B Datasheet HTML 4Page - Fairchild Semiconductor IRFI740B Datasheet HTML 5Page - Fairchild Semiconductor IRFI740B Datasheet HTML 6Page - Fairchild Semiconductor IRFI740B Datasheet HTML 7Page - Fairchild Semiconductor IRFI740B Datasheet HTML 8Page - Fairchild Semiconductor IRFI740B Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
©2001 Fairchild Semiconductor Corporation
Rev. B, November 2001
Package Dimensions (Continued)
9.90
±0.20
2.40
±0.20
4.50
±0.20
1.27
±0.10
1.47
±0.10
0.80
±0.10
10.00
±0.20
2.54 TYP
2.54 TYP
1.30
+0.10
–0.05
0.50
+0.10
–0.05
I2-PAK
Dimensions in Millimeters


Similar Part No. - IRFI740B

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFI740 IRF-IRFI740 Datasheet
169Kb / 6P
   Power MOSFET(Vdss=400V, Rds(on)=0.55ohm, Id=5.4A)
logo
Fairchild Semiconductor
IRFI740A FAIRCHILD-IRFI740A Datasheet
233Kb / 7P
   Advanced Power MOSFET
logo
International Rectifier
IRFI740G IRF-IRFI740G Datasheet
169Kb / 6P
   Power MOSFET(Vdss=400V, Rds(on)=0.55ohm, Id=5.4A)
logo
Vishay Siliconix
IRFI740G VISHAY-IRFI740G Datasheet
1Mb / 8P
   Power MOSFET
S-81290-Rev. A, 16-Jun-08
IRFI740G VISHAY-IRFI740G Datasheet
890Kb / 10P
   Power MOSFET
01-Jan-2022
More results

Similar Description - IRFI740B

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQB6N40C FAIRCHILD-FQB6N40C Datasheet
663Kb / 9P
   400V N-Channel MOSFET
FQA17N40 FAIRCHILD-FQA17N40 Datasheet
730Kb / 8P
   400V N-CHANNEL MOSFET
FQP6N40CF FAIRCHILD-FQP6N40CF_12 Datasheet
1Mb / 10P
   400V N-Channel MOSFET
logo
SemiHow Co.,Ltd.
HFS11N40 SEMIHOW-HFS11N40 Datasheet
786Kb / 7P
   400V N-Channel MOSFET
logo
Fairchild Semiconductor
FQAF11N40 FAIRCHILD-FQAF11N40 Datasheet
698Kb / 8P
   400V N-Channel MOSFET
FQAF17N40 FAIRCHILD-FQAF17N40 Datasheet
707Kb / 8P
   400V N-Channel MOSFET
FQPF5N40 FAIRCHILD-FQPF5N40 Datasheet
728Kb / 8P
   400V N-Channel MOSFET
FQP3N40 FAIRCHILD-FQP3N40 Datasheet
716Kb / 8P
   400V N-Channel MOSFET
FQD3N40 FAIRCHILD-FQD3N40 Datasheet
717Kb / 9P
   400V N-Channel MOSFET
FQL50N40 FAIRCHILD-FQL50N40 Datasheet
798Kb / 8P
   400V N-Channel MOSFET
IRF740B FAIRCHILD-IRF740B Datasheet
894Kb / 10P
   400V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com