Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HI-8423PTTF Datasheet(PDF) 3 Page - Holt Integrated Circuits

Part # HI-8423PTTF
Description  6-Channel / 8-Channel Discrete-to-Digital Interface
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTIC [Holt Integrated Circuits]
Direct Link  http://www.holtic.com
Logo HOLTIC - Holt Integrated Circuits

HI-8423PTTF Datasheet(HTML) 3 Page - Holt Integrated Circuits

  HI-8423PTTF Datasheet HTML 1Page - Holt Integrated Circuits HI-8423PTTF Datasheet HTML 2Page - Holt Integrated Circuits HI-8423PTTF Datasheet HTML 3Page - Holt Integrated Circuits HI-8423PTTF Datasheet HTML 4Page - Holt Integrated Circuits HI-8423PTTF Datasheet HTML 5Page - Holt Integrated Circuits HI-8423PTTF Datasheet HTML 6Page - Holt Integrated Circuits  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
HI-8420, HI-8423
NOTE:
Stresses above absolute maximum
ratings or outside recommended operating conditions may cause
permanent damage to the device. These are stress ratings only. Operation at the limits is not recommended.
ABSOLUTE MAXIMUM RATINGS
RECOMMENDED
OPERATING CONDITIONS
Supply Voltage
Operating Temperature Range
Industrial Screening .........
-40°C to +85°C
Hi-Temp Screening ........
-55°C to +125°C
VDD .................................. 4.5 V to 5.5 V
Supply voltage (
Logic input voltage range
Power dissipation at 25°C
350 mW
Solder temperature
275°C for 10 sec
Storage temperature
-65°C to +150°C
VDD)
-0.3 V to +7 V
-0.3 V to +5.5 V
Discrete input voltage range
-80 V to + 80 V
ELECTRICAL CHARACTERISTICS
VDD = 5.0V
, GND = 0V, T = Operating Temperature Range (unless otherwise specified).
A
± 10%
LOGIC INPUTS (
,
)
Input Voltage
Input voltage HI
V
2.0
V
Input voltage LO
V
0.8
V
Input current
Input sink
I
V
= V
1.0
Input source
I
V = 0 V
-1.0
OUTPUTS
Logic output voltage
High
V
I
= -5 mA
2.4
V
Low
V
I
= 5 mA
0.4
V
Logic output voltage (CMOS)
High
V
I
= -100 uA
V
- 0.2
V
Low
V
IOL = 100 uA
0.2
V
Tri-state output current
I
V
=0VorV
10
SUPPLY CURRENT
V
current
I
V
= V
(all inputs)
5
10
mA
SWITCHING CHARACTERISTICS
Propagation delay
IN to OUT
t
, t
150
ns
Output enable time
t , t
From
or
25
ns
Output disable time
t , t
From
or
25
ns
CE OE
CE
OE
CE
OE
IH
IL
IH
IH
DD
IL
IL
OH
OH
OL
OL
OH
OH
DD
OL
OZ
OUT
DD
DD
DD
IN
DD
LH
HL
ZL
ZH
LZ
HZ
µA
µA
µA
±
PARAMETER
SYMBOL
CONDITION
MIN
TYP
MAX
UNITS
DISCRETE INPUTS
Ground state input voltage
V
Input voltage to give high output
3.0
V
Open state input voltage
V
Input voltage to give low output
3.5
V
Ground state input resistor
R
Resistor from input to ground
0
100
Open state input resistor
R
Resistor from input to ground
100
K
to give low output
Input source current
I
Current sourced into 100
-100
-330
A
to ground
Reverse leakage current
I
V
= 35 V, V
= 0 V
5.0
m
SG
SO
IG
IO
IO
IR
IN
DD
W
W
W
to give high output
µ
A
HOLT INTEGRATED CIRCUITS
3


Similar Part No. - HI-8423PTTF

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-8423 HOLTIC-HI-8423_13 Datasheet
64Kb / 6P
   6-Channel / 8-Channel Discrete-to-Digital Interface Sensing Open / Ground Signals
More results

Similar Description - HI-8423PTTF

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-8421-10 HOLTIC-HI-8421-10 Datasheet
68Kb / 5P
   6-Channel / 8-Channel Discrete-to-Digital Interface
HI-8423 HOLTIC-HI-8423_13 Datasheet
64Kb / 6P
   6-Channel / 8-Channel Discrete-to-Digital Interface Sensing Open / Ground Signals
HI-8424 HOLTIC-HI-8424_13 Datasheet
64Kb / 5P
   6-Channel / 8-Channel Discrete-to-Digital Interface Sensing 28V / Open Signals
HI-8421 HOLTIC-HI-8421 Datasheet
151Kb / 4P
   six channel discrete-to-digital interface
HI-8422 HOLTIC-HI-8422_10 Datasheet
68Kb / 7P
   16-Channel Discrete-to-Digital Interface
HI-8422 HOLTIC-HI-8422_06 Datasheet
130Kb / 6P
   16-Channel Discrete-to-Digital Interface
logo
Device Engineering Inco...
DEI1054 DEIAZ-DEI1054 Datasheet
369Kb / 7P
   Six Channel Discrete-to-Digital Interface Sensing 28 Volt/Open
DEI1026A DEIAZ-DEI1026A Datasheet
425Kb / 9P
   Six Channel Discrete-to-Digital Interface Sensing Open/Ground Signals
logo
Holt Integrated Circuit...
HI-8420 HOLTIC-HI-8420 Datasheet
156Kb / 4P
   Six-Channel Discrete-to-Digital Interface Sensing Open / Ground Signals
logo
Device Engineering Inco...
DEI1026 DEIAZ-DEI1026 Datasheet
264Kb / 8P
   Six Channel Discrete-to-Digital Interface Sensing Open/Ground Signals
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com