Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EP2S90F1508C3ES Datasheet(PDF) 11 Page - Altera Corporation

Part # EP2S90F1508C3ES
Description  Stratix II Device Family Data Sheet
Download  238 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP2S90F1508C3ES Datasheet(HTML) 11 Page - Altera Corporation

Back Button EP2S90F1508C3ES Datasheet HTML 7Page - Altera Corporation EP2S90F1508C3ES Datasheet HTML 8Page - Altera Corporation EP2S90F1508C3ES Datasheet HTML 9Page - Altera Corporation EP2S90F1508C3ES Datasheet HTML 10Page - Altera Corporation EP2S90F1508C3ES Datasheet HTML 11Page - Altera Corporation EP2S90F1508C3ES Datasheet HTML 12Page - Altera Corporation EP2S90F1508C3ES Datasheet HTML 13Page - Altera Corporation EP2S90F1508C3ES Datasheet HTML 14Page - Altera Corporation EP2S90F1508C3ES Datasheet HTML 15Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 238 page
background image
Altera Corporation
2–3
May 2007
Stratix II Device Handbook, Volume 1
Stratix II Architecture
The number of M512 RAM, M4K RAM, and DSP blocks varies by device
along with row and column numbers and M-RAM blocks. Table 2–1 lists
the resources available in Stratix II devices.
Logic Array
Blocks
Each LAB consists of eight ALMs, carry chains, shared arithmetic chains,
LAB control signals, local interconnect, and register chain connection
lines. The local interconnect transfers signals between ALMs in the same
LAB. Register chain connections transfer the output of an ALM register to
the adjacent ALM register in an LAB. The Quartus® II Compiler places
associated logic in an LAB or adjacent LABs, allowing the use of local,
shared arithmetic chain, and register chain connections for performance
and area efficiency. Figure 2–2 shows the Stratix II LAB structure.
Table 2–1. Stratix II Device Resources
Device
M512 RAM
Columns/Blocks
M4K RAM
Columns/Blocks
M-RAM
Blocks
DSP Block
Columns/Blocks
LAB
Columns
LAB Rows
EP2S15
4 / 104
3 / 78
0
2 / 12
30
26
EP2S30
6 / 202
4 / 144
1
2 / 16
49
36
EP2S60
7 / 329
5 / 255
2
3 / 36
62
51
EP2S90
8 / 488
6 / 408
4
3 / 48
71
68
EP2S130
9 / 699
7 / 609
6
3 / 63
81
87
EP2S180
11 / 930
8 / 768
9
4 / 96
100
96


Similar Part No. - EP2S90F1508C3ES

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP2S90F1508C3ES ALTERA-EP2S90F1508C3ES Datasheet
5Mb / 768P
   Stratix II Device Handbook, Volume 1
EP2S90F1508C3ES ALTERA-EP2S90F1508C3ES Datasheet
5Mb / 768P
   Stratix II Device Handbook, Volume 1
More results

Similar Description - EP2S90F1508C3ES

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP2S90F1020C4 ALTERA-EP2S90F1020C4 Datasheet
2Mb / 238P
   Section I. Stratix II Device Family Data Sheet
EP2S180F1508I4 ALTERA-EP2S180F1508I4 Datasheet
2Mb / 238P
   Section I. Stratix II Device Family Data Sheet
EP2S90F1020I4N ALTERA-EP2S90F1020I4N Datasheet
2Mb / 238P
   Section I. Stratix II Device Family Data Sheet
EP2S30F484C4N ALTERA-EP2S30F484C4N Datasheet
2Mb / 238P
   Section I. Stratix II Device Family Data Sheet
EP1S10 ALTERA-EP1S10 Datasheet
3Mb / 290P
   Stratix Device Family Data Sheet
EP2S15 ALTERA-EP2S15 Datasheet
2Mb / 238P
   Stratix II Device Family
EP2SGX60EF1152C3 ALTERA-EP2SGX60EF1152C3 Datasheet
3Mb / 326P
   Stratix II GX Device Data Sheet
EP1SGX40DF1020C6 ALTERA-EP1SGX40DF1020C6 Datasheet
2Mb / 272P
   Section I. Stratix GX Device Family Data Sheet
EP1SGX10DF672C6 ALTERA-EP1SGX10DF672C6 Datasheet
2Mb / 272P
   Section I. Stratix GX Device Family Data Sheet
EP2SGX30CF780C5N ALTERA-EP2SGX30CF780C5N Datasheet
1Mb / 316P
   Section I. Stratix II GX Device Data Sheet
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com