Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5AGXFA1D631I3ES Datasheet(PDF) 11 Page - Altera Corporation

Part # 5AGXFA1D631I3ES
Description  Arria V Device Overview
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

5AGXFA1D631I3ES Datasheet(HTML) 11 Page - Altera Corporation

Back Button 5AGXFA1D631I3ES Datasheet HTML 7Page - Altera Corporation 5AGXFA1D631I3ES Datasheet HTML 8Page - Altera Corporation 5AGXFA1D631I3ES Datasheet HTML 9Page - Altera Corporation 5AGXFA1D631I3ES Datasheet HTML 10Page - Altera Corporation 5AGXFA1D631I3ES Datasheet HTML 11Page - Altera Corporation 5AGXFA1D631I3ES Datasheet HTML 12Page - Altera Corporation 5AGXFA1D631I3ES Datasheet HTML 13Page - Altera Corporation 5AGXFA1D631I3ES Datasheet HTML 14Page - Altera Corporation 5AGXFA1D631I3ES Datasheet HTML 15Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 37 page
background image
Arria V SX
This section provides the available options, maximum resource counts, and package plan for the Arria V SX
devices.
Available Options
Figure 4: Sample Ordering Code and Available Options for Arria V SX Devices—Preliminary
The –3 FPGA fabric speed grade is available only for industrial temperature devices.
Family Signature
Embedded Hard IPs
Transceiver Count
Transceiver
Speed Grade
Package Type
Package Code
Operating Temperature
FPGA Fabric
Speed Grade
Optional Suffix
Indicates specific device
options or shipment method
SX : SoC FPGA with 6-Gbps transceivers
B : No hard PCIe or hard
memory controllers
M : Maximum 1 hard PCIe
controllers and 2 hard
memory controllers
F : Maximum 2 hard PCIe
controllers and 3 hard
memory controllers
5A : Arria V
B3 : 350K logic elements
B5 : 462K logic elements
D : 9
E : 12
G : 18
H : 30
4 : 6.5336 Gbps
F : FineLine BGA (FBGA)
31 : 896 pins
35 : 1,152 pins
40 : 1,517 pins
C : Commercial (TJ = 0° C to 85° C)
I
: Industrial (TJ = -40° C to 100° C)
3 (fastest)
4
5
6
N : Lead-free packaging
ES : Engineering sample
5A
SX
F
B5
H
4
F
40
I
3
N
Member Code
Family Variant
Maximum Resources
Table 10: Maximum Resource Counts for Arria V SX Devices—Preliminary
Member Code
Resource
B5
B3
462
350
Logic Elements (LE) (K)
174,340
132,075
ALM
697,360
528,300
Register
22,820
17,290
M10K
Memory (Kb)
2,658
2,014
MLAB
1,090
809
Variable-precision DSP Block
2,180
1,618
18 x 18 Multiplier
14
14
FPGA PLL
12
12 The number of PLLs includes general-purpose fractional PLLs and transceiver fractional PLLs.
Altera Corporation
Arria V Device Overview
Feedback
11
Arria V SX
AV-51001
2013.05.06


Similar Part No. - 5AGXFA1D631I3ES

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
5AGXFA1D631I4N ALTERA-5AGXFA1D631I4N Datasheet
1Mb / 82P
   Arria V Device Handbook
More results

Similar Description - 5AGXFA1D631I3ES

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
AV-51001 ALTERA-AV-51001 Datasheet
853Kb / 40P
   Arria V Device Overview
5AGXFB3H4F40C5N ALTERA-5AGXFB3H4F40C5N Datasheet
1Mb / 82P
   Arria V Device Handbook
5SGXMA3H2F35C2N ALTERA-5SGXMA3H2F35C2N Datasheet
420Kb / 21P
   Stratix V Device Overview
logo
Intel Corporation
5CSEBA6U23I7 INTEL-5CSEBA6U23I7 Datasheet
402Kb / 37P
   Cyclone V Device Overview
February 2012 1.2
CV-51001 INTEL-CV-51001 Datasheet
323Kb / 37P
   Cyclone V Device Overview
5CEFA9F23I7N INTEL-5CEFA9F23I7N Datasheet
412Kb / 37P
   Cyclone V Device Overview
2018.05.07
logo
Altera Corporation
EP2AGX95EF29I5N ALTERA-EP2AGX95EF29I5N Datasheet
1Mb / 90P
   Arria II Device Handbook
EP2AGX45DF25I5 ALTERA-EP2AGX45DF25I5 Datasheet
1Mb / 90P
   Arria II Device Handbook
EPXA1 ALTERA-EPXA1 Datasheet
299Kb / 16P
   Excalibur Device Overview
EP2AGX260EF29C5N ALTERA-EP2AGX260EF29C5N Datasheet
801Kb / 78P
   Device Datasheet for Arria II Devices
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com