Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5AGTMD3D427I4N Datasheet(PDF) 11 Page - Altera Corporation

Part # 5AGTMD3D427I4N
Description  Arria V Device Handbook
Download  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

5AGTMD3D427I4N Datasheet(HTML) 11 Page - Altera Corporation

Back Button 5AGTMD3D427I4N Datasheet HTML 7Page - Altera Corporation 5AGTMD3D427I4N Datasheet HTML 8Page - Altera Corporation 5AGTMD3D427I4N Datasheet HTML 9Page - Altera Corporation 5AGTMD3D427I4N Datasheet HTML 10Page - Altera Corporation 5AGTMD3D427I4N Datasheet HTML 11Page - Altera Corporation 5AGTMD3D427I4N Datasheet HTML 12Page - Altera Corporation 5AGTMD3D427I4N Datasheet HTML 13Page - Altera Corporation 5AGTMD3D427I4N Datasheet HTML 14Page - Altera Corporation 5AGTMD3D427I4N Datasheet HTML 15Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 82 page
background image
Chapter 1: Overview for the Arria V Device Family
1–5
Arria V Family Plan
February 2012
Altera Corporation
Arria V Device Handbook
Volume 1: Device Overview and Datasheet
Table 1–3. Maximum Resource Counts for Arria V GT, SX, and ST Devices—Preliminary
Feature
Arria V GT Device
Arria V SX Device
Arria V ST Device
5AGTD3
5AGTD7
5ASXB3
5ASXB5
5ASTD3
5ASTD5
ALMs
136,880
190,240
132,075
174,340
132,075
174,340
LE (K)
362
504
350
462
350
462
M10K memory blocks
1,726
2,414
1,729
2,282
1,729
2,282
MLAB memory (Kb)
2,098
2,906
2,014
2,658
2,014
2,658
Block memory (Kb)
17,260
24,140
17,288
22,820
17,288
22,820
Variable-precision DSP blocks
1,045
1,156
809
1,068
809
1,068
18 x 19 multipliers
2,090
2,312
1,618
2,186
1,618
2,186
FPGA Fractional PLLs (1)
12
16
TBD
TBD
TBD
TBD
HPS PLLs (1)
TBD
TBD
TBD
TBD
FPGA GPIO
704
704
528
528
528
528
HPS I/O
216
216
216
216
LVDS TX (2)
160
160
120
120
120
120
LVDS RX (2)
176
176
120
120
120
120
PCIe hard IP blocks
222222
Hard memory controllers
443333
HPS memory controllers
1111
ARM Cortex–A9 MPCore
processor
Dual-core
Dual-core
Dual-core
Dual-core
Notes to Table 1–3:
(1) The total number of available fractional PLLs is a combination of general-purpose and transceiver PLLs. Transceiver fractional PLLs,
when not used by the transceiver I/O, can be used as a general-purpose fractional PLL.
(2) For the LVDS channels count for each package, refer to the High-Speed Differential I/O Interfaces with DPA in Arria V Devices chapter.


Similar Part No. - 5AGTMD3D427I4N

ManufacturerPart #DatasheetDescription
logo
Visual Communications C...
5AG VCC-5AG Datasheet
40Kb / 1P
   Neon Circuit Component Lamps
5AG-A VCC-5AG-A Datasheet
40Kb / 1P
   Neon Circuit Component Lamps
logo
Altera Corporation
5AGXFA1D427C3ES ALTERA-5AGXFA1D427C3ES Datasheet
793Kb / 37P
   Arria V Device Overview
5AGXFA1D427C4N ALTERA-5AGXFA1D427C4N Datasheet
793Kb / 37P
   Arria V Device Overview
5AGXFA1D427I3ES ALTERA-5AGXFA1D427I3ES Datasheet
793Kb / 37P
   Arria V Device Overview
More results

Similar Description - 5AGTMD3D427I4N

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP2AGX95EF29I5N ALTERA-EP2AGX95EF29I5N Datasheet
1Mb / 90P
   Arria II Device Handbook
EP2AGX45DF25I5 ALTERA-EP2AGX45DF25I5 Datasheet
1Mb / 90P
   Arria II Device Handbook
5AGXFB3H4F35I3N ALTERA-5AGXFB3H4F35I3N Datasheet
793Kb / 37P
   Arria V Device Overview
AV-51001 ALTERA-AV-51001 Datasheet
853Kb / 40P
   Arria V Device Overview
5M80ZE64I5N ALTERA-5M80ZE64I5N Datasheet
3Mb / 166P
   MAX V Device Handbook
5SGXEB6R2F40C3N ALTERA-5SGXEB6R2F40C3N Datasheet
1Mb / 70P
   Stratix V Device Handbook
5CEBA7F23C7N ALTERA-5CEBA7F23C7N Datasheet
1Mb / 74P
   Cyclone V Device Handbook
EP3C5M164I7N ALTERA-EP3C5M164I7N Datasheet
7Mb / 274P
   Cyclone III Device Handbook
EP3SE110F1152I3N ALTERA-EP3SE110F1152I3N Datasheet
3Mb / 341P
   Stratix III Device Handbook
EP3C120F484C7 ALTERA-EP3C120F484C7 Datasheet
7Mb / 274P
   Cyclone III Device Handbook
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com