Electronic Components Datasheet Search |
|
ADP1720TRMZ3.3-EPR7 Datasheet(PDF) 4 Page - Analog Devices |
|
ADP1720TRMZ3.3-EPR7 Datasheet(HTML) 4 Page - Analog Devices |
4 / 12 page ADP1720-EP Data Sheet Rev. A | Page 4 of 12 Parameter Symbol Conditions Min Typ Max Unit POWER SUPPLY REJECTION RATIO PSRR f = 120 Hz, V IN = 8 V, VOUT = 1.6 V –90 dB f = 1 kHz, V IN = 8 V, VOUT = 1.6 V –80 dB f = 10 kHz, V IN = 8 V, VOUT = 1.6 V –60 dB f = 120 Hz, V IN = 8 V, VOUT = 5 V –83 dB f = 1 kHz, V IN = 8 V, VOUT = 5 V –70 dB f = 10 kHz, V IN = 8 V, VOUT = 5 V –50 dB 1 Accuracy when OUT is connected directly to ADJ. When OUT voltage is set by external feedback resistors, absolute accuracy in adjust mode depends on the tolerances of resistors used. 2 Based on an end-point calculation using 1 mA and 50 mA loads. See Figure 6 for typical load regulation performance for loads less than 1 mA. 3 Dropout voltage is defined as the input-to-output voltage differential when the input voltage is set to the nominal output voltage. This applies only for output voltages above 4 V. 4 Start-up time is defined as the time between the rising edge of EN to OUT being at 95% of its nominal value. 5 Current limit threshold is defined as the current at which the output voltage drops to 90% of the specified typical value. For example, the current limit for a 5.0 V output voltage is defined as the current that causes the output voltage to drop to 90% of 5.0 V, or 4.5 V. |
Similar Part No. - ADP1720TRMZ3.3-EPR7 |
|
Similar Description - ADP1720TRMZ3.3-EPR7 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |