Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5M240ZM68I5N Datasheet(PDF) 2 Page - Altera Corporation

Part # 5M240ZM68I5N
Description  DC and Switching Characteristics for MAX V Devices
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

5M240ZM68I5N Datasheet(HTML) 2 Page - Altera Corporation

  5M240ZM68I5N Datasheet HTML 1Page - Altera Corporation 5M240ZM68I5N Datasheet HTML 2Page - Altera Corporation 5M240ZM68I5N Datasheet HTML 3Page - Altera Corporation 5M240ZM68I5N Datasheet HTML 4Page - Altera Corporation 5M240ZM68I5N Datasheet HTML 5Page - Altera Corporation 5M240ZM68I5N Datasheet HTML 6Page - Altera Corporation 5M240ZM68I5N Datasheet HTML 7Page - Altera Corporation 5M240ZM68I5N Datasheet HTML 8Page - Altera Corporation 5M240ZM68I5N Datasheet HTML 9Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 30 page
background image
3–2
Chapter 3: DC and Switching Characteristics for MAX V Devices
Operating Conditions
MAX V Device Handbook
May 2011
Altera Corporation
Recommended Operating Conditions
Table 3–2 lists recommended operating conditions for the MAX V device family.
Table 3–2. Recommended Operating Conditions for MAX V Devices
Symbol
Parameter
Conditions
Minimum
Maximum
Unit
VCCINT (1)
1.8-V supply voltage for internal logic and
in-system programming (ISP)
MAX V devices
1.71
1.89
V
VCCIO (1)
Supply voltage for I/O buffers, 3.3-V
operation
3.00
3.60
V
Supply voltage for I/O buffers, 2.5-V
operation
2.375
2.625
V
Supply voltage for I/O buffers, 1.8-V
operation
1.71
1.89
V
Supply voltage for I/O buffers, 1.5-V
operation
1.425
1.575
V
Supply voltage for I/O buffers, 1.2-V
operation
1.14
1.26
V
VI
Input voltage
(2), (3), (4)
–0.5
4.0
V
VO
Output voltage
0
VCCIO
V
TJ
Operating junction temperature
Commercial range
0
85
°C
Industrial range
–40
100
°C
Extended range (5)
–40
125
°C
Notes to Table 3–2:
(1) MAX V device ISP and/or user flash memory (UFM) programming using JTAG or logic array is not guaranteed outside the recommended
operating conditions (for example, if brown-out occurs in the system during a potential write/program sequence to the UFM, Altera recommends
that you read back the UFM contents and verify it against the intended write data).
(2) The minimum DC input is –0.5 V. During transitions, the inputs may undershoot to –2.0 V for input currents less than 100 mA and periods
shorter than 20 ns.
(3) During transitions, the inputs may overshoot to the voltages shown below based on the input duty cycle. The DC case is equivalent to 100%
duty cycle. For more information about 5.0-V tolerance, refer to the Using MAX V Devices in Multi-Voltage Systems chapter.
VIN
Max. Duty Cycle
4.0 V
100% (DC)
4.1 V
90%
4.2 V
50%
4.3 V
30%
4.4 V
17%
4.5 V
10%
(4) All pins, including the clock, I/O, and JTAG pins, may be driven before VCCINT and VCCIO are powered.
(5) For the extended temperature range of 100 to 125°C, MAX V UFM programming (erase/write) is only supported using the JTAG interface. UFM
programming using the logic array interface is not guaranteed in this range.


Similar Part No. - 5M240ZM68I5N

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
5M240ZM64A4N ALTERA-5M240ZM64A4N Datasheet
3Mb / 166P
   MAX V Device Handbook
5M240ZM64C5N ALTERA-5M240ZM64C5N Datasheet
3Mb / 166P
   MAX V Device Handbook
More results

Similar Description - 5M240ZM68I5N

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
5M240ZM100C5N ALTERA-5M240ZM100C5N Datasheet
489Kb / 30P
   DC and Switching Characteristics for MAX V Devices
5M160ZE64C4N ALTERA-5M160ZE64C4N Datasheet
489Kb / 30P
   DC and Switching Characteristics for MAX V Devices
5M160ZT100C5N ALTERA-5M160ZT100C5N Datasheet
489Kb / 30P
   DC and Switching Characteristics for MAX V Devices
5M1270ZF256C5N ALTERA-5M1270ZF256C5N Datasheet
489Kb / 30P
   DC and Switching Characteristics for MAX V Devices
5M1270ZT144C5N ALTERA-5M1270ZT144C5N Datasheet
489Kb / 30P
   DC and Switching Characteristics for MAX V Devices
5M160ZM100I5N ALTERA-5M160ZM100I5N Datasheet
489Kb / 30P
   DC and Switching Characteristics for MAX V Devices
5M240ZT100C4N ALTERA-5M240ZT100C4N Datasheet
488Kb / 30P
   3. DC and Switching Characteristics for MAX V Devices
5M240ZT100C5N ALTERA-5M240ZT100C5N Datasheet
489Kb / 30P
   3. DC and Switching Characteristics for MAX V Devices
5M80ZT100A5N ALTERA-5M80ZT100A5N Datasheet
489Kb / 30P
   3. DC and Switching Characteristics for MAX V Devices
5M2210ZF256C5N ALTERA-5M2210ZF256C5N Datasheet
489Kb / 30P
   3. DC and Switching Characteristics for MAX V Devices
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com