Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRFI654B Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # IRFI654B
Description  250V N-Channel MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

IRFI654B Datasheet(HTML) 1 Page - Fairchild Semiconductor

  IRFI654B Datasheet HTML 1Page - Fairchild Semiconductor IRFI654B Datasheet HTML 2Page - Fairchild Semiconductor IRFI654B Datasheet HTML 3Page - Fairchild Semiconductor IRFI654B Datasheet HTML 4Page - Fairchild Semiconductor IRFI654B Datasheet HTML 5Page - Fairchild Semiconductor IRFI654B Datasheet HTML 6Page - Fairchild Semiconductor IRFI654B Datasheet HTML 7Page - Fairchild Semiconductor IRFI654B Datasheet HTML 8Page - Fairchild Semiconductor IRFI654B Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
©2001 Fairchild Semiconductor Corporation
November 2001
Rev. C, November 2001
IRFW654B / IRFI654B
250V N-Channel MOSFET
General Description
These N-Channel enhancement mode power field effect
transistors are produced using Fairchild’s proprietary,
planar, DMOS technology.
This advanced technology has been especially tailored to
minimize on-state resistance, provide superior switching
performance, and withstand high energy pulse in the
avalanche and commutation mode. These devices are well
suited for high efficiency switching DC/DC converters and
switch mode power supplies.
Features
• 21A, 250V, RDS(on) = 0.14Ω @VGS = 10 V
• Low gate charge ( typical 95 nC)
• Low Crss ( typical 60 pF)
• Fast switching
• 100% avalanche tested
• Improved dv/dt capability
Absolute Maximum Ratings T
C = 25°C unless otherwise noted
Thermal Characteristics
Symbol
Parameter
IRFW654B / IRFI654B
Units
VDSS
Drain-Source Voltage
250
V
ID
Drain Current
- Continuous (TC = 25°C)
21
A
- Continuous (TC = 100°C)
13.3
A
IDM
Drain Current
- Pulsed
(Note 1)
84
A
VGSS
Gate-Source Voltage
± 30
V
EAS
Single Pulsed Avalanche Energy
(Note 2)
700
mJ
IAR
Avalanche Current
(Note 1)
21
A
EAR
Repetitive Avalanche Energy
(Note 1)
15.6
mJ
dv/dt
Peak Diode Recovery dv/dt
(Note 3)
5.5
V/ns
PD
Power Dissipation (TA = 25°C) *
3.13
W
Power Dissipation (TC = 25°C)
156
W
- Derate above 25°C
1.25
W/°C
TJ, Tstg
Operating and Storage Temperature Range
-55 to +150
°C
TL
Maximum lead temperature for soldering purposes,
1/8" from case for 5 seconds
300
°C
Symbol
Parameter
Typ
Max
Units
RθJC
Thermal Resistance, Junction-to-Case
--
0.8
°C/W
RθJA
Thermal Resistance, Junction-to-Ambient *
--
40
°C/W
RθJA
Thermal Resistance, Junction-to-Ambient
--
62.5
°C/W
* When mounted on the minimum pad size recommended (PCB Mount)
!
!
!
!
!
!
!
!
!
!
!
!
!
!
!
!
!
!
!
!
!
!
!
!
S
D
G
D2-PAK
IRFW Series
I2-PAK
IRFI Series
GS
D
GS
D


Similar Part No. - IRFI654B

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
IRFI650B FAIRCHILD-IRFI650B Datasheet
673Kb / 9P
   200V N-Channel MOSFET
More results

Similar Description - IRFI654B

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDB33N25 FAIRCHILD-FDB33N25 Datasheet
688Kb / 2P
   250V N-Channel MOSFET
FQB9N25C FAIRCHILD-FQB9N25C Datasheet
869Kb / 9P
   250V N-Channel MOSFET
FQPF8N25 FAIRCHILD-FQPF8N25 Datasheet
623Kb / 8P
   250V N-Channel MOSFET
FQAF16N25 FAIRCHILD-FQAF16N25 Datasheet
715Kb / 8P
   250V N-Channel MOSFET
FQPF27N25 FAIRCHILD-FQPF27N25 Datasheet
765Kb / 8P
   250V N-Channel MOSFET
IRF654B FAIRCHILD-IRF654B Datasheet
867Kb / 10P
   250V N-Channel MOSFET
IRFP244B FAIRCHILD-IRFP244B Datasheet
688Kb / 8P
   250V N-Channel MOSFET
IRFW634B FAIRCHILD-IRFW634B Datasheet
649Kb / 9P
   250V N-Channel MOSFET
IRFW644B FAIRCHILD-IRFW644B Datasheet
685Kb / 9P
   250V N-Channel MOSFET
IRF614B FAIRCHILD-IRF614B Datasheet
855Kb / 10P
   250V N-Channel MOSFET
FQB8N25 FAIRCHILD-FQB8N25 Datasheet
593Kb / 9P
   250V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com