Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5AGXMA3D427I3ES Datasheet(PDF) 7 Page - Altera Corporation

Part # 5AGXMA3D427I3ES
Description  Arria V Device Overview
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

5AGXMA3D427I3ES Datasheet(HTML) 7 Page - Altera Corporation

Back Button 5AGXMA3D427I3ES Datasheet HTML 3Page - Altera Corporation 5AGXMA3D427I3ES Datasheet HTML 4Page - Altera Corporation 5AGXMA3D427I3ES Datasheet HTML 5Page - Altera Corporation 5AGXMA3D427I3ES Datasheet HTML 6Page - Altera Corporation 5AGXMA3D427I3ES Datasheet HTML 7Page - Altera Corporation 5AGXMA3D427I3ES Datasheet HTML 8Page - Altera Corporation 5AGXMA3D427I3ES Datasheet HTML 9Page - Altera Corporation 5AGXMA3D427I3ES Datasheet HTML 10Page - Altera Corporation 5AGXMA3D427I3ES Datasheet HTML 11Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 37 page
background image
Package Plan
Table 5: Package Plan for Arria V GX Devices—Preliminary
F1517
(40 mm)
F1152
(35 mm)
F896
4
(31 mm)
F672
(27 mm)
Member
Code
XCVR
GPIO
XCVR
GPIO
XCVR
GPIO
XCVR
GPIO
9
416
9
336
A1
9
416
9
336
A3
24
544
18
384
9
336
A5
24
544
18
384
9
336
A7
24
704
24
544
18
384
B1
24
704
24
544
18
384
B3
36
704
24
544
B5
36
704
24
544
B7
Arria V GT
This section provides the available options, maximum resource counts, and package plan for the Arria V GT
devices.
Available Options
Figure 2: Sample Ordering Code and Available Options for Arria V GT Devices—Preliminary
Family Signature
Embedded Hard IPs
Transceiver Count
Maximum channels
Transceiver
Speed Grade
Package Type
Package Code
Operating Temperature
FPGA Fabric
Speed Grade
Optional Suffix
Indicates specific device
options or shipment method
GT : 10-Gbps transceivers
M : 1 hard PCIe and 2 hard
memory controllers
F : Maximum 2 hard PCIe and
4 hard memory controllers
5A : Arria V
C3 : 156K logic elements
C7 : 242K logic elements
D3 : 362K logic elements
D7 : 504K logic elements
D : 9
G : 18
H : 24
K : 36
3 : 10.3125 Gbps
F : FineLine BGA (FBGA)
27 : 672 pins
31 : 896 pins
35 : 1,152 pins
40 : 1,517 pins
3 (fastest)
5
N : Lead-free packaging
ES : Engineering sample
5A
GT
F
D7
K
3
F
40
I
3
N
Member Code
Family Variant
I
: Industrial (TJ = -40° C to 100° C)
4 In the F896 package, the PCIe hard IP block on the right side of the Arria V GX A5, A7, B1, and B3 devices
support x1 for Gen1 and Gen2 data rates.
Altera Corporation
Arria V Device Overview
Feedback
7
Package Plan
AV-51001
2013.05.06


Similar Part No. - 5AGXMA3D427I3ES

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
5AGXMA1D427C4N ALTERA-5AGXMA1D427C4N Datasheet
1Mb / 82P
   Arria V Device Handbook
5AGXMA1D427I4N ALTERA-5AGXMA1D427I4N Datasheet
1Mb / 82P
   Arria V Device Handbook
5AGXMA1D431C4N ALTERA-5AGXMA1D431C4N Datasheet
1Mb / 82P
   Arria V Device Handbook
5AGXMA1D431I4N ALTERA-5AGXMA1D431I4N Datasheet
1Mb / 82P
   Arria V Device Handbook
5AGXMA1D627C4N ALTERA-5AGXMA1D627C4N Datasheet
1Mb / 82P
   Arria V Device Handbook
More results

Similar Description - 5AGXMA3D427I3ES

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
AV-51001 ALTERA-AV-51001 Datasheet
853Kb / 40P
   Arria V Device Overview
5AGXFB3H4F40C5N ALTERA-5AGXFB3H4F40C5N Datasheet
1Mb / 82P
   Arria V Device Handbook
5SGXMA3H2F35C2N ALTERA-5SGXMA3H2F35C2N Datasheet
420Kb / 21P
   Stratix V Device Overview
logo
Intel Corporation
5CSEBA6U23I7 INTEL-5CSEBA6U23I7 Datasheet
402Kb / 37P
   Cyclone V Device Overview
February 2012 1.2
CV-51001 INTEL-CV-51001 Datasheet
323Kb / 37P
   Cyclone V Device Overview
5CEFA9F23I7N INTEL-5CEFA9F23I7N Datasheet
412Kb / 37P
   Cyclone V Device Overview
2018.05.07
logo
Altera Corporation
EP2AGX95EF29I5N ALTERA-EP2AGX95EF29I5N Datasheet
1Mb / 90P
   Arria II Device Handbook
EP2AGX45DF25I5 ALTERA-EP2AGX45DF25I5 Datasheet
1Mb / 90P
   Arria II Device Handbook
EPXA1 ALTERA-EPXA1 Datasheet
299Kb / 16P
   Excalibur Device Overview
EP2AGX260EF29C5N ALTERA-EP2AGX260EF29C5N Datasheet
801Kb / 78P
   Device Datasheet for Arria II Devices
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com