Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BU7485G-TR Datasheet(PDF) 1 Page - Rohm

Part # BU7485G-TR
Description  Ground Sense High Speed Low Voltage CMOS Operational Amplifiers
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BU7485G-TR Datasheet(HTML) 1 Page - Rohm

  BU7485G-TR Datasheet HTML 1Page - Rohm BU7485G-TR Datasheet HTML 2Page - Rohm BU7485G-TR Datasheet HTML 3Page - Rohm BU7485G-TR Datasheet HTML 4Page - Rohm BU7485G-TR Datasheet HTML 5Page - Rohm BU7485G-TR Datasheet HTML 6Page - Rohm BU7485G-TR Datasheet HTML 7Page - Rohm BU7485G-TR Datasheet HTML 8Page - Rohm BU7485G-TR Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 42 page
background image
www.rohm.com
TSZ02201-0RAR1G200380-1-2
© 2013 ROHM Co., Ltd. All rights reserved.
1/39
12.JUL.2013 Rev.001
TSZ22111・14・001
Datasheet
Operational Amplifiers Series
Ground Sense
High Speed Low Voltage CMOS Operational
Amplifiers
BU7485G
BU7485SG
BU7486xxx
BU7486Sxxx
BU7487xx
BU7487Sxx
General Description
BU7485G/BU7486xxx/BU7487xx are CMOS operational
amplifiers with input ground sense and full swing output.
This
series
has
extended
operational
amplifiers
BU7485SG/BU7486Sxxx/BU7487Sxx which can operate
over a wider temperature range (-40°C to +105°C).
These ICs have wide band, high slew rate, low voltage
operation and low input bias current, making the
operational amplifiers suitable for portable equipment
and sensor application.
Features
 High Slew Rate
 Wide Bandwidth
 Low Input Bias Current
 Output Full Swing
Application
 Battery-powered Equipment
 General Purpose Electronics
Key Specifications
 Operating Power Supply Voltage Range
(Single Supply):
+3.0V to +5.5V
 Slew Rate:
i10.0V/µs
 Temperature Range:
BU7485G
-40°C to +85°C
BU7486xxx
-40°C to +85°C
BU7487xx
-40°C to +85°C
BU7485S
-40°C to +105°C
BU7486Sxxx
-40°C to +105°C
BU7487Sxx
-40°C to +105°C
 Input Bias Current:
1pA (Typ)
 Input Offset Current:
1pA (Typ)
Package
W(Typ) x D(Typ) x H(Max)
SSOP5
2.90mm x 2.80mm x 1.25mm
SOP8
5.00mm x 6.20mm x 1.71mm
SSOP-B8
3.00mm x 6.40mm x 1.35mm
MSOP8
2.90mm x 4.00mm x 0.90mm
SOP14
8.70mm x 6.20mm x 1.71mm
SSOP-B14
5.00mm x 6.40mm x 1.35mm
Simplified schematic
Figure 1. Simplified schematic (1 channel only)
○Product structure:Silicon monolithic integrated circuit ○This product is not designed protection against radioactive rays.
Vbias
OUT
Class
AB control
Vbias
VDD
VSS
+IN
-IN


Similar Part No. - BU7485G-TR

ManufacturerPart #DatasheetDescription
logo
Rohm
BU7485G-TR ROHM-BU7485G-TR Datasheet
891Kb / 43P
   Ground Sense High Speed Low Voltage CMOS Operational Amplifiers
More results

Similar Description - BU7485G-TR

ManufacturerPart #DatasheetDescription
logo
Rohm
BU7485G-TR ROHM-BU7485G-TR Datasheet
891Kb / 43P
   Ground Sense High Speed Low Voltage CMOS Operational Amplifiers
BU7441G ROHM-BU7441G Datasheet
3Mb / 44P
   Ground Sense Low Voltage Operation CMOS Operational Amplifiers
BU7445HFV ROHM-BU7445HFV Datasheet
495Kb / 21P
   Ground Sense Low Voltage Operation CMOS Operational Amplifiers
BU7461G ROHM-BU7461G_10 Datasheet
759Kb / 37P
   Ground Sense Low Voltage Operation CMOS Operational Amplifiers
BU7461G-TR ROHM-BU7461G-TR Datasheet
3Mb / 44P
   Ground Sense Low Voltage Operation CMOS Operational Amplifiers
BU5281G ROHM-BU5281G Datasheet
490Kb / 22P
   Low Input Offset Voltage Ground Sense CMOS Operational Amplifiers
TLR341G ROHM-TLR341G Datasheet
433Kb / 21P
   Low Voltage Operation Ground sense Operational amplifiers
BA10324AF-E2 ROHM-BA10324AF-E2 Datasheet
558Kb / 26P
   Ground Sense Operational Amplifiers
BA10358F-E2 ROHM-BA10358F-E2_13 Datasheet
644Kb / 48P
   Ground Sense Operational Amplifiers
BA10358F-E2 ROHM-BA10358F-E2_14 Datasheet
1Mb / 56P
   Ground Sense Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com