Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B72440D0050H060 Datasheet(PDF) 10 Page - EPCOS

Part # B72440D0050H060
Description  CeraDiodes
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B72440D0050H060 Datasheet(HTML) 10 Page - EPCOS

Back Button B72440D0050H060 Datasheet HTML 6Page - EPCOS B72440D0050H060 Datasheet HTML 7Page - EPCOS B72440D0050H060 Datasheet HTML 8Page - EPCOS B72440D0050H060 Datasheet HTML 9Page - EPCOS B72440D0050H060 Datasheet HTML 10Page - EPCOS B72440D0050H060 Datasheet HTML 11Page - EPCOS B72440D0050H060 Datasheet HTML 12Page - EPCOS B72440D0050H060 Datasheet HTML 13Page - EPCOS B72440D0050H060 Datasheet HTML 14Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
1.2
Blister tape (taping to IEC 60286-3)
Dimensions in mm
Case size (inch)
(mm)
0506
1216
0612
1632
1012
2532
Tolerance
Compartment width
A0
1.5
1.9
2.8
±0.2
Compartment length
B0
1.8
3.5
3.5
±0.2
Compartment height
K0
0.8
1.8
1.8
max.
Sprocket hole diameter
D0
1.5
1.5
1.5
+0.1/
0
Compartment hole diameter
D1
1.0
1.0
1.0
min.
Sprocket hole pitch
P0
4.0
4.0
4.0
±0.11)
Distance center hole to center
compartment
P2
2.0
2.0
2.0
±0.05
Pitch of component compartments
P1
4.0
4.0
4.0
±0.1
Tape width
W
8.0
8.0
8.0
±0.3
Distance edge to center of hole
E
1.75
1.75
1.75
±0.1
Distance center hole to center
compartment
F
3.5
3.5
3.5
±0.05
Distance compartment to edge
G
0.75
0.75
0.75
min.
Thickness tape
T
0.3
0.3
0.3
max.
Overall thickness
T2
1.3
2.5
2.5
max.
1)
≤ ±0.2 mm over 10 sprocket holes
CeraDiodes
High-speed series
Page 10 of 22
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B72440D0050H060

ManufacturerPart #DatasheetDescription
logo
EPCOS
B72440D0050H060 EPCOS-B72440D0050H060 Datasheet
562Kb / 22P
   CeraDiodes
B72440D0050H060 EPCOS-B72440D0050H060 Datasheet
556Kb / 22P
   High-speed series
More results

Similar Description - B72440D0050H060

ManufacturerPart #DatasheetDescription
logo
EPCOS
B72500D50A60 EPCOS-B72500D50A60 Datasheet
519Kb / 23P
   CeraDiodes
B72714D0200A060 EPCOS-B72714D0200A060_12 Datasheet
510Kb / 22P
   CeraDiodes
B72714D0200A060 EPCOS-B72714D0200A060_08 Datasheet
523Kb / 22P
   CeraDiodes
B72755D0050H062 EPCOS-B72755D0050H062 Datasheet
562Kb / 22P
   CeraDiodes
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com