Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADG1204YRUZ Datasheet(PDF) 1 Page - Analog Devices

Part # ADG1204YRUZ
Description  Low Capacitance, Low Charge Injection, 짹15 V/12 V, 4:1 iCMOS Multiplexer
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG1204YRUZ Datasheet(HTML) 1 Page - Analog Devices

  ADG1204YRUZ Datasheet HTML 1Page - Analog Devices ADG1204YRUZ Datasheet HTML 2Page - Analog Devices ADG1204YRUZ Datasheet HTML 3Page - Analog Devices ADG1204YRUZ Datasheet HTML 4Page - Analog Devices ADG1204YRUZ Datasheet HTML 5Page - Analog Devices ADG1204YRUZ Datasheet HTML 6Page - Analog Devices ADG1204YRUZ Datasheet HTML 7Page - Analog Devices ADG1204YRUZ Datasheet HTML 8Page - Analog Devices ADG1204YRUZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
Low Capacitance, Low Charge Injection,
±15 V/+12 V, 4:1 iCMOS Multiplexer
ADG1204
Rev. B
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2005–2009 Analog Devices, Inc. All rights reserved.
FEATURES
1.5 pF off source capacitance
<1 pC charge injection
33 V supply range
120 Ω on resistance
Fully specified at ±15 V, +12 V
No VL supply required
3 V logic-compatible inputs
Rail-to-rail operation
14-lead TSSOP and 12-lead LFCSP_VQ
Typical power consumption < 0.03 μW
APPLICATIONS
Automatic test equipment
Data acquisition systems
Battery-powered systems
Sample-and-hold systems
Audio signal routing
Video signal routing
Communication systems
FUNCTIONAL BLOCK DIAGRAM
ADG1204
S2
S1
D
S4
S3
EN
A1
A0
1 OF 4
DECODER
Figure 1.
GENERAL DESCRIPTION
The ADG1204 is a complementary metal-oxide semiconductor
(CMOS) analog multiplexer, comprising four single channels
designed on an iCMOS (industrial CMOS) process. iCMOS® is
a modular manufacturing process that combines high voltage
CMOS and bipolar technologies. It enables the development of
a wide range of high performance analog ICs capable of 33 V
operation in a footprint that no previous generation of high
voltage parts has been able to achieve. Unlike analog ICs using
conventional CMOS processes, iCMOS components can tolerate
high supply voltages while providing increased performance,
dramatically lower power consumption, and reduced package size.
The ultralow capacitance and charge injection of this multiplexer
makes it an ideal solution for data acquisition and sample-and-
hold applications, where low glitch and fast settling are required.
Fast switching speed coupled with high signal bandwidth makes
the part suitable for video signal switching. iCMOS construction
ensures ultralow power dissipation, making the part ideally
suited for portable and battery-powered instruments.
The ADG1204 switches one of four inputs to a common output,
D, as determined by the 3-bit binary address lines: A0, A1, and
EN. Logic 0 on the EN pin disables the device. Each switch
conducts equally well in both directions when on and has an
input signal range that extends to the supplies. In the off condi-
tion, signal levels up to the supplies are blocked. All switches
exhibit break-before-make switching action.
PRODUCT HIGHLIGHTS
1.
1.5 pF off capacitance (±15 V supply).
2.
<1 pC charge injection.
3.
3 V logic-compatible digital inputs: VIH = 2.0 V, VIL = 0.8 V.
4.
No VL logic power supply required.
5.
Ultralow power dissipation: <0.03 μW.
6.
14-lead TSSOP and 12-lead, 3 mm × 3 mm LFCSP_VQ
packages.


Similar Part No. - ADG1204YRUZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG1204YRU AD-ADG1204YRU Datasheet
453Kb / 16P
   2 pF Off Capacitance, 1 pC Charge Injection, -15 V/12 V 4:1 iCMOS Multiplexer
Rev. PrD
More results

Similar Description - ADG1204YRUZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG1213YRUZ AD-ADG1213YRUZ Datasheet
330Kb / 16P
   Low Capacitance, Low Charge Injection, 짹15 V/12 V iCMOS Quad SPST Switches
REV. B
ADG1236YRUZ AD-ADG1236YRUZ Datasheet
288Kb / 16P
   Low Capacitance, Low Charge Injection, 짹15 V/12 V iCMOS?? Dual SPDT Switch
REV. 0
ADG1211 AD-ADG1211_12 Datasheet
330Kb / 16P
   Low Capacitance, Low Charge Injection, 짹15 V/12 V iCMOS Quad SPST Switches
REV. B
ADG1219 AD-ADG1219 Datasheet
308Kb / 17P
   Low Capacitance, Low Charge Injection, 짹15 V/12 V iCMOS??SPDT in SOT-23
Rev. PrB
ADG1201 AD-ADG1201 Datasheet
293Kb / 16P
   Low Capacitance, Low Charge Injection, 짹15 V/12 V iCMOS SPST in SOT-23
REV. 0
ADG1211 AD-ADG1211 Datasheet
271Kb / 16P
   1 pF Off Capacitance, 1 pC Charge Injection, 짹15 V/12 V iCMOS??Quad SPST Switches
Rev. PrE
ADG1204 AD-ADG1204 Datasheet
453Kb / 16P
   2 pF Off Capacitance, 1 pC Charge Injection, -15 V/12 V 4:1 iCMOS Multiplexer
Rev. PrD
ADG1223BRMZ AD-ADG1223BRMZ Datasheet
279Kb / 16P
   Low Capacitance, Low Charge Injection, 15 V/12 V iCMOS Dual SPST Switches
REV. A
ADG1236 AD-ADG1236 Datasheet
225Kb / 16P
   2 pF Off Capacitance, 1 pC Charge Injection, 짹15 V/12 V iCMOS??Dual SPDT Switch
Rev. PrD
ADG1223BRMZ AD-ADG1223BRMZ Datasheet
279Kb / 16P
   Low Capacitance, Low Charge Injection, 짹15 V/12 V iCMOS짰 Dual SPST Switches
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com