Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BR24A08FVM-WME2 Datasheet(PDF) 6 Page - Rohm

Part # BR24A08FVM-WME2
Description  Serial EEPROM Series Automotive EEPROM
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BR24A08FVM-WME2 Datasheet(HTML) 6 Page - Rohm

Back Button BR24A08FVM-WME2 Datasheet HTML 2Page - Rohm BR24A08FVM-WME2 Datasheet HTML 3Page - Rohm BR24A08FVM-WME2 Datasheet HTML 4Page - Rohm BR24A08FVM-WME2 Datasheet HTML 5Page - Rohm BR24A08FVM-WME2 Datasheet HTML 6Page - Rohm BR24A08FVM-WME2 Datasheet HTML 7Page - Rohm BR24A08FVM-WME2 Datasheet HTML 8Page - Rohm BR24A08FVM-WME2 Datasheet HTML 9Page - Rohm BR24A08FVM-WME2 Datasheet HTML 10Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 31 page
background image
Datasheet
Datasheet
6/28
TSZ02201-0R1R0G100140-1-2
© 2012 ROHM Co., Ltd. All rights reserved.
31.Aug.2012 Rev.001
www.rohm.com
TSZ22111・15・001
BR24Axxx-WM (1K 2K 4K 8K 16K 32K 64K)
Figure 6. Output leak current
ILO(SDA)
Figure 7. Current consumption at WRITE operation
ICC1 (fSCL=400kHz)
Figure 9. Current consumption at READ operation
ICC2 (fSCL=400kHz)
Figure 8. Current consumption at WRITE operation
ICC1 (fSCL=400kHz)
●Typical Performance Curves‐Continued
0
0.2
0.4
0.6
0.8
1
1.2
0
1
2
3
4
5
6
Vcc[V]
SPEC
Ta=105℃
Ta=25℃
Ta=-40℃
0
0.5
1.0
1.5
2.0
2.5
0
1
2
3
4
5
6
Vcc[V]
fSCL=400kHz
DATA=AAh
Ta=25℃
Ta=105℃
Ta=-40℃
SPEC
[BR24A01A/02/04/08/16-WM]
0
0.1
0.2
0.3
0.4
0.5
0.6
0
1
2
3
4
5
6
Vcc[V]
fSCL=400kHz
DATA=AAh
Ta=25℃
Ta=-40℃
Ta=105℃
SPEC
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
0
1
2
3
4
5
6
fSCL=400kHz
DATA=AAh
Ta=25℃
Ta=105℃
Ta=-40℃
SPEC
[BR24A32/64-WM]
Vcc[V]


Similar Part No. - BR24A08FVM-WME2

ManufacturerPart #DatasheetDescription
logo
Rohm
BR24A08F-WLB ROHM-BR24A08F-WLB Datasheet
894Kb / 29P
   105??Operation I2C BUS EEPROM (2-Wire)
BR24A08F-WLBH2 ROHM-BR24A08F-WLBH2 Datasheet
894Kb / 29P
   105??Operation I2C BUS EEPROM (2-Wire)
BR24A08F-WM ROHM-BR24A08F-WM Datasheet
456Kb / 18P
   High Reliability Series EEPROMs I2C BUS
BR24A08FJ-WM ROHM-BR24A08FJ-WM Datasheet
456Kb / 18P
   High Reliability Series EEPROMs I2C BUS
More results

Similar Description - BR24A08FVM-WME2

ManufacturerPart #DatasheetDescription
logo
Rohm
BR25H640-2C ROHM-BR25H640-2C Datasheet
952Kb / 34P
   Serial EEPROM Series Automotive EEPROM
BR25H040-2C ROHM-BR25H040-2C Datasheet
1Mb / 35P
   Serial EEPROM Series Automotive EEPROM
BR25H160-2C ROHM-BR25H160-2C Datasheet
1Mb / 35P
   Serial EEPROM Series Automotive EEPROM
BR93H56RF-2LB ROHM-BR93H56RF-2LB Datasheet
927Kb / 28P
   Serial EEPROM Series Industrial EEPROM Serial EEPROM Series Industrial EEPROM
BR25H040FVM-2C ROHM-BR25H040FVM-2C Datasheet
1Mb / 35P
   Serial EEPROM Series Automotive EEPROM 125??Operation SPI BUS EEPROM
BR25H010-2C ROHM-BR25H010-2C Datasheet
1Mb / 35P
   Serial EEPROM Series Automotive EEPROM 125 Operation SPI BUS EEPROM
BR93H46-2C ROHM-BR93H46-2C Datasheet
719Kb / 32P
   Serial EEPROM Series Automotive EEPROM 125 Operation Microwire BUS EEPROM
BR25H128-2C ROHM-BR25H128-2C Datasheet
894Kb / 33P
   Serial EEPROM Series Automotive EEPROM 125 Operation SPI BUS EEPROM
BR93H86-2C ROHM-BR93H86-2C Datasheet
756Kb / 32P
   Serial EEPROM Series Automotive EEPROM 125 Operation Microwire BUS EEPROM
BR25H020-2C ROHM-BR25H020-2C Datasheet
1Mb / 35P
   Serial EEPROM Series Automotive EEPROM 125 Operation SPI BUS EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com