Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BR93H46RFJ-2CTR Datasheet(PDF) 1 Page - Rohm

Part # BR93H46RFJ-2CTR
Description  Serial EEPROM Series Automotive EEPROM 125 Operation Microwire BUS EEPROM
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BR93H46RFJ-2CTR Datasheet(HTML) 1 Page - Rohm

  BR93H46RFJ-2CTR Datasheet HTML 1Page - Rohm BR93H46RFJ-2CTR Datasheet HTML 2Page - Rohm BR93H46RFJ-2CTR Datasheet HTML 3Page - Rohm BR93H46RFJ-2CTR Datasheet HTML 4Page - Rohm BR93H46RFJ-2CTR Datasheet HTML 5Page - Rohm BR93H46RFJ-2CTR Datasheet HTML 6Page - Rohm BR93H46RFJ-2CTR Datasheet HTML 7Page - Rohm BR93H46RFJ-2CTR Datasheet HTML 8Page - Rohm BR93H46RFJ-2CTR Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
Datasheet
○Product structure:Silicon monolithic integrated circuit ○This product is not designed protection against radioactive rays
1/29
www.rohm.com
19.DEC.2012 Rev.002
TSZ02201-0R1R0G100010-1-2
© 2012 ROHM Co., Ltd. All rights reserved.
TSZ22111・14・001
Serial EEPROM Series Automotive EEPROM
125℃ Operation Microwire BUS EEPROM (3-wire)
BR93H46-2C
General
 Description
BR93H46-2C is a serial EEPROM of serial 3-line
interface method
Features
Conforming to Microwire BUS
Withstands Electrostatic Voltage up to 6kV
(HBM method typ)
Wide Temperature Range -40℃ to +125℃
Same package line-up and same pin configuration
2.5V to 5.5V Single Supply Voltage Operation
Address Auto Increment Function at READ
Operation
Prevention of write mistake
Write prohibition at power on
Write prohibition by command code
Write mistake prevention circuit at low voltage
Self-timed programming cycle
Program Condition Display by READY / BUSY
Low Supply Current
Write Operation (5V) : 0.8mA (Typ)
Read Operation (5V) : 0.5mA (Typ)
Standby Operation (5V) : 0.1
μA (Typ)
Compact package MSOP8 / TSSOP-B8 / SOP8 /
SOP-J8
High-Reliability using ROHM Original
Double-Cell structure
More than 100 years data retention (Ta≦125℃)
More than 1 million write cycles (Ta≦125℃)
Data set to FFFFh on all addresses at shipment
AEC-Q100 Qualified
Package
(Typ)
(Typ)
(Max)
MSOP8
2.90mm x 4.00mm x 0.90mm
TSSOP-B8
3.00mm x 6.40mm x 1.20mm
SOP8
5.00mm x 6.20mm x 1.71mm
SOP-J8
4.90mm x 6.00mm x 1.65mm
BR93H46-2C
Package Type
MSOP8
TSSOP-B8
SOP8
SOP-J8
Capacity
Bit Format
Product Name
Supply Voltage
RFVM
RFVT
RF
RFJ
1Kbit
64×16
BR93H46-2C
2.5V to 5.5V
SOP8
SOP-J8
MSOP8
TSSOP-B8


Similar Part No. - BR93H46RFJ-2CTR

ManufacturerPart #DatasheetDescription
logo
Rohm
BR93H46RFJ-2C ROHM-BR93H46RFJ-2C Datasheet
749Kb / 32P
   Serial EEPROM Series Automotive EEPROM 125??Operation Microwire BUS EEPROM (3-wire)
BR93H46RFJ-2CE2 ROHM-BR93H46RFJ-2CE2 Datasheet
1Mb / 33P
   Operation Microwire BUS EEPROM
BR93H46RFJ-2CE2 ROHM-BR93H46RFJ-2CE2 Datasheet
749Kb / 32P
   Serial EEPROM Series Automotive EEPROM 125??Operation Microwire BUS EEPROM (3-wire)
BR93H46RFJ-2CE2 ROHM-BR93H46RFJ-2CE2 Datasheet
749Kb / 32P
   Serial EEPROM Series Automotive EEPROM 125??Operation Microwire BUS EEPROM (3-wire)
More results

Similar Description - BR93H46RFJ-2CTR

ManufacturerPart #DatasheetDescription
logo
Rohm
BR93H56-2C ROHM-BR93H56-2C Datasheet
754Kb / 32P
   Serial EEPROM Series Automotive EEPROM 125 Operation Microwire BUS EEPROM
BR93H86-2C ROHM-BR93H86-2C Datasheet
756Kb / 32P
   Serial EEPROM Series Automotive EEPROM 125 Operation Microwire BUS EEPROM
BR93H76-2C ROHM-BR93H76-2C Datasheet
741Kb / 32P
   Serial EEPROM Series Automotive EEPROM 125 Operation Microwire BUS EEPROM
BR93H66-2C ROHM-BR93H66-2C Datasheet
756Kb / 32P
   Serial EEPROM Series Automotive EEPROM 125 Operation Microwire BUS EEPROM
BR93H46RF-2C ROHM-BR93H46RF-2C Datasheet
749Kb / 32P
   Serial EEPROM Series Automotive EEPROM 125??Operation Microwire BUS EEPROM (3-wire)
BR93H46RFVT-2C ROHM-BR93H46RFVT-2C Datasheet
749Kb / 32P
   Serial EEPROM Series Automotive EEPROM 125??Operation Microwire BUS EEPROM (3-wire)
BR93H66RFVT-2C ROHM-BR93H66RFVT-2C Datasheet
786Kb / 32P
   Serial EEPROM Series Automotive EEPROM 125??Operation Microwire BUS EEPROM (3-wire)
BR93H86RFVM-2C ROHM-BR93H86RFVM-2C Datasheet
786Kb / 32P
   Serial EEPROM Series Automotive EEPROM 125??Operation Microwire BUS EEPROM (3-wire)
BR93H86RFVT-2C ROHM-BR93H86RFVT-2C Datasheet
786Kb / 32P
   Serial EEPROM Series Automotive EEPROM 125??Operation Microwire BUS EEPROM (3-wire)
BR93H46RFVM-2C ROHM-BR93H46RFVM-2C Datasheet
749Kb / 32P
   Serial EEPROM Series Automotive EEPROM 125??Operation Microwire BUS EEPROM (3-wire)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com