Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BR25H080FJ-2CTR Datasheet(PDF) 3 Page - Rohm

Part # BR25H080FJ-2CTR
Description  Serial EEPROM Series Automotive EEPROM 125 Operation SPI BUS EEPROM
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BR25H080FJ-2CTR Datasheet(HTML) 3 Page - Rohm

  BR25H080FJ-2CTR Datasheet HTML 1Page - Rohm BR25H080FJ-2CTR Datasheet HTML 2Page - Rohm BR25H080FJ-2CTR Datasheet HTML 3Page - Rohm BR25H080FJ-2CTR Datasheet HTML 4Page - Rohm BR25H080FJ-2CTR Datasheet HTML 5Page - Rohm BR25H080FJ-2CTR Datasheet HTML 6Page - Rohm BR25H080FJ-2CTR Datasheet HTML 7Page - Rohm BR25H080FJ-2CTR Datasheet HTML 8Page - Rohm BR25H080FJ-2CTR Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 35 page
background image
BR25H080-2C
3/32
Datasheet
Datasheet
www.rohm.com
©2013 ROHM Co., Ltd. All rights reserved.
TSZ22111・15・001
TSZ02201-0R1R0G100100-1-2
21.Mar.2013 Rev.001
●DC characteristics (Unless otherwise specified, Ta=-40°C to +125°C, VCC=2.5V to 5.5V)
Limits
Parameter
Symbol
Min.
Typ.
Max.
Unit Conditions
Input High Voltage
VIH
0.7xVCC
VCC
+0.3
V
2.5V≦VCC≦5.5V
Input Low Voltage
VIL
-0.3
0.3x
VCC
V
2.5V≦VCC≦5.5V
Output Low Voltage
VOL
0
0.4
V
IOL=2.1mA
Output High Voltage
VOH
VCC-0.5
VCC
V
IOH=-0.4mA
Input Leakage
Current
ILI
-2
2
μAVIN=0V to VCC
Output Leakage
Current
ILO
-2
2
μAVOUT=0V to VCC, CSB=VCC
ICC1
2.0
mA
VCC=2.5V,fSCK=5MHz, tE/W=4ms
VIH/VIL=0.9VCC/0.1VCC, SO=OPEN
Byte write, Page write, Write status register
Supply Current
(WRITE)
ICC2
3.0
mA
VCC=5.5V,fSCK=5 or 10 MHz, tE/W=4ms
VIH/VIL=0.9VCC/0.1VCC, SO=OPEN
Byte write, Page write, Write status register
ICC3
1.5
mA
VCC=2.5V,fSCK=5MHz
VIH/VIL=0.9VCC/0.1VCC, SO=OPEN
Read, Read status register
ICC4
2.0
mA
VCC=5.5V,fSCK=5MHz
VIH/VIL=0.9VCC/0.1VCC, SO=OPEN
Read, Read status register
Supply Current
(READ)
ICC5
4.0
mA
VCC=5.5V,fSCK=10MHz
VIH/VIL=0.9VCC/0.1VCC, SO=OPEN
Read, Read status register
Standby Current
ISB
10
μA
VCC=5.5V
CSB=HOLDB=WPB=VCC,
SCK=SI=VCC or =GND, SO=OPEN


Similar Part No. - BR25H080FJ-2CTR

ManufacturerPart #DatasheetDescription
logo
Rohm
BR25H080FJ-W ROHM-BR25H080FJ-W Datasheet
1Mb / 17P
   HIGH GRADE Specification HIGH RELIABILITY series SPI BUS Serial EEPROMs Supply voltage 2.5V~5.5V Operating temperature -40째C ~ 125째C type
BR25H080FJ-WE2 ROHM-BR25H080FJ-WE2 Datasheet
1Mb / 17P
   HIGH GRADE Specification HIGH RELIABILITY series SPI BUS Serial EEPROMs Supply voltage 2.5V~5.5V Operating temperature -40째C ~ 125째C type
BR25H080FJ-WE2 ROHM-BR25H080FJ-WE2 Datasheet
577Kb / 17P
   High Reliability Serial EEPROMs SPI BUS Serial EEPROMs
More results

Similar Description - BR25H080FJ-2CTR

ManufacturerPart #DatasheetDescription
logo
Rohm
BR25H040FVM-2C ROHM-BR25H040FVM-2C Datasheet
1Mb / 35P
   Serial EEPROM Series Automotive EEPROM 125??Operation SPI BUS EEPROM
BR25H010-2C ROHM-BR25H010-2C Datasheet
1Mb / 35P
   Serial EEPROM Series Automotive EEPROM 125 Operation SPI BUS EEPROM
BR25H020-2C ROHM-BR25H020-2C Datasheet
1Mb / 35P
   Serial EEPROM Series Automotive EEPROM 125 Operation SPI BUS EEPROM
BR25H020FJ-2C ROHM-BR25H020FJ-2C Datasheet
1Mb / 35P
   Serial EEPROM Series Automotive EEPROM 125??Operation SPI BUS EEPROM
BR25H128-2C ROHM-BR25H128-2C Datasheet
894Kb / 33P
   Serial EEPROM Series Automotive EEPROM 125 Operation SPI BUS EEPROM
BR25H040F-2C ROHM-BR25H040F-2C Datasheet
1Mb / 35P
   Serial EEPROM Series Automotive EEPROM 125??Operation SPI BUS EEPROM
BR25H040FVT-2C ROHM-BR25H040FVT-2C Datasheet
1Mb / 35P
   Serial EEPROM Series Automotive EEPROM 125??Operation SPI BUS EEPROM
BR25H020F-2C ROHM-BR25H020F-2C Datasheet
1Mb / 35P
   Serial EEPROM Series Automotive EEPROM 125??Operation SPI BUS EEPROM
BR25H020FVT-2C ROHM-BR25H020FVT-2C Datasheet
1Mb / 35P
   Serial EEPROM Series Automotive EEPROM 125??Operation SPI BUS EEPROM
BR25H040FJ-2C ROHM-BR25H040FJ-2C Datasheet
1Mb / 35P
   Serial EEPROM Series Automotive EEPROM 125??Operation SPI BUS EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com