Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BD7562FVME2 Datasheet(PDF) 2 Page - Rohm

Part # BD7562FVME2
Description  High Voltage Operation CMOS Operational Amplifiers:Input/Output Full Swing
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD7562FVME2 Datasheet(HTML) 2 Page - Rohm

  BD7562FVME2 Datasheet HTML 1Page - Rohm BD7562FVME2 Datasheet HTML 2Page - Rohm BD7562FVME2 Datasheet HTML 3Page - Rohm BD7562FVME2 Datasheet HTML 4Page - Rohm BD7562FVME2 Datasheet HTML 5Page - Rohm BD7562FVME2 Datasheet HTML 6Page - Rohm BD7562FVME2 Datasheet HTML 7Page - Rohm BD7562FVME2 Datasheet HTML 8Page - Rohm BD7562FVME2 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
BD7561G,BD7561SG,BD7541G,BD7541SG,
BD7562F/FVM,BD7562SF/FVM, BD7542F/FVM,BD7542SF/FVM
Technical Note
2/20
www.rohm.com
2012.09 - Rev.B
© 2012 ROHM Co., Ltd. All rights reserved.
●Absolute Maximum Ratings (Ta=25[℃])
Parameter
Symbol
Rating
Unit
BD7561G,BD7562 F/FVM
BD7541G,BD7542 F/FVM
BD7561SG,BD7562S F/FVM
BD7541SG,BD7542S F/FVM
Supply Voltage
VDD-VSS
+15.5
V
Differential Input Voltage
(*1)
Vid
VDD-VSS
V
Input Common-mode Voltage Range
Vicm
(VSS-0.3)~(VDD+0.3)
V
Operating Temperature
Topr
-40~+85
-40~+105
Storage Temperature
Tstg
-55~+125
Maximum Junction Temperature
Tjmax
+125
Note: Absolute maximum rating item indicates the condition which must not be exceeded.
Application of voltage in excess of absolute maximum rating or use out absoluted maximum rated temperature environment may cause deterioration of characteristics.
(*1)
The voltage difference between inverting input and non-inverting input is the differential input voltage.
Then input terminal voltage is set to more then VSS.
●Electric Characteristics
○BD7561 family (Unless otherwise specified VDD=+12[V], VSS=0[V], Ta=25[℃])
Parameter
Symbol
Temperature
range
Guaranteed limit
Unit
Condition
BD7561G,BD7561SG
Min.
Typ.
Max.
Input Offset Voltage
(*2)(*4)
Vio
25℃
-
1
9
mV VDD=5~14.5[V],VOUT=VDD/2
Full range
-
-
10
Input Offset Current
(*2)
Iio
25℃
-
1
-
pA
-
Input Bias Current
(*2)
Ib
25℃
-
1
-
pA
-
Supply Current
(*4)
IDD
25℃
-
370
550
μA
RL=
∞ All Op-Amps
AV=0[dB],VDD=5[V],VIN=2.5[V]
RL=
∞ All Op-Amps
AV=0[dB],VDD=12[V],VIN=6.0[V]
Full range
-
-
600
25℃
-
440
650
Full range
-
-
700
High Level Output Voltage
VOH
25℃
VDD-0.1
-
-
V
RL=10[k
Ω]
Low Level Output Voltage
VOL
25℃
-
-
VSS+0.1
V
RL=10[k
Ω]
Large Single Voltage Gain
AV
25℃
70
95
-
dB
RL=10[k
Ω]
Input Common-mode Voltage Range Vicm
25℃
0
-
12
V
VDD-VSS=12[V]
Common-mode Rejection Ratio
CMRR
25℃
45
60
-
dB
-
Power Supply Rejection Ratio
PSRR
25℃
60
80
-
dB
-
Output Source Current
(*3)
IOH
25℃
3
8
-
mA VDD-0.4[V]
Output Sink Current
(*3)
IOL
25℃
4
14
-
mA VSS+0.4[V]
Slew Rate
SR
25℃
-
0.9
-
V/
μs CL=25[pF]
Gain Bandwidth Product
FT
25℃
-
1.0
-
MHz CL=25[pF], AV=40[dB]
Phase Margin
θ
25℃
-
50°
-
-
CL=25[pF], AV=40[dB]
Total Harmonic Distortion
THD
25℃
-
0.05
-
%
VOUT=1[Vp-p],f=1[kHz]
(*2)
Absolute value
(*3)
Under the high temperature environment, consider the power dissipation of IC when selecting the output current.
When the terminal short circuits are continuously output, the output current is reduced to climb to the temperature inside IC.
(*4)
Full range:BD7561:Ta=-40[℃]~+85[℃]
BD7561S:Ta=-40[℃]~+105[℃]


Similar Part No. - BD7562FVME2

ManufacturerPart #DatasheetDescription
logo
Rohm
BD7562FVM ROHM-BD7562FVM Datasheet
546Kb / 21P
   High Voltage Operation CMOS Operational Amplifiers:Input/Output Full Swing
BD7562FVM ROHM-BD7562FVM Datasheet
2Mb / 34P
   Input/Output Full Swing High Voltage Operation CMOS Operational Amplifiers
BD7562FVM-TR ROHM-BD7562FVM-TR Datasheet
2Mb / 34P
   Input/Output Full Swing High Voltage Operation CMOS Operational Amplifiers
More results

Similar Description - BD7562FVME2

ManufacturerPart #DatasheetDescription
logo
Rohm
BD7561G ROHM-BD7561G_09 Datasheet
546Kb / 21P
   High Voltage Operation CMOS Operational Amplifiers:Input/Output Full Swing
BD7561G-TR ROHM-BD7561G-TR Datasheet
2Mb / 34P
   Input/Output Full Swing High Voltage Operation CMOS Operational Amplifiers
BU7261G ROHM-BU7261G_10 Datasheet
692Kb / 37P
   Full Swing Low Voltage Operation CMOS Operational Amplifiers
BU7255HFV-TR ROHM-BU7255HFV-TR Datasheet
489Kb / 22P
   Input/Output Full Swing Low Voltage Operation High Speed CMOS Operational Amplifiers
BU7264FV ROHM-BU7264FV Datasheet
932Kb / 46P
   Input/Output Full Swing CMOS Operational Amplifiers
BU7295HFV-TR ROHM-BU7295HFV-TR Datasheet
897Kb / 46P
   Input/Output Full Swing CMOS Operational Amplifiers
BU7294F ROHM-BU7294F Datasheet
765Kb / 30P
   Input/Output Full Swing High Slew Rate Low Voltage CMOS Operational Amplifiers
LMR341G ROHM-LMR341G_V01 Datasheet
4Mb / 53P
   Low Supply Current Output Full Swing CMOS Operational Amplifiers
16.Jun.2015 Rev.007
LMR341G ROHM-LMR341G_15 Datasheet
4Mb / 54P
   Low Supply Current Output Full Swing CMOS Operational Amplifiers
BU7242YFVM-C ROHM-BU7242YFVM-C Datasheet
2Mb / 26P
   Input/Output Full Swing Low Supply Current CMOS Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com