Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BD7542SFE2 Datasheet(PDF) 10 Page - Rohm

Part # BD7542SFE2
Description  High Voltage Operation CMOS Operational Amplifiers:Input/Output Full Swing
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD7542SFE2 Datasheet(HTML) 10 Page - Rohm

Back Button BD7542SFE2 Datasheet HTML 6Page - Rohm BD7542SFE2 Datasheet HTML 7Page - Rohm BD7542SFE2 Datasheet HTML 8Page - Rohm BD7542SFE2 Datasheet HTML 9Page - Rohm BD7542SFE2 Datasheet HTML 10Page - Rohm BD7542SFE2 Datasheet HTML 11Page - Rohm BD7542SFE2 Datasheet HTML 12Page - Rohm BD7542SFE2 Datasheet HTML 13Page - Rohm BD7542SFE2 Datasheet HTML 14Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
BD7561G,BD7561SG,BD7541G,BD7541SG,
BD7562F/FVM,BD7562SF/FVM, BD7542F/FVM,BD7542SF/FVM
Technical Note
10/20
www.rohm.com
2012.09 - Rev.B
© 2012 ROHM Co., Ltd. All rights reserved.
0
20
40
60
80
100
120
-60
-30
0
30
60
90
120
AMBIENT TEMPERATURE [°C]
60
80
100
120
140
160
-60
-30
0
30
60
90
120
AMBIENT TEMPERATURE [°C]
60
80
100
120
140
160
48
12
16
SUPPLY VOLTAGE [V]
-10.0
-7.5
-5.0
-2.5
0.0
2.5
5.0
7.5
10.0
4
8
12
16
SUPPLY VOLTAGE [V]
0.0
0.5
1.0
1.5
2.0
-60
-30
0
306090
120
AMBIENT TEMPERATURE [°C]
0
20
40
60
80
100
120
4
8
12
16
SUPPLY VOLTAGE [V]
-15
-10
-5
0
5
10
15
-1 01 23 45 6789 10 11 12 13
INPUT VOLTAGE [V]
0
20
40
60
80
100
1.E+00
1.E+02
1.E+04
1.E+06
1.E+08
FREQUENCY [Hz]
0
50
100
150
200
0
40
80
120
160
200
-60
-30
0
306090
120
AMBIENT TEMPERATURE [°C]
-10.0
-7.5
-5.0
-2.5
0.0
2.5
5.0
7.5
10.0
-60
-30
0
30
60
90
120
AMBIENT TEMPERATURE [°C]
0.0
0.2
0.4
0.6
0.8
1.0
-60
-30
0
30
60
90
120
AMBIENT TEMPERATURE [°C]
○BD7541 family
(*)The above data is ability value of sample, it is not guaranteed. BD7541:-40[℃]~+85[℃]
BD7541S:-40[℃]~+105[℃]
BD7541 family
BD7541 family
BD7541 family
BD7541 family
BD7541 family
BD7541 family
BD7541 family
BD7541 family
BD7541 family
BD7541 family
BD7541 family
105℃
85℃
25℃
-40℃
105℃
85℃
25℃
-40℃
105℃
85℃
25℃
-40℃
105℃
85℃
25℃
-40℃
14.5V
5V
12V
14.5V
5V
12V
14.5V
5V
12V
14.5V
5V
12V
14.5V
5V
12V
Phase
Gain
Common Mode Rejection Ratio
– Supply Voltage
(VDD=12[V])
Input Offset Voltage – Supply Voltage
(Vicm=VDD, VOUT=VDD/2)
Input Offset Voltage – Ambient Temperature
(Vicm=VDD, VOUT=VDD/2)
Input Offset Voltage – Input Voltage
(VDD=12[V])
Large Signal Voltage Gain
– Supply Voltage
Large Signal Voltage Gain
– Ambient Temperature
Common Mode Rejection Ratio
– Ambient Temperature
(VDD=12[V])
Power Supply Rejection Ratio
– Ambient Temperature
Slew Rate L-H – Ambient Temperature
Slew Rate H-L – Ambient Temperature
Gain - Frequency
Fig. 59
Fig. 60
Fig. 61
Fig. 62
Fig. 63
Fig. 64
Fig. 65
Fig. 66
Fig. 67
Fig. 68
Fig. 69


Similar Part No. - BD7542SFE2

ManufacturerPart #DatasheetDescription
logo
Rohm
BD7542SF ROHM-BD7542SF Datasheet
546Kb / 21P
   High Voltage Operation CMOS Operational Amplifiers:Input/Output Full Swing
BD7542SF ROHM-BD7542SF Datasheet
2Mb / 35P
   CMOS Operational Amplifiers
BD7542SF-E2 ROHM-BD7542SF-E2 Datasheet
2Mb / 35P
   CMOS Operational Amplifiers
BD7542SFVM ROHM-BD7542SFVM Datasheet
546Kb / 21P
   High Voltage Operation CMOS Operational Amplifiers:Input/Output Full Swing
BD7542SFVM ROHM-BD7542SFVM Datasheet
2Mb / 35P
   CMOS Operational Amplifiers
More results

Similar Description - BD7542SFE2

ManufacturerPart #DatasheetDescription
logo
Rohm
BD7561G ROHM-BD7561G_09 Datasheet
546Kb / 21P
   High Voltage Operation CMOS Operational Amplifiers:Input/Output Full Swing
BD7561G-TR ROHM-BD7561G-TR Datasheet
2Mb / 34P
   Input/Output Full Swing High Voltage Operation CMOS Operational Amplifiers
BU7261G ROHM-BU7261G_10 Datasheet
692Kb / 37P
   Full Swing Low Voltage Operation CMOS Operational Amplifiers
BU7255HFV-TR ROHM-BU7255HFV-TR Datasheet
489Kb / 22P
   Input/Output Full Swing Low Voltage Operation High Speed CMOS Operational Amplifiers
BU7264FV ROHM-BU7264FV Datasheet
932Kb / 46P
   Input/Output Full Swing CMOS Operational Amplifiers
BU7295HFV-TR ROHM-BU7295HFV-TR Datasheet
897Kb / 46P
   Input/Output Full Swing CMOS Operational Amplifiers
BU7294F ROHM-BU7294F Datasheet
765Kb / 30P
   Input/Output Full Swing High Slew Rate Low Voltage CMOS Operational Amplifiers
LMR341G ROHM-LMR341G_V01 Datasheet
4Mb / 53P
   Low Supply Current Output Full Swing CMOS Operational Amplifiers
16.Jun.2015 Rev.007
LMR341G ROHM-LMR341G_15 Datasheet
4Mb / 54P
   Low Supply Current Output Full Swing CMOS Operational Amplifiers
BU7242YFVM-C ROHM-BU7242YFVM-C Datasheet
2Mb / 26P
   Input/Output Full Swing Low Supply Current CMOS Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com