Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BR25H040-2C Datasheet(PDF) 2 Page - Rohm

Part # BR25H040-2C
Description  Serial EEPROM Series Automotive EEPROM
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BR25H040-2C Datasheet(HTML) 2 Page - Rohm

  BR25H040-2C Datasheet HTML 1Page - Rohm BR25H040-2C Datasheet HTML 2Page - Rohm BR25H040-2C Datasheet HTML 3Page - Rohm BR25H040-2C Datasheet HTML 4Page - Rohm BR25H040-2C Datasheet HTML 5Page - Rohm BR25H040-2C Datasheet HTML 6Page - Rohm BR25H040-2C Datasheet HTML 7Page - Rohm BR25H040-2C Datasheet HTML 8Page - Rohm BR25H040-2C Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 35 page
background image
BR25H040-2C
2/32
Datasheet
Datasheet
www.rohm.com
©2013 ROHM Co., Ltd. All rights reserved.
TSZ22111・15・001
TSZ02201-0R1R0G100090-1-2
21.Mar.2013 Rev.001
●Absolute maximum ratings (Ta=25°C)
Parameter
Symbol
Limits
Unit
Supply Voltage
VCC
-0.3 to +6.5
V
380(MSOP8)
*1
410(TSSOP-B8)
*2
560(SOP8)
*3
Permissible Dissipation
Pd
560(SOP-J8)
*4
mW
Storage Temperature Range
Tstg
-65 to +150
°C
Operating Temperature Range
Topr
-40 to +125
°C
Terminal Voltage
-0.3 to VCC+0.3
V
・When using at Ta=25℃ or higher, 3.1mW(*1) , 3.3mW(*2) , 4.5mW (*3,*4)to be reduced per 1℃
●Memory cell characteristics (VCC=2.5V to 5.5V)
Limits
Parameter
Min.
Typ.
Max.
Unit
Condition
1,000,000
Cycles
Ta85°C
500,000
Cycles
Ta105°C
Write Cycles
*5
300,000
Cycles
Ta125°C
100
Years
Ta25°C
60
Years
Ta105°C
Data Retention
*5
50
Years
Ta125°C
*5: Not 100% TESTED
●Recommended Operating Ratings
Parameter
Symbol
Limits
Unit
Supply Voltage
VCC
2.5 to 5.5
Input Voltage
Vin
0 to VCC
V
●Input / output capacity (Ta=25°C, frequency=5MHz)
Parameter
Symbol
Conditions
Min
Max
Unit
Input Capacity
*6
CIN
VIN=GND
8
Output Capacity
*6
COUT
VOUT=GND
8
pF
*6: Not 100% TESTED


Similar Part No. - BR25H040-2C

ManufacturerPart #DatasheetDescription
logo
Rohm
BR25H040-2C ROHM-BR25H040-2C Datasheet
1Mb / 35P
   Serial EEPROM Series Automotive EEPROM 125??Operation SPI BUS EEPROM
BR25H040-2C ROHM-BR25H040-2C Datasheet
1Mb / 35P
   Serial EEPROM Series Automotive EEPROM 125??Operation SPI BUS EEPROM
BR25H040-2C ROHM-BR25H040-2C Datasheet
1Mb / 35P
   Serial EEPROM Series Automotive EEPROM 125??Operation SPI BUS EEPROM
BR25H040-2C ROHM-BR25H040-2C Datasheet
1Mb / 35P
   Serial EEPROM Series Automotive EEPROM 125??Operation SPI BUS EEPROM
More results

Similar Description - BR25H040-2C

ManufacturerPart #DatasheetDescription
logo
Rohm
BR25H640-2C ROHM-BR25H640-2C Datasheet
952Kb / 34P
   Serial EEPROM Series Automotive EEPROM
BR24A01AF-WME2 ROHM-BR24A01AF-WME2 Datasheet
705Kb / 31P
   Serial EEPROM Series Automotive EEPROM
BR25H160-2C ROHM-BR25H160-2C Datasheet
1Mb / 35P
   Serial EEPROM Series Automotive EEPROM
BR93H56RF-2LB ROHM-BR93H56RF-2LB Datasheet
927Kb / 28P
   Serial EEPROM Series Industrial EEPROM Serial EEPROM Series Industrial EEPROM
BR25H040FVM-2C ROHM-BR25H040FVM-2C Datasheet
1Mb / 35P
   Serial EEPROM Series Automotive EEPROM 125??Operation SPI BUS EEPROM
BR25H010-2C ROHM-BR25H010-2C Datasheet
1Mb / 35P
   Serial EEPROM Series Automotive EEPROM 125 Operation SPI BUS EEPROM
BR93H46-2C ROHM-BR93H46-2C Datasheet
719Kb / 32P
   Serial EEPROM Series Automotive EEPROM 125 Operation Microwire BUS EEPROM
BR25H128-2C ROHM-BR25H128-2C Datasheet
894Kb / 33P
   Serial EEPROM Series Automotive EEPROM 125 Operation SPI BUS EEPROM
BR93H86-2C ROHM-BR93H86-2C Datasheet
756Kb / 32P
   Serial EEPROM Series Automotive EEPROM 125 Operation Microwire BUS EEPROM
BR25H020-2C ROHM-BR25H020-2C Datasheet
1Mb / 35P
   Serial EEPROM Series Automotive EEPROM 125 Operation SPI BUS EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com