Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CWR11CH686JA Datasheet(PDF) 4 Page - AVX Corporation

Part # CWR11CH686JA
Description  CWR11 - MIL-PRF-55365/8 Established Reliability, COTS-Plus & Space Level
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

CWR11CH686JA Datasheet(HTML) 4 Page - AVX Corporation

  CWR11CH686JA Datasheet HTML 1Page - AVX Corporation CWR11CH686JA Datasheet HTML 2Page - AVX Corporation CWR11CH686JA Datasheet HTML 3Page - AVX Corporation CWR11CH686JA Datasheet HTML 4Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
28
JUNE 2013
TBJ Series
CWR11 - MIL-PRF-55365/8 Established Reliability, COTS-Plus & Space Level
Parametric Specifications by Rating per MIL-PRF-55365/8
Typical Ripple Data by Rating
Cap
DC Rated
ESR @
DCL max
DF Max
Power
25ºC
85ºC
125ºC
25ºC
85ºC
125ºC
@ 120Hz
Voltage
100kHz
+25ºC
+85ºC
+125ºC
+25ºC
+(85/125)ºC
-55ºC
Dissipation
Ripple
Ripple
Ripple
Ripple
Ripple
Ripple
CWR11 P/N
AVX COTS-Plus P/N
AVX SRC9000 P/N
Case
μF
V
Ohms
(μA)
(μA)
(μA)
(%)
(%)
(%)
W
AAA
V
V
V
@ 25ºC
@ +85ºC
@ +25ºC
(100kHz)
(100kHz)
(100kHz)
(100kHz)
(100kHz)
(100kHz)
CWR11K^106*@+
TBJ D 106 * 025 C # @ 0 ^ ++ TBJ D 106 * 025 C L @ 9 ^ ++
D
10
25
1.2
2.5
25
30
6
8
9
0.150
0.35
0.32
0.14
0.42
0.38
0.17
CWR11K^156*@+
TBJ D 156 * 025 C # @ 0 ^ ++ TBJ D 156 * 025 C L @ 9 ^ ++
D
15
25
1
3.8
38
45.6
6
9
9
0.150
0.39
0.35
0.15
0.39
0.35
0.15
CWR11M^104*@+
TBJ A 104 * 035 C # @ 0 ^ ++ TBJ A 104 * 035 C L @ 9 ^ ++
A
0.1
35
24
0.5
56466
0.075
0.06
0.05
0.02
1.34
1.21
0.54
CWR11M^154*@+
TBJ A 154 * 035 C # @ 0 ^ ++ TBJ A 154 * 035 C L @ 9 ^ ++
A
0.15
35
21
0.5
56466
0.075
0.06
0.05
0.02
1.25
1.13
0.50
CWR11M^224*@+
TBJ A 224 * 035 C # @ 0 ^ ++ TBJ A 224 * 035 C L @ 9 ^ ++
A
0.22
35
18
0.5
56466
0.075
0.06
0.06
0.03
1.16
1.05
0.46
CWR11M^334*@+
TBJ A 334 * 035 C # @ 0 ^ ++ TBJ A 334 * 035 C L @ 9 ^ ++
A
0.33
35
15
0.5
56466
0.075
0.07
0.06
0.03
1.06
0.95
0.42
CWR11M^474*@+
TBJ B 474 * 035 C # @ 0 ^ ++ TBJ B 474 * 035 C L @ 9 ^ ++
B
0.47
35
10
0.5
56466
0.085
0.09
0.08
0.04
0.92
0.83
0.37
CWR11M^684*@+
TBJ B 684 * 035 C # @ 0 ^ ++ TBJ B 684 * 035 C L @ 9 ^ ++
B
0.68
35
8
0.5
56466
0.085
0.10
0.09
0.04
0.82
0.74
0.33
CWR11M^105*@+
TBJ B 105 * 035 C # @ 0 ^ ++ TBJ B 105 * 035 C L @ 9 ^ ++
B
1
35
6.5
0.5
56466
0.085
0.11
0.10
0.05
0.74
0.67
0.30
CWR11M^155*@+
TBJ C 155 * 035 C # @ 0 ^ ++ TBJ C 155 * 035 C L @ 9 ^ ++
C
1.5
35
4.5
0.5
56689
0.110
0.16
0.14
0.06
0.70
0.63
0.28
CWR11M^225*@+
TBJ C 225 * 035 C # @ 0 ^ ++ TBJ C 225 * 035 C L @ 9 ^ ++
C
2.2
35
3.5
0.8
8
9.6
6
8
9
0.110
0.18
0.16
0.07
0.62
0.56
0.25
CWR11M^335*@+
TBJ C 335 * 035 C # @ 0 ^ ++ TBJ C 335 * 035 C L @ 9 ^ ++
C
3.3
35
2.5
1.2
12
14.4
6
8
9
0.110
0.21
0.19
0.08
0.52
0.47
0.21
CWR11M^475*@+
TBJ D 475 * 035 C # @ 0 ^ ++ TBJ D 475 * 035 C L @ 9 ^ ++
D
4.7
35
1.5
1.7
17
20.4
6
8
9
0.150
0.32
0.28
0.13
0.47
0.43
0.19
CWR11M^685*@+
TBJ D 685 * 035 C # @ 0 ^ ++ TBJ D 685 * 035 C L @ 9 ^ ++
D
6.8
35
1.3
2.4
24
28.8
6
9
9
0.150
0.34
0.31
0.14
0.44
0.40
0.18
CWR11N^104*@+
TBJ A 104 * 050 C # @ 0 ^ ++ TBJ A 104 * 050 C L @ 9 ^ ++
A
0.1
50
22
0.5
5
12
6
8
8
0.075
0.06
0.05
0.02
1.28
1.16
0.51
CWR11N^154*@+
TBJ B 154 * 050 C # @ 0 ^ ++ TBJ B 154 * 050 C L @ 9 ^ ++
B
0.15
50
17
0.5
56466
0.085
0.07
0.06
0.03
1.20
1.08
0.48
CWR11N^224*@+
TBJ B 224 * 050 C # @ 0 ^ ++ TBJ B 224 * 050 C L @ 9 ^ ++
B
0.22
50
14
0.5
56466
0.085
0.08
0.07
0.03
1.09
0.98
0.44
CWR11N^334*@+
TBJ B 334 * 050 C # @ 0 ^ ++ TBJ B 334 * 050 C L @ 9 ^ ++
B
0.33
50
12
0.5
56466
0.085
0.08
0.08
0.03
1.01
0.91
0.40
CWR11N^474*@+
TBJ C 474 * 050 C # @ 0 ^ ++ TBJ C 474 * 050 C L @ 9 ^ ++
C
0.47
50
8
0.5
56466
0.110
0.12
0.11
0.05
0.94
0.84
0.38
CWR11N^684*@+
TBJ C 684 * 050 C # @ 0 ^ ++ TBJ C 684 * 050 C L @ 9 ^ ++
C
0.68
50
7
0.5
56466
0.110
0.13
0.11
0.05
0.88
0.79
0.35
CWR11N^105*@+
TBJ C 105 * 050 C # @ 0 ^ ++ TBJ C 105 * 050 C L @ 9 ^ ++
C
1
50
6
0.5
56466
0.110
0.14
0.12
0.05
0.81
0.73
0.32
CWR11N^155*@+
TBJ D 155 * 050 C # @ 0 ^ ++ TBJ D 155 * 050 C L @ 9 ^ ++
D
1.5
50
4
0.8
8
9.6
6
8
9
0.150
0.19
0.17
0.08
0.77
0.70
0.31
CWR11N^225*@+
TBJ D 225 * 050 C # @ 0 ^ ++ TBJ D 225 * 050 C L @ 9 ^ ++
D
2.2
50
2.5
1.1
11
13.2
6
8
9
0.150
0.24
0.22
0.10
0.61
0.55
0.24
CWR11N^335*@+
TBJ D 335 * 050 C # @ 0 ^ ++ TBJ D 335 * 050 C L @ 9 ^ ++
D
3.3
50
2
1.7
17
20.4
6
9
9
0.150
0.27
0.25
0.11
0.55
0.49
0.22
CWR11N^475*@+
TBJ D 475 * 050 C # @ 0 ^ ++ TBJ D 475 * 050 C L @ 9 ^ ++
D
4.7
50
1.5
2.4
24
28.8
6
9
9
0.150
0.32
0.28
0.13
0.47
0.43
0.19
RATING & PART NUMBER REFERENCE
All technical data relates to an ambient temperature of +25°C. Capacitance and DF are measured at 120Hz, 0.5V RMS with a maximum DC bias of 2.2 volts. DCL is measured at rated voltage after 5 minutes.
NOTE: AVX reserves the right to supply a higher voltage rating or tighter tolerance part in the same case size, to the same reliability standards.


Similar Part No. - CWR11CH686JA

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CWR11CH155JBA VISHAY-CWR11CH155JBA Datasheet
147Kb / 9P
   Solid Tantalum Chip Capacitors TANTAMOUNT Military, Surface Mount MIL-PRF-55365/8 Qualified
Revision 31-Jan-05
CWR11CH155JBA VISHAY-CWR11CH155JBA Datasheet
557Kb / 17P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT™ Molded Case, Military MIL-PRF-55365/8 Qualified
Revision: 22-Jun-17
CWR11CH155JBB VISHAY-CWR11CH155JBB Datasheet
557Kb / 17P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT™ Molded Case, Military MIL-PRF-55365/8 Qualified
Revision: 22-Jun-17
CWR11CH155JCA VISHAY-CWR11CH155JCA Datasheet
147Kb / 9P
   Solid Tantalum Chip Capacitors TANTAMOUNT Military, Surface Mount MIL-PRF-55365/8 Qualified
Revision 31-Jan-05
CWR11CH155JMA VISHAY-CWR11CH155JMA Datasheet
557Kb / 17P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT™ Molded Case, Military MIL-PRF-55365/8 Qualified
Revision: 22-Jun-17
More results

Similar Description - CWR11CH686JA

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
CWR11KK106KBB AVX-CWR11KK106KBB Datasheet
233Kb / 10P
   CWR11 - MIL-PRF-55365/8 Established Reliability, COTS-Plus & Space Level
CWR11DH106KB AVX-CWR11DH106KB Datasheet
146Kb / 4P
   CWR11 - MIL-PRF-55365/8 Established Reliability, COTS-Plus & Space Level
TAZSERIES AVX-TAZSERIES Datasheet
320Kb / 15P
   CWR09 - MIL-PRF-55365/4 Established Reliability, COTS-Plus & Space Level
TBCSERIES AVX-TBCSERIES Datasheet
154Kb / 3P
   CWR15 MIL-PRF-55365/12 Established Reliability, COTS-Plus & Space Level
CWR19FC107KBGB AVX-CWR19FC107KBGB Datasheet
303Kb / 14P
   TAZ Series CWR09 - MIL-PRF-55365/4 Established Reliability, COTS-Plus & Space Level
logo
Kyocera Kinseki Corpota...
TAZ KSS-TAZ Datasheet
1Mb / 14P
   CWR09 - MIL-PRF-55365/4 Established Reliability
logo
Vishay Siliconix
DLA06013 VISHAY-DLA06013 Datasheet
174Kb / 19P
   Wet Tantalum Capacitors, Space Level, Established Reliability
ERH VISHAY-ERH Datasheet
230Kb / 3P
   Wirewound Resistors, Military/Established Reliability MIL-PRF-39009 Qualified, Type RER, R Level
Revision: 29-May-08
RER VISHAY-RER Datasheet
172Kb / 3P
   Wirewound Resistors, Military/Established Reliability MIL-PRF-39009 Qualified, Type RER, R Level
Revision: 23-Jun-16
ESS VISHAY-ESS_08 Datasheet
170Kb / 3P
   Wirewound Resistors, Military/Established Reliability MIL-PRF-39007 Qualified, Type RWR, R Level
Revision: 22-Oct-08
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com