Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BR24C21F-E2 Datasheet(PDF) 9 Page - Rohm

Part # BR24C21F-E2
Description  Standard EEPROMs Plug & Play EEPROMs
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BR24C21F-E2 Datasheet(HTML) 9 Page - Rohm

Back Button BR24C21F-E2 Datasheet HTML 5Page - Rohm BR24C21F-E2 Datasheet HTML 6Page - Rohm BR24C21F-E2 Datasheet HTML 7Page - Rohm BR24C21F-E2 Datasheet HTML 8Page - Rohm BR24C21F-E2 Datasheet HTML 9Page - Rohm BR24C21F-E2 Datasheet HTML 10Page - Rohm BR24C21F-E2 Datasheet HTML 11Page - Rohm BR24C21F-E2 Datasheet HTML 12Page - Rohm BR24C21F-E2 Datasheet HTML 13Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
Datasheet
Datasheet
9/18
TSZ02201-0R2R0G100270-1-2
© 2012 ROHM Co., Ltd. All rights reserved.
10.Jul.2012 Rev.001
www.rohm.com
TSZ22111・15・001
BR24C21xxx Series (1K)
●Command Cancellation By Start And Stop Condition
During a command input, command is canceled by the successive inputs of start condition and stop condition (Figure 15.).
However, during ACK or data output, the device may output the SDA line Low. In such cases, operation of start and stop
condition is impossible, making the reset inoperable. Execute the software reset in the cases. (Figure 13.)
Operating the command cancel by start and stop condition during the command of Random Read or Sequential Read or
Current Read, internal address counter is not confirmed. Therefore operation of Current Read after this is not valid. Operate
a Random Read in this case.
Figure 15. Command Cancellation
●I/O Circuit
○SDA Pin Pull-up Resister
The pull up resister is needed because SDA is NMOS open drain. Choose the correct value of this resister(RPU), by
considering VIL, IL characteristics of a controller which control the device and VOH, IOL characteristics of the device. If
large RPU is chosen, clock frequency needs to be slow. In case of small RPU, the operating current increases.
○Maximum Rpu
Maximum value of RPU is determined by following factors:
①SDA rise time determined by RPU and the capacitance of bus line(CBUS) must be less than tR.
1)
Other timing must keep the conditions of AC spec.
②When SDA bus is High, the voltage ○
A
of SDA bus determined by a total input leak(IL) of the all devices connected to
the bus. RPU must be significantly higher than the High level input of a controller and the device, including a noise
margin 0.2VCC.
VCC-ILRPU-0.2 VCC ≧ VIH
0.8Vcc-VIH
RPU
IL
Examples: When VCC=3V
IL=10µA
VIH=0.7VCC
According to ②
0.8x3-0.7x3
RPU
10x10
-6
300 [k
Ω]
THE CAPACITANCE OF
BUS LINE (CBUS)
SDA PIN
RPU
A
IL
IL
MICRO
COMPUTER
Figure 16. I/O Circuits
SCL
SDA
1
1
0
0
Start
Condition
Stop
Condition


Similar Part No. - BR24C21F-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BR24C21F-E2 ROHM-BR24C21F-E2 Datasheet
709Kb / 23P
   EDID Memory (For display)
BR24C21F-E2 ROHM-BR24C21F-E2 Datasheet
711Kb / 23P
   EDID Memory (For display)
BR24C21F-E2 ROHM-BR24C21F-E2 Datasheet
1,012Kb / 22P
   Standard EEPROMs Plug & Play EEPROMs
More results

Similar Description - BR24C21F-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BR24C21XXX ROHM-BR24C21XXX Datasheet
1,012Kb / 22P
   Standard EEPROMs Plug & Play EEPROMs
BR25L010F-WE2 ROHM-BR25L010F-WE2 Datasheet
577Kb / 17P
   High Reliability Serial EEPROMs SPI BUS Serial EEPROMs
logo
ATMEL Corporation
AT25640A ATMEL-AT25640A Datasheet
388Kb / 20P
   SPI Serial EEPROMs
AT25080 ATMEL-AT25080_03 Datasheet
331Kb / 21P
   SPI Serial EEPROMs
logo
Rohm
BR35H160-WC ROHM-BR35H160-WC_10 Datasheet
491Kb / 17P
   Automotive Serial EEPROMs
logo
ATMEL Corporation
AT25010 ATMEL-AT25010_03 Datasheet
155Kb / 17P
   SPI Serial EEPROMs
AT25HP256 ATMEL-AT25HP256_06 Datasheet
414Kb / 21P
   SPI Serial EEPROMs
AT25080A ATMEL-AT25080A_07 Datasheet
448Kb / 24P
   SPI Serial EEPROMs
AT25010 ATMEL-AT25010 Datasheet
165Kb / 15P
   SPI Serial EEPROMs
AT25128 ATMEL-AT25128 Datasheet
230Kb / 12P
   SPI Serial EEPROMs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com