Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA3355UAG4 Datasheet(PDF) 5 Page - Texas Instruments

Part # OPA3355UAG4
Description  200MHz, CMOS OPERATIONAL AMPLIFIER WITH SHUTDOWN
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA3355UAG4 Datasheet(HTML) 5 Page - Texas Instruments

  OPA3355UAG4 Datasheet HTML 1Page - Texas Instruments OPA3355UAG4 Datasheet HTML 2Page - Texas Instruments OPA3355UAG4 Datasheet HTML 3Page - Texas Instruments OPA3355UAG4 Datasheet HTML 4Page - Texas Instruments OPA3355UAG4 Datasheet HTML 5Page - Texas Instruments OPA3355UAG4 Datasheet HTML 6Page - Texas Instruments OPA3355UAG4 Datasheet HTML 7Page - Texas Instruments OPA3355UAG4 Datasheet HTML 8Page - Texas Instruments OPA3355UAG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
OPA355, 2355, 3355
SBOS195D
5
www.ti.com
TYPICAL CHARACTERISTICS
At TA = +25°C, VS = 5V, G = +2, RF = 604Ω, and RL = 150Ω connected to VS/2, unless otherwise noted.
NONINVERTING SMALL-SIGNAL
FREQUENCY RESPONSE
Frequency (Hz)
10M
1M
100M
1G
100k
6
3
0
–3
–6
–9
–12
–15
V
O = 0.1Vp-p
G = +2
G = +5
G = +10
G = +1
R
F = 0
INVERTING SMALL-SIGNAL
FREQUENCY RESPONSE
Frequency (Hz)
10M
1M
100M
1G
100k
3
0
–3
–6
–9
–12
–15
V
O = 0.1Vp-p
G = –1
G = –5
G = –10
G = –2
NON-INVERTING SMALL-SIGNAL
STEP RESPONSE
Time (20ns/div)
G = +2
NONINVERTING LARGE-SIGNAL
STEP RESPONSE
Time (20ns/div)
G = +2
LARGE-SIGNAL DISABLE/ENABLE
RESPONSE
Time (200ns/div)
4.5
3.5
2.5
1.5
0.5
Enabled
Disabled
V
OUT
f
IN = 5MHz
0.1dB GAIN FLATNESS FOR VARIOUS R
F
Frequency (MHz)
10
100
1
0.5
0.4
0.3
0.2
0.1
0
–0.1
–0.2
–0.3
–0.4
–0.5
V
O = 0.1Vp-p
C
L = 0pF
R
F = 604Ω
R
F = 560Ω
R
F = 500Ω


Similar Part No. - OPA3355UAG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA3355UAG4 TI-OPA3355UAG4 Datasheet
1Mb / 27P
[Old version datasheet]   200MHz, CMOS OPERATIONAL AMPLIFIER WITH SHUTDOWN
OPA3355UAG4 TI1-OPA3355UAG4 Datasheet
1Mb / 27P
[Old version datasheet]   200MHz, CMOS OPERATIONAL AMPLIFIER WITH SHUTDOWN
More results

Similar Description - OPA3355UAG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA355NA TI1-OPA355NA Datasheet
823Kb / 24P
[Old version datasheet]   200MHz, CMOS OPERATIONAL AMPLIFIER WITH SHUTDOWN
OPA355NA TI-OPA355NA Datasheet
1Mb / 27P
[Old version datasheet]   200MHz, CMOS OPERATIONAL AMPLIFIER WITH SHUTDOWN
OPA355 TI-OPA355 Datasheet
538Kb / 18P
[Old version datasheet]   200MHz, CMOS OPERATIONAL AMPLIFIER WITH SHUTDOWN
OPA355 TI1-OPA355_15 Datasheet
1Mb / 27P
[Old version datasheet]   200MHz, CMOS OPERATIONAL AMPLIFIER WITH SHUTDOWN
OPA356 TI-OPA356_07 Datasheet
323Kb / 19P
[Old version datasheet]   200MHz, CMOS OPERATIONAL AMPLIFIER
OPA322 TI1-OPA322_16 Datasheet
1Mb / 38P
[Old version datasheet]   CMOS Operational Amplifier with Shutdown
logo
Burr-Brown (TI)
OPA356 BURR-BROWN-OPA356 Datasheet
263Kb / 13P
   200MHz, CMOS OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA322-Q1 TI1-OPA322-Q1 Datasheet
1Mb / 26P
[Old version datasheet]   CMOS Operational Amplifier With Shutdown
OPA355-Q1 TI-OPA355-Q1 Datasheet
383Kb / 18P
[Old version datasheet]   200-MHz CMOS Operational Amplifier With Shutdown
logo
SG Micro Corp
SGM8924A SGMICRO-SGM8924A Datasheet
293Kb / 8P
   Operational Amplifier with Shutdown
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com