Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BD12730G-TR Datasheet(PDF) 6 Page - Rohm

Part # BD12730G-TR
Description  Low Current Consumption Input/Output Full Swing Operational Amplifier
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD12730G-TR Datasheet(HTML) 6 Page - Rohm

Back Button BD12730G-TR Datasheet HTML 2Page - Rohm BD12730G-TR Datasheet HTML 3Page - Rohm BD12730G-TR Datasheet HTML 4Page - Rohm BD12730G-TR Datasheet HTML 5Page - Rohm BD12730G-TR Datasheet HTML 6Page - Rohm BD12730G-TR Datasheet HTML 7Page - Rohm BD12730G-TR Datasheet HTML 8Page - Rohm BD12730G-TR Datasheet HTML 9Page - Rohm BD12730G-TR Datasheet HTML 10Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
Datasheet
www.rohm.com
TSZ02201-0RAR1G200600-1-2
©2012 ROHM Co., Ltd. All rights reserved.
6/18
30.NOV.2012 Rev.001
TSZ22111・15・001
BD12730G
●Typical Performance Curves (Reference data) – Continued
○BD12730G
Figure 8.
Output Voltage Low - Ambient Temperature
(RL=20k
Ω)
(*)The data above is measurement value of typical sample, it is not guaranteed.
Figure 7.
Output Voltage Low - Supply Voltage
(RL=20k
Ω)
0
1
2
3
4
5
6
-50
-25025
50
75
100
AMBIENT TEMPERATURE [
℃]
Figure 6.
Output Voltage High - Ambient Temperature
(RL=20k
Ω)
1.8V
3.0V
5.0V
0
3
6
9
12
15
18
12
34
5
6
SUPPLY VOLTAGE [V]
85℃
-40℃
25℃
0
3
6
9
12
15
18
-50
-25
0
255075
100
AMBIENT TEMPERATURE [
℃]
0
1
2
3
4
5
6
12
34
56
SUPPLY VOLTAGE [V]
Figure 9.
Output Voltage High - Supply Voltage
(RL=2k
Ω)
-40℃
85℃
1.8V
3.0V
5.0V
25℃


Similar Part No. - BD12730G-TR

ManufacturerPart #DatasheetDescription
logo
Rohm
BD12730G-TR ROHM-BD12730G-TR Datasheet
1Mb / 54P
   Low Supply Current Input/Output Full Swing Operational Amplifier
More results

Similar Description - BD12730G-TR

ManufacturerPart #DatasheetDescription
logo
Rohm
BD12730G ROHM-BD12730G_16 Datasheet
1Mb / 54P
   Low Supply Current Input/Output Full Swing Operational Amplifier
BU7242YFVM-C ROHM-BU7242YFVM-C Datasheet
2Mb / 26P
   Input/Output Full Swing Low Supply Current CMOS Operational Amplifier
BU7241YG-C ROHM-BU7241YG-C Datasheet
1Mb / 26P
   Input/Output Full Swing Low Supply Current CMOS Operational Amplifier
BD5291G-TL ROHM-BD5291G-TL Datasheet
1Mb / 29P
   Input/Output Full Swing Low Input Offset Voltage Operational Amplifier
logo
New Japan Radio
NJU7043 NJRC-NJU7043 Datasheet
35Kb / 2P
   Input/Output Full-Swing High Output Current Dual C-MOS Operational Amplifier
NJU7040 NJRC-NJU7040 Datasheet
100Kb / 5P
   Input/Output Full-Swing High Output Current Single C-MOS Operational Amplifier
NJU7044 NJRC-NJU7044 Datasheet
113Kb / 5P
   Input/Output Full-Swing High Output Current Quad C-MOS Operational Amplifier
logo
Rohm
LM7101G ROHM-LM7101G Datasheet
583Kb / 21P
   Input/Output Full Swing Low Power Operational Amplifiers
LMR981G ROHM-LMR981G_14 Datasheet
1Mb / 63P
   Input/Output Full Swing Low Power Operational Amplifiers
BU7242NUX-TR ROHM-BU7242NUX-TR Datasheet
897Kb / 46P
   Input/Output Full Swing Input/Output Full Swing
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com