Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BC817-25 Datasheet(PDF) 3 Page - STMicroelectronics

Part # BC817-25
Description  SMALL SIGNAL NPN TRANSISTORS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BC817-25 Datasheet(HTML) 3 Page - STMicroelectronics

  BC817-25 Datasheet HTML 1Page - STMicroelectronics BC817-25 Datasheet HTML 2Page - STMicroelectronics BC817-25 Datasheet HTML 3Page - STMicroelectronics BC817-25 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
DIM.
mm
mils
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
A
0.85
1.1
33.4
43.3
B
0.65
0.95
25.6
37.4
C
1.20
1.4
47.2
55.1
D
2.80
3
110.2
118
E
0.95
1.05
37.4
41.3
F
1.9
2.05
74.8
80.7
G2.1
2.5
82.6
98.4
H
0.38
0.48
14.9
18.8
L0.3
0.6
11.8
23.6
M
0
0.1
0
3.9
N
0.3
0.65
11.8
25.6
O
0.09
0.17
3.5
6.7
0044616/B
SOT-23 MECHANICAL DATA
BC817-25 / BC817-40
3/4


Similar Part No. - BC817-25

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BC817-25 PHILIPS-BC817-25 Datasheet
47Kb / 8P
   NPN general purpose transistor
1999 Jun 01
logo
SHENZHEN SLS TECHNOLOGY...
BC817-25 SHENZHENSLS-BC817-25 Datasheet
477Kb / 2P
   Plastic-Encapsulate Transistors
logo
Pan Jit International I...
BC817-25 PANJIT-BC817-25 Datasheet
462Kb / 3P
   NPN GENERAL PURPOSE TRANSISTORS
logo
Taiwan Semiconductor Co...
BC817-25 TSC-BC817-25 Datasheet
255Kb / 4P
   300mW, NPN Small Signal Transistor
logo
Transys Electronics
BC817-25 TRSYS-BC817-25 Datasheet
49Kb / 2P
   NPN SURFACE MOUNT SMALL SIGNAL TRANSISTOR
More results

Similar Description - BC817-25

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
2N4124 GE-2N4124 Datasheet
210Kb / 5P
   Small Signal Transistors (NPN)
MMBTA06 GE-MMBTA06 Datasheet
56Kb / 2P
   Small Signal Transistors (NPN)
2N3904 GE-2N3904 Datasheet
112Kb / 3P
   SMALL SIGNAL TRANSISTORS NPN
BC546 GE-BC546 Datasheet
263Kb / 6P
   Small Signal Transistors (NPN)
logo
STMicroelectronics
2N5320 STMICROELECTRONICS-2N5320 Datasheet
67Kb / 4P
   SMALL SIGNAL NPN TRANSISTORS
June 1997
logo
Micro Commercial Compon...
MMST5551 MCC-MMST5551_13 Datasheet
235Kb / 2P
   NPN Small Signal Transistors
DMMT3904 MCC-DMMT3904 Datasheet
217Kb / 4P
   NPN Small Signal Transistors
MMST3904 MCC-MMST3904 Datasheet
78Kb / 3P
   NPN Small Signal Transistors
logo
General Semiconductor
MMBT3904 GE-MMBT3904 Datasheet
136Kb / 3P
   Small Signal Transistors (NPN)
MMBT4401 GE-MMBT4401 Datasheet
117Kb / 3P
   SMALL SIGNAL TRANSISTORS (NPN)
MPSA42 GE-MPSA42 Datasheet
38Kb / 2P
   Small Signal Transistors (NPN)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com