Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

10340-A200-00 Datasheet(PDF) 2 Page - 3M Electronics

Part # 10340-A200-00
Description  3M??Mini D Ribbon (MDR) Connectors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

10340-A200-00 Datasheet(HTML) 2 Page - 3M Electronics

  10340-A200-00 Datasheet HTML 1Page - 3M Electronics 10340-A200-00 Datasheet HTML 2Page - 3M Electronics 10340-A200-00 Datasheet HTML 3Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
3M
Interconnect Solutions
http://www.3M.com/interconnects/
3M is a trademark of 3M Company.
For technical, sales or ordering information call
800-225-5373
3MMini D Ribbon (MDR) Connectors
Metal Junction Shell for Round Cable
103 Series
Contact
Quantity
Dimensions
A
B
C
D
E
14
1.01 [ 25.8 ]
.78 [ 19.9 ]
.27 [ 6.8 ]
----
----
20
1.17 [ 29.7 ]
.82 [ 21.0 ]
.31 [ 8.0 ]
----
----
26
1.32 [ 33.5 ]
.98 [ 24.8 ]
.33 [ 8.5 ]
----
----
36
1.57 [ 39.8 ]
1.22 [ 31.3 ]
.35 [ 9.0 ]
----
----
40
1.67 [ 42.4 ]
1.32 [ 33.7 ]
.35 [ 9.0 ]
----
----
50
1.92 [ 48.7 ]
1.57 [ 40.0 ]
----
.39 [ 10.0 ]
.18 [ 4.5 ]
68
2.37 [ 60.1 ]
2.02 [ 51.4 ]
----
.47 [ 12.0 ]
.18 [ 4.5 ]
100
3.16 [ 80.2 ]
2.81 [ 71.5 ]
----
.47 [ 12.0 ]
.22 [ 5.5 ]
TS-0341-09
Sheet 2 of 2
Package Contents:
1 - Cable Clamp (Plated Steel)
2 - M2.6 x 6mm Flat Head Screws
2 - M2.6 x 4mm Pan Head Screws
2 - Metal Shell Halves
2 - Metal Latches
.45
[ 11.4 ]
.53
[ 13.5 ]
E Rad
D
C Dia
This Feature is
only on the 100 Pos.
Assembled Junction Shell
.0
.00
.000
inch
±.1
± .01 ± .005
[ ] D im ensio ns fo r R efere nce
Only
T olerance U nless N oted
[m m ]
In ch
Top Shell
A
1.26
[ 32.0 ]
.09
[ 2.2 ]
Bottom Shell
B
.37
[ 9.4 ]
103XX-A200-00
Contact Quantity
(See Table)
Ordering Information


Similar Part No. - 10340-A200-00

ManufacturerPart #DatasheetDescription
logo
ERNI Electronics
103400360001 ERNI-103400360001 Datasheet
172Kb / 1P
   ERMETZD MESSERLEISTE 2-10
103402000001 ERNI-103402000001 Datasheet
44Kb / 1P
   F 2,54 SRC-A, 3-polig BA 2
103402070001 ERNI-103402070001 Datasheet
69Kb / 1P
   Federkontakte 2,54 SRC-A BA 2
103404240001 ERNI-103404240001 Datasheet
53Kb / 1P
   M 2,54 SRC-A 3/2-polig
logo
SICK AG
1034094 SICK-1034094 Datasheet
1Mb / 7P
   MOTOR FEEDBACK SYSTEMS ROTARY HIPERFACE
More results

Similar Description - 10340-A200-00

ManufacturerPart #DatasheetDescription
logo
3M Electronics
10214-1S10PL 3M-10214-1S10PL Datasheet
979Kb / 6P
   3M Mini D Ribbon (MDR) Connectors
10268-5JBEPC 3M-10268-5JBEPC Datasheet
812Kb / 4P
   3M Mini D Ribbon (MDR) Connectors
10214-55G3JL 3M-10214-55G3JL Datasheet
532Kb / 4P
   3M Mini D Ribbon (MDR) Connectors
10314-52F0-008 3M-10314-52F0-008 Datasheet
309Kb / 3P
   3M Mini D Ribbon (MDR) Connectors
3341-XX 3M-3341-XX Datasheet
58Kb / 3P
   3M Mini D Ribbon (MDR) Connectors
10336-3210 3M-10336-3210 Datasheet
312Kb / 3P
   3M Mini D Ribbon (MDR) Connectors
N10226-5213PC 3M-N10226-5213PC Datasheet
399Kb / 6P
   3M Mini D Ribbon (MDR) Connectors
10120-5212VC 3M-10120-5212VC Datasheet
200Kb / 5P
   3M Mini D Ribbon (MDR) Connectors
10214-6202VC 3M-10214-6202VC Datasheet
395Kb / 4P
   3M Mini D Ribbon (MDR) Connectors
N102A0-52B2VC 3M-N102A0-52B2VC Datasheet
440Kb / 4P
   3M Mini D Ribbon (MDR) Connectors
1021455G3PL 3M-1021455G3PL Datasheet
508Kb / 6P
   3M Mini D Ribbon (MDR) Connectors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com