Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ABM3 Datasheet(PDF) 2 Page - Abracon Corporation

Part # ABM3
Description  MINIATURE CERAMIC SMD CRYSTAL
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ABM3 Datasheet(HTML) 2 Page - Abracon Corporation

  ABM3_10 Datasheet HTML 1Page - Abracon Corporation ABM3_10 Datasheet HTML 2Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
TAPE & REEL:
Dimensions: mm
Dimensions: inch (mm)
OUTLINE DRAWING:
|||||||||||| | | |
5.0 X 3.2 X 1.30mm
RoHS
Compliant
Pb in glass
(exempt per RoHS 2002/95/EC Annex (5))
Need a test socket for the ABM3 Series? To view
compatible PRECISION TEST & BURN-IN SOCKETS
for these parts, click here. P/N: AXS-5032-02-06
REFLOW PROFILE
ATTENTION: Abracon Corporation’s products are COTS – Commercial-Off-The-Shelf products; suitable for Commer-
cial, Industrial and, where designated, Automotive Applications. Abracon’s products are not specifically designed for
Military, Aviation, Aerospace, Life-dependant Medical applications or any application requiring high reliability where
component failure could result in loss of life and/or property. For applications requiring high reliability and/or
presenting an extreme operating environment, written consent and authorization from Abracon Corporation is
required. Please contact Abracon Corporation for more information.
Tape and reel (1,000pcs/reel)
30332 Esperanza, Rancho Santa Margarita, California 92688
tel 949-546-8000 | fax 949-546-8001| www.abracon.com
Revised: 12.28.10
Visit www.abracon.com for Terms & Conditions of Sale
ABM3
MINIATURE CERAMIC SMD CRYSTAL
ABRACON IS
CERTIFIED
ABRACON IS
ISO9001:2008
CERTIFIED
Note: Due to availability of
the ceramic base, a chamfer
may appear on pin 1.
Pin 1
Pin 2


Similar Part No. - ABM3_10

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ABM3-12.000MHZ-B2-T ETC1-ABM3-12.000MHZ-B2-T Datasheet
139Kb / 1P
   AB Series HC49U Crystals, ABLS Series HC49US SMD Crystals, ABL Series HC49US Crystals, ABM3 Series 5.0 x 3.2 SMD Crystals
ABM3-13.560MHZ-B2-T ETC1-ABM3-13.560MHZ-B2-T Datasheet
139Kb / 1P
   AB Series HC49U Crystals, ABLS Series HC49US SMD Crystals, ABL Series HC49US Crystals, ABM3 Series 5.0 x 3.2 SMD Crystals
ABM3-14.31818MHZ-B2-T ETC1-ABM3-14.31818MHZ-B2-T Datasheet
139Kb / 1P
   AB Series HC49U Crystals, ABLS Series HC49US SMD Crystals, ABL Series HC49US Crystals, ABM3 Series 5.0 x 3.2 SMD Crystals
logo
Abracon Corporation
ABM3-14.31818MHZ-S-B-2 ABRACON-ABM3-14.31818MHZ-S-B-2 Datasheet
1Mb / 3P
   MINIATURE CERAMIC SMD CRYSTAL
09.23.13
ABM3-14.31818MHZ-S-B-3 ABRACON-ABM3-14.31818MHZ-S-B-3 Datasheet
1Mb / 3P
   MINIATURE CERAMIC SMD CRYSTAL
09.23.13
More results

Similar Description - ABM3_10

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ABM9 ABRACON-ABM9 Datasheet
348Kb / 2P
   MINIATURE CERAMIC SMD CRYSTAL
07.31.07
ABM3 ABRACON-ABM3_15 Datasheet
1Mb / 3P
   MINIATURE CERAMIC SMD CRYSTAL
09.23.13
ABM9 ABRACON-ABM9_15 Datasheet
998Kb / 2P
   MINIATURE CERAMIC SMD CRYSTAL
04.07.11
ABM9-16000MHZ-10-D-1-U-T ABRACON-ABM9-16000MHZ-10-D-1-U-T Datasheet
1Mb / 2P
   MINIATURE CERAMIC SMD CRYSTAL
ABM3 ABRACON-ABM3_08 Datasheet
837Kb / 2P
   MINIATURE CERAMIC SMD CRYSTAL
03.06.08
ABM8 ABRACON-ABM8_15 Datasheet
1Mb / 2P
   ULTRA MINIATURE CERAMIC SMD CRYSTAL
08.19.15
ABM13 ABRACON-ABM13 Datasheet
6Mb / 3P
   ULTRA MINIATURE CERAMIC SMD CRYSTAL
logo
Fox Electronics
24000FM FOX-24000FM Datasheet
84Kb / 1P
   ULTRA MINIATURE CERAMIC SMD CRYSTAL
logo
Abracon Corporation
ABM8-20000MHZ-B2-T ABRACON-ABM8-20000MHZ-B2-T Datasheet
1Mb / 2P
   ULTRA MINIATURE CERAMIC SMD CRYSTAL
03.07.12
ABM8-166 ABRACON-ABM8-166 Datasheet
1Mb / 3P
   ULTRA MINIATURE CERAMIC SMD CRYSTAL
08.26.14
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com