Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HI-6130 Datasheet(PDF) 5 Page - Holt Integrated Circuits

Part # HI-6130
Description  3.3V BC / MT / RT Multi-Terminal Device
Download  290 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTIC [Holt Integrated Circuits]
Direct Link  http://www.holtic.com
Logo HOLTIC - Holt Integrated Circuits

HI-6130 Datasheet(HTML) 5 Page - Holt Integrated Circuits

  HI-6130 Datasheet HTML 1Page - Holt Integrated Circuits HI-6130 Datasheet HTML 2Page - Holt Integrated Circuits HI-6130 Datasheet HTML 3Page - Holt Integrated Circuits HI-6130 Datasheet HTML 4Page - Holt Integrated Circuits HI-6130 Datasheet HTML 5Page - Holt Integrated Circuits HI-6130 Datasheet HTML 6Page - Holt Integrated Circuits HI-6130 Datasheet HTML 7Page - Holt Integrated Circuits HI-6130 Datasheet HTML 8Page - Holt Integrated Circuits HI-6130 Datasheet HTML 9Page - Holt Integrated Circuits Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 290 page
background image
HI-6130, HI-6131
HOLT INTEGRATED CIRCUITS
5
11.7. Bus Controller (BC) General Purpose Flag Register (Write 0x0037)........................86
11.8. Bus Controller (BC) General Purpose Queue Pointer Register (0x0038).................86
11.9. Bus Controller (BC) Time Tag Counter (0x0043) ......................................................87
11.10. Bus Controller (BC) Time Tag Counter High (0x0044)..............................................87
11.11. Bus Controller (BC) Time Tag Utility Register (0x0045) ...........................................88
11.12. Bus Controller (BC) Time Tag Utility High Register (0x0046) ..................................88
11.13. Bus Controller (BC) Time Tag Match Register (0x0047) ..........................................88
11.14. Bus Controller (BC) Time Tag Match High Register (0x0048) .................................88
11.15. Bus Controller Interrupt Registers and Their Use .....................................................89
11.15.1. Bus Controller (BC) Interrupt Enable Register (0x0010) ...................................... 90
11.15.2. Bus Controller (BC) Pending Interrupt Register (0x0007) .................................... 90
11.15.3. Bus Controller (BC) Interrupt Output Enable Register (0x0014) .......................... 90
12. SIMPLE MONITOR TERMINAL (SMT) ............................................................ 93
12.1. Overview ...................................................................................................................93
12.2. SMT Block Status Word (BSW) Description .............................................................98
12.3. SMT Message Filter Table ......................................................................................101
13. SIMPLE MONITOR TERMINAL (SMT) REGISTER DESCRIPTION ............. 103
13.1. SMT Configuration Register (0x0029) ....................................................................103
13.2. SMT Bus Monitor Address List Start Address Register (0x002F) ...........................106
13.3. SMT Next Message Command Buffer Address (0x0030) .......................................106
13.4. SMT Last Message Command Buffer Address (0x0031)........................................107
13.5. SMT Bus Monitor Time Tag Count Register (0x003A) ............................................107
13.6. SMT Bus Monitor Time Tag Count Mid Register (0x003B) .....................................107
13.7. SMT Bus Monitor Time Tag Count High Register (0x003C)....................................107
13.8. SMT Bus Monitor Time Tag Utility Register (0x003D).............................................108
13.9. SMT Bus Monitor Time Tag Utility Mid Register (0x003E) ......................................108
13.10. SMT Bus Monitor Time Tag Utility High Register (0x003F).....................................108
13.11. SMT Bus Monitor Time Tag Match Register (0x0040) ............................................109
13.12. SMT Bus Monitor Time Tag Match Mid Register (0x0041) .....................................109
13.13. SMT Bus Monitor Time Tag Match High Register (0x0042) ...................................109
13.14. SMT Bus Monitor Interrupt Registers and Their Use .............................................. 110
13.14.1. SMT Bus Monitor Interrupt Enable Register (0x0011)..........................................111
13.14.2. SMT Bus Monitor Pending Interrupt Register (0x0008)........................................111
13.14.3. SMT Bus Monitor Interrupt Output Enable Register (0x0015)..............................111


Similar Part No. - HI-6130

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-6130 HOLTIC-HI-6130 Datasheet
6Mb / 296P
   3.3V BC / MT / RT Multi-Terminal Device
HI-6130 HOLTIC-HI-6130_16 Datasheet
6Mb / 296P
   3.3V BC / MT / RT Multi-Terminal Device
More results

Similar Description - HI-6130

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-6130 HOLTIC-HI-6130_16 Datasheet
6Mb / 296P
   3.3V BC / MT / RT Multi-Terminal Device
HI-2130 HOLTIC-HI-2130_16 Datasheet
1Mb / 10P
   3.3V BC / MT / RT with Integrated Transformers
HI-6140 HOLTIC-HI-6140 Datasheet
717Kb / 7P
   10 MBit/s MIL-STD-1553 3.3V BC / MT / RT
HI-2130 HOLTIC-HI-2130 Datasheet
1,000Kb / 7P
   Single Package MIL-STD-1553 / MIL-STD-1760 3.3V BC / MT / RT with Integrated Transformers
HI-6110 HOLTIC-HI-6110 Datasheet
512Kb / 36P
   MIL-STD-1553 / MIL-STD-1760 BC / RT / MT Message Processor
logo
Marktech Corporate
MTA1164H-YG MARKTECH-MTA1164H-YG Datasheet
55Kb / 2P
   Marktech RT Angle Multi Color PCB MT 5mm LEDs
logo
Microchip Technology
ECE1117 MICROCHIP-ECE1117 Datasheet
1Mb / 83P
   Multi-Function BC-Link/SMBus Companion Device
07/14/15
logo
Marktech Corporate
MT1164-RGCT MARKTECH-MT1164-RGCT Datasheet
34Kb / 1P
   Marktech RT Angle Std. Single PCB MT 5mm
MTA1164-YG MARKTECH-MTA1164-YG Datasheet
37Kb / 1P
   Marktech RT Angle Dual PCB MT 5mm LED
MTA2264-YG MARKTECH-MTA2264-YG Datasheet
37Kb / 1P
   Marktech RT Angle Quad PCB MT 5mm LEDs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com