Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AUIRLS3036 Datasheet(PDF) 7 Page - International Rectifier

Part # AUIRLS3036
Description  Advanced Process Technology
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

AUIRLS3036 Datasheet(HTML) 7 Page - International Rectifier

Back Button AUIRLS3036 Datasheet HTML 3Page - International Rectifier AUIRLS3036 Datasheet HTML 4Page - International Rectifier AUIRLS3036 Datasheet HTML 5Page - International Rectifier AUIRLS3036 Datasheet HTML 6Page - International Rectifier AUIRLS3036 Datasheet HTML 7Page - International Rectifier AUIRLS3036 Datasheet HTML 8Page - International Rectifier AUIRLS3036 Datasheet HTML 9Page - International Rectifier AUIRLS3036 Datasheet HTML 10Page - International Rectifier AUIRLS3036 Datasheet HTML 11Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
AUIRLS3036
www.irf.com
7
Fig. 17 - Typical Recovery Current vs. dif/dt
Fig 16. Threshold Voltage vs. Temperature
Fig. 19 - Typical Stored Charge vs. dif/dt
Fig. 18 - Typical Recovery Current vs. dif/dt
Fig. 20 - Typical Stored Charge vs. dif/dt
-75 -50 -25 0 25 50 75 100 125 150 175 200
TJ , Temperature ( °C )
0.5
1.0
1.5
2.0
2.5
3.0
ID = 250μA
ID = 1.0mA
ID = 1.0A
0
100
200
300
400
500
diF /dt (A/μs)
100
200
300
400
500
600
700
800
900
IF = 110A
VR = 51V
TJ = 25°C
TJ = 125°C
0
100
200
300
400
500
diF /dt (A/μs)
200
300
400
500
600
IF = 165A
VR = 51V
TJ = 25°C
TJ = 125°C
0
100
200
300
400
500
diF /dt (A/μs)
2
4
6
8
10
12
14
IF = 110A
VR = 51V
TJ = 25°C
TJ = 125°C
0
100
200
300
400
500
diF /dt (A/μs)
2
4
6
8
10
12
IF = 165A
VR = 51V
TJ = 25°C
TJ = 125°C


Similar Part No. - AUIRLS3036

ManufacturerPart #DatasheetDescription
logo
International Rectifier
AUIRLS3036-7P IRF-AUIRLS3036-7P Datasheet
250Kb / 12P
   HEXFETPower MOSFET
AUIRLS3036-7P IRF-AUIRLS3036-7P Datasheet
250Kb / 12P
   AUTOMOTIVE GRADE
logo
Infineon Technologies A...
AUIRLS3036-7P INFINEON-AUIRLS3036-7P Datasheet
694Kb / 10P
   AUTOMOTIVE GRADE
2015-11-4
logo
International Rectifier
AUIRLS3036-7TRL IRF-AUIRLS3036-7TRL Datasheet
250Kb / 12P
   HEXFETPower MOSFET
logo
Infineon Technologies A...
AUIRLS3036-7TRL INFINEON-AUIRLS3036-7TRL Datasheet
694Kb / 10P
   AUTOMOTIVE GRADE
2015-11-4
More results

Similar Description - AUIRLS3036

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF3205STRR IRF-IRF3205STRR Datasheet
618Kb / 11P
   Advanced Process Technology
IRF3205ZSTRLPBF IRF-IRF3205ZSTRLPBF Datasheet
385Kb / 12P
   Advanced Process Technology
IRL2203NSTRLPBF IRF-IRL2203NSTRLPBF Datasheet
295Kb / 10P
   Advanced Process Technology
logo
Kersemi Electronic Co.,...
IRF640NS KERSEMI-IRF640NS Datasheet
1Mb / 11P
   Advanced Process Technology
IRFR48Z KERSEMI-IRFR48Z_15 Datasheet
1Mb / 12P
   Advanced Process Technology
IRLR2905Z KERSEMI-IRLR2905Z Datasheet
1Mb / 11P
   Advanced Process Technology
IRFZ24N KERSEMI-IRFZ24N Datasheet
741Kb / 8P
   Advanced Process Technology
IRFZ44N KERSEMI-IRFZ44N Datasheet
700Kb / 8P
   Advanced Process Technology
logo
International Rectifier
IRF1104SPBF IRF-IRF1104SPBF_15 Datasheet
272Kb / 11P
   Advanced Process Technology
IRF1405SPBF IRF-IRF1405SPBF_15 Datasheet
313Kb / 11P
   Advanced Process Technology
IRF2204PBF IRF-IRF2204PBF_15 Datasheet
263Kb / 9P
   Advanced Process Technology
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com