Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMP90078MHE Datasheet(PDF) 7 Page - Texas Instruments

Part # LMP90078MHE
Description  Multi-Channel, Low-Power 16-Bit Sensor AFE with True Continuous Background Calibration
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMP90078MHE Datasheet(HTML) 7 Page - Texas Instruments

Back Button LMP90078MHE Datasheet HTML 3Page - Texas Instruments LMP90078MHE Datasheet HTML 4Page - Texas Instruments LMP90078MHE Datasheet HTML 5Page - Texas Instruments LMP90078MHE Datasheet HTML 6Page - Texas Instruments LMP90078MHE Datasheet HTML 7Page - Texas Instruments LMP90078MHE Datasheet HTML 8Page - Texas Instruments LMP90078MHE Datasheet HTML 9Page - Texas Instruments LMP90078MHE Datasheet HTML 10Page - Texas Instruments LMP90078MHE Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 64 page
background image
LMP90077, LMP90078, LMP90079, LMP90080
www.ti.com
SNAS521F – JULY 2011 – REVISED MARCH 2013
Electrical Characteristics (continued)
Unless otherwise noted, the key for the condition is (VA = VIO = VREF) / ODR (SPS) / buffer / calibration / gain . Boldface
limits apply for TMIN ≤ TA ≤ TMAX; the typical values apply for TA = +25°C.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
3V / 214.65 / OFF / OFF / 1
95
136
dB
Cross-talk
5V / 214.65 / OFF / OFF / 1
95
143
dB
POWER SUPPLY CHARACTERISTICS
Analog Supply
VA
2.85
3.0
5.5
V
Voltage
Digital Supply
VIO
2.7
3.3
5.5
V
Voltage
3V / 13.42 / OFF / OFF / 1, ext. CLK
400
500
µA
5V / 13.42 / OFF / OFF / 1, ext. CLK
464
555
µA
3V / 13.42 / ON / OFF / 64, ext. CLK
600
700
µA
5V / 13.42 / ON / OFF / 64, ext. CLK
690
800
µA
3V / 214.65 / ON / OFF / 64, int. CLK
1547
1700
µA
5V / 214.65 / ON / OFF / 64, int. CLK
1760
2000
µA
3V / 214.65 / OFF / OFF / 1, int. CLK
826
1000
µA
Analog Supply
IVA
Current
5V / 214.65 / OFF / OFF / 1, int. CLK
941
1100
µA
Standby, 3V , int. CLK
3
10
µA
Standby, 3V , ext. CLK
257
µA
Standby, 5V, int. CLK
5
15
µA
Standby, 3V, ext. CLK
300
µA
Power-down, 3V, int/ext CLK
2.6
5
µA
Power-down, 5V, int/ext CLK
4.6
9
µA
REFERENCE INPUT
VREFP
Positive Reference
VREFN + 0.5
VA
V
Negative
VREFN
GND
VREFP - 0.5
V
Reference
Differential
VREF
VREF = VREFP - VREFN
0.5
VA
V
Reference
Reference
ZREF
3V / 13.42 / OFF / OFF / 1
10
MOhm
Impedance
IREF
Reference Input
3V / 13.42 / ON or OFF /ON or OFF/all
±2
µA
Capacitance of the
CREFP
gain = 1(2)
6
pF
Positive Reference
Capacitance of the
CREFN
Negative
gain = 1(2)
6
pF
Reference
Reference
ILREF
Power-down
1
nA
Leakage Current
ANALOG INPUT
Gain = 1-8, buffer ON
GND + 0.1
VA - 0.1
V
VINP
Positive Input
Gain = 16 - 128, buffer ON
GND + 0.4
VA - 1.5
V
Gain = 1-8, buffer OFF
GND
VA
V
Gain = 1-8, buffer ON
GND + 0.1
VA - 0.1
V
VINN
Negative Input
Gain = 16 - 128, buffer ON
GND + 0.4
VA - 1.5
V
Gain = 1-8, buffer OFF
GND
VA
V
VIN
Differential Input
VIN = VINP - VINN
±VREF / PGA
Differential Input
ZIN
ODR = 13.42 SPS
15.4
MOhm
Impedance
(2)
This parameter is specified by design and/or characterization and is not tested in production.
Copyright © 2011–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LMP90077 LMP90078 LMP90079 LMP90080


Similar Part No. - LMP90078MHE

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMP90078MHE TI1-LMP90078MHE Datasheet
1Mb / 70P
[Old version datasheet]   Sensor AFE System: Multi-Channel, Low-Power 16-Bit Sensor AFE
logo
National Semiconductor ...
LMP90078MHE/NOPB NSC-LMP90078MHE/NOPB Datasheet
1Mb / 62P
   Sensor AFE System: Multi-Channel, Low-Power 16-Bit
More results

Similar Description - LMP90078MHE

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMP90100 TI1-LMP90100 Datasheet
1Mb / 63P
[Old version datasheet]   Sensor AFE System: Multi-Channel, Low Power 24-Bit Sensor AFE with True Continuous Background Calibration
LMP90080-Q1 TI1-LMP90080-Q1 Datasheet
1Mb / 65P
[Old version datasheet]   Multi-Channel 16-Bit Sensor AFE with Background Calibration
LMP90100 TI1-LMP90100_13 Datasheet
1Mb / 69P
[Old version datasheet]   LMP90100/LMP90099/LMP90098/LMP90097 Sensor AFE System: Multi-Channel, Low Power 24-Bit Sensor AFE with True Continuous Background Calibration
LMP90077 TI1-LMP90077_16 Datasheet
1Mb / 70P
[Old version datasheet]   Sensor AFE System: Multi-Channel, Low-Power 16-Bit Sensor AFE
logo
National Semiconductor ...
LMP90080 NSC-LMP90080 Datasheet
1Mb / 62P
   Sensor AFE System: Multi-Channel, Low-Power 16-Bit
LMP90100 NSC-LMP90100 Datasheet
1Mb / 62P
   Sensor AFE System: Multi-Channel, Low Power 24-Bit
logo
Texas Instruments
LMP90100 TI1-LMP90100_16 Datasheet
1Mb / 74P
[Old version datasheet]   Sensor AFE System: Multichannel, Low-Power, 24-Bit Sensor AFE
logo
Allegro MicroSystems
A1468 ALLEGRO-A1468 Datasheet
693Kb / 15P
   Three-Wire True Zero-Speed Differential Peak-Detecting Sensor IC with Continuous Calibration
A1469 ALLEGRO-A1469 Datasheet
881Kb / 15P
   Three-Wire True Zero-Speed Differential Peak-Detecting Sensor IC with Continuous Calibration
A1642LK ALLEGRO-A1642LK Datasheet
326Kb / 13P
   Two-Wire True Zero-Speed Miniature Differential Peak-Detecting Sensor with Continuous Calibration
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com